Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVT646DW Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74LVT646DW
Description  3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVT646DW Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LVT646DW Datasheet HTML 2Page - Texas Instruments SN74LVT646DW Datasheet HTML 3Page - Texas Instruments SN74LVT646DW Datasheet HTML 4Page - Texas Instruments SN74LVT646DW Datasheet HTML 5Page - Texas Instruments SN74LVT646DW Datasheet HTML 6Page - Texas Instruments SN74LVT646DW Datasheet HTML 7Page - Texas Instruments SN74LVT646DW Datasheet HTML 8Page - Texas Instruments SN74LVT646DW Datasheet HTML 9Page - Texas Instruments SN74LVT646DW Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
SN54LVT646, SN74LVT646
3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS
WITH 3-STATE OUTPUTS
SCBS140D – MAY 1992 – REVISED JULY 1995
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted) (see Figure 2)
SN54LVT646
SN74LVT646
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
0
150
0
150
0
150
0
150
MHz
tw
Pulse duration, CLK high or low
3.3
3.3
3.3
3.3
ns
t
Setup time, A or B before CLKAB
↑ or
Data high
1.5
1.5
1.3
1.3
ns
tsu
Setu time, A or B before CLKAB
↑ or
CLKBA
Data low
2.5
3.0
2
2.4
ns
th
Hold time, A or B after
CLKAB
↑ or CLKBA↑
0.9
0.9
0.4
0.4
ns
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 2)
SN54LVT646
SN74LVT646
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
UNIT
MIN
MAX
MIN
MAX
MIN
TYP†
MAX
MIN
MAX
fmax
150
150
MHz
tPLH
CLKBA or
AorB
1.2
5.9
6.9
1.8
3.8
5.7
6.7
ns
tPHL
CLKAB
A or B
1.2
5.9
6.6
2.1
3.8
5.7
6.4
ns
tPLH
AorB
BorA
0.8
4.9
5.6
1.3
2.8
4.7
5.4
ns
tPHL
A or B
B or A
0.6
4.8
5.5
1
2.7
4.6
5.3
ns
tPLH
SBA or SAB‡
AorB
1
6.4
7.4
1.4
3.7
6.2
7.2
ns
tPHL
SBA or SAB‡
A or B
1
6.4
7
1.4
3.8
6.2
6.8
ns
tPZH
OE
AorB
0.6
6
7.4
1
3
5.8
7.2
ns
tPZL
OE
A or B
0.6
6.2
7.5
1
3.2
6
7.3
ns
tPHZ
OE
AorB
1.4
6.7
7.1
2.3
4.3
6.5
6.9
ns
tPLZ
OE
A or B
1.4
6.4
6.5
2.2
3.8
5.8
5.9
ns
tPZH
DIR
AorB
0.6
6.7
7.7
1
3.4
6.5
7.5
ns
tPZL
DIR
A or B
0.8
6.5
7.3
1.2
3.4
6.3
7.1
ns
tPHZ
DIR
AorB
0.8
7.4
8.3
1.7
4.1
7.2
8.1
ns
tPLZ
DIR
A or B
1
6.7
7
1.5
3.5
5.8
6.3
ns
† All typical values are at VCC = 3.3 V, TA = 25°C.
‡ These parameters are measured with the internal output state of the storage register opposite to that of the bus input.


Similar Part No. - SN74LVT646DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVT646DW TI1-SN74LVT646DW Datasheet
386Kb / 18P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN74LVT646DWR TI1-SN74LVT646DWR Datasheet
386Kb / 18P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVT646DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH646 TI-SN54LVTH646 Datasheet
137Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVTH646 TI1-SN54LVTH646_15 Datasheet
936Kb / 19P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN74LVT652 TI-SN74LVT652 Datasheet
179Kb / 11P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVT2952 TI-SN54LVT2952 Datasheet
151Kb / 9P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVT646 TI1-SN54LVT646_14 Datasheet
386Kb / 18P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVT2952 TI1-SN54LVT2952_14 Datasheet
250Kb / 11P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVTH652 TI-SN54LVTH652 Datasheet
151Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVTH2952 TI-SN54LVTH2952 Datasheet
124Kb / 8P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVT652 TI1-SN54LVT652 Datasheet
279Kb / 13P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVTR245 TI-SN54LVTR245 Datasheet
117Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com