Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL4001 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # LL4001
Description  SURFACE MOUNT SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

LL4001 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  LL4001 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. LL4001 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dated : 23/12/2008
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
LL4001...LL4007
1
0.01
0.1
10
Instantaneouss Forward Voltage, V
Typical Instantaneous Forward
Characteristics
0.01
0.4
0.6
0.1
1
10
1.4
Tj=25 C
pulse width=300 s
1% duty cycle
1
0.8
1.2
1.6
Percent of Rated Peak Reverse Voltage, %
40
0
140
120
80
Tj=25 C
Tj=100 C
Typical Reverse Characteristics
Typical junction capacitance
Reverse voltage, V
1
0.1
10
110
Tj=25 C
200
100
100
125
Ambient Temperature, C
Typical forward current derating curve
0.6
25
Single phase half wave 60Hz
resistive or inductive load
0
0.2
0.4
75
50
100
0.8
1.0
175
o
150
Number of cycles at 60Hz
Maximum non-repetitive
forward surge current
0
1
30
20
10
50
40
100
10
8.3ms single half sine
wave JEDEC method


Similar Part No. - LL4001

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
LL4001 SEMTECH-LL4001 Datasheet
44Kb / 1P
   Silicon Rectifiers
logo
DAESAN ELECTRONIC CORP.
LL4001 DAESAN-LL4001 Datasheet
273Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
logo
Yangzhou yangjie electr...
LL4001 YANGJIE-LL4001 Datasheet
133Kb / 2P
   General Purpose Rectifier
logo
DAESAN ELECTRONIC CORP.
LL4001 DAESAN-LL4001 Datasheet
486Kb / 2P
   STANDARD RECTIFIER
logo
Jinan Jingheng (Group) ...
LL4001G JINANJINGHENG-LL4001G Datasheet
72Kb / 2P
   Surface Mount Glass Passivated Rectifier
More results

Similar Description - LL4001

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
LM4001 SEMTECH_ELEC-LM4001 Datasheet
280Kb / 2P
   SURFACE MOUNT SILICON RECTIFIERS
logo
MIC GROUP RECTIFIERS
G2AF MIC-G2AF Datasheet
85Kb / 3P
   SURFACE MOUNT SILICON RECTIFIERS
logo
Frontier Electronics.
S07A-LFR FRONTIER-S07A-LFR Datasheet
120Kb / 2P
   SURFACE MOUNT SILICON RECTIFIERS
logo
Galaxy Semi-Conductor H...
S2DF BILIN-S2DF Datasheet
449Kb / 4P
   Surface Mount Silicon Rectifiers
logo
Weitron Technology
S3A WEITRON-S3A Datasheet
185Kb / 3P
   Surface Mount Silicon Rectifiers
logo
Frontier Electronics.
SM4001 FRONTIER-SM4001 Datasheet
119Kb / 2P
   1A SURFACE MOUNT SILICON RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM4001A SECOS-SM4001A_15 Datasheet
379Kb / 2P
   1.0Amp Surface Mount Silicon Rectifiers
logo
Central Semiconductor C...
CMSH3-20 CENTRAL-CMSH3-20_15 Datasheet
338Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
CMSH5-100HV CENTRAL-CMSH5-100HV_15 Datasheet
453Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
CS223-2M CENTRAL-CS223-2M Datasheet
285Kb / 3P
   SURFACE MOUNT SILICON CONTROLLED RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com