Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3120A Datasheet(PDF) 2 Page - ON Semiconductor

Part # ADP3120A
Description  Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3120A Datasheet(HTML) 2 Page - ON Semiconductor

  ADP3120A Datasheet HTML 1Page - ON Semiconductor ADP3120A Datasheet HTML 2Page - ON Semiconductor ADP3120A Datasheet HTML 3Page - ON Semiconductor ADP3120A Datasheet HTML 4Page - ON Semiconductor ADP3120A Datasheet HTML 5Page - ON Semiconductor ADP3120A Datasheet HTML 6Page - ON Semiconductor ADP3120A Datasheet HTML 7Page - ON Semiconductor ADP3120A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ADP3120A
http://onsemi.com
2
Figure 1. Block Diagram
8
1
4
7
5
6
2
3
VCC
DRVH
BST
SWN
DRVL
PGND
OD
IN
TSD
UVLO
VCC
MONITOR
FALLING
EDGE
DELAY
MONITOR
FALLING
EDGE
DELAY
NON−OVERLAP
TIMERS
MIN DRVL
OFF TIMER
START
STOP
PIN DESCRIPTION
SO−8
DFN8
Symbol
Description
1
1
BST
Upper MOSFET Floating Bootstrap Supply. A capacitor connected between BST and SW pins holds
this bootstrap voltage for the high−side MOSFET as it is switched. The recommended capacitor value
is between 100 nF and 1.0 mF. An external diode is required with the ADP3120A.
2
2
IN
Logic−Level Input. This pin has primary control of the drive outputs.
3
3
OD
Output Disable. When low, normal operation is disabled forcing DRVH and DRVL low.
4
4
VCC
Input Supply. A 1.0 mF ceramic capacitor should be connected from this pin to PGND.
5
5
DRVL
Output drive for the lower MOSFET.
6
6
PGND
Power Ground. Should be closely connected to the source of the lower MOSFET.
7
7
SWN
Switch Node. Connect to the source of the upper MOSFET.
8
8
DRVH
Output drive for the upper MOSFET.


Similar Part No. - ADP3120A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3120A AD-ADP3120A Datasheet
292Kb / 16P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. 0
ADP3120AJCPZ-RL AD-ADP3120AJCPZ-RL Datasheet
292Kb / 16P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. 0
logo
ON Semiconductor
ADP3120AJCPZ-RL ONSEMI-ADP3120AJCPZ-RL Datasheet
126Kb / 8P
   Dual Bootstrapped, 12 V MOSFET Driver
June, 2012 ??Rev. 4
logo
Analog Devices
ADP3120AJRZ AD-ADP3120AJRZ Datasheet
292Kb / 16P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. 0
logo
ON Semiconductor
ADP3120AJRZ ONSEMI-ADP3120AJRZ Datasheet
126Kb / 8P
   Dual Bootstrapped, 12 V MOSFET Driver
June, 2012 ??Rev. 4
More results

Similar Description - ADP3120A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3418 ONSEMI-NCP3418 Datasheet
90Kb / 10P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2004 ??Rev. 10
NCP3418 ONSEMI-NCP3418_06 Datasheet
110Kb / 9P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2006 ??Rev. 12
logo
Analog Devices
ADP3650 AD-ADP3650 Datasheet
279Kb / 12P
   Dual, Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. A
ADP3418 AD-ADP3418 Datasheet
326Kb / 16P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
REV. B
logo
ON Semiconductor
ADP3121 ONSEMI-ADP3121 Datasheet
147Kb / 10P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
April, 2009 ??Rev. 0
logo
Analog Devices
ADP3120A AD-ADP3120A Datasheet
292Kb / 16P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. 0
logo
ON Semiconductor
ADP3110A ONSEMI-ADP3110A Datasheet
132Kb / 8P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
August, 2008 ??Rev. 4
logo
Analog Devices
ADP3110 AD-ADP3110 Datasheet
245Kb / 12P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. 0
logo
ON Semiconductor
ADP3418 ONSEMI-ADP3418 Datasheet
308Kb / 13P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
May 2010 ??Rev. 6
NCP3418BDR2G ONSEMI-NCP3418BDR2G Datasheet
255Kb / 9P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
April, 2007 -- Rev. 13
logo
Analog Devices
ADP3120 AD-ADP3120 Datasheet
272Kb / 16P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com