Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A5191HRTPG-XTP Datasheet(PDF) 6 Page - ON Semiconductor

Part # A5191HRTPG-XTP
Description  HART Modem
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

A5191HRTPG-XTP Datasheet(HTML) 6 Page - ON Semiconductor

Back Button A5191HRTPG-XTP Datasheet HTML 2Page - ON Semiconductor A5191HRTPG-XTP Datasheet HTML 3Page - ON Semiconductor A5191HRTPG-XTP Datasheet HTML 4Page - ON Semiconductor A5191HRTPG-XTP Datasheet HTML 5Page - ON Semiconductor A5191HRTPG-XTP Datasheet HTML 6Page - ON Semiconductor A5191HRTPG-XTP Datasheet HTML 7Page - ON Semiconductor A5191HRTPG-XTP Datasheet HTML 8Page - ON Semiconductor A5191HRTPG-XTP Datasheet HTML 9Page - ON Semiconductor A5191HRTPG-XTP Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
A5191HRT
4.2 Transmit-Signal Shaper
The transmit-signal shaper generates a HART compliant FSK modulated signal at OTXA. Figure 6 and Figure 7 show the transmit-
signal forms of the A5191HRT.
For IAREF = 1.235 VDC, OTXA will have a voltage swing from approximately 0.25 to 0.75 VDC.
Figure 6: OTXA Waveform (1200Hz)
Figure 7: OTXA Waveform (2200Hz)
4.3 Carrier Detect Circuitry
The carrier detect comparator shown in Figure 8 generates logic low output if the IRXAC voltage is below ICDREF. The comparator
output is fed into a carrier detect block (see Figure 4). The carrier detect block drives the carrier detect output pin OCD high if INRTS is
high and four consecutive pulses out of the comparator have arrived. OCD stays high as long as INRTS is high and the next
comparator pulse is received in less than 2.5ms. Once OCD goes inactive, it takes four consecutive pulses out of the comparator to
Rev. 3 | Page 6 of 13 | www.onsemi.com


Similar Part No. - A5191HRTPG-XTP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
A5191HRTPG-XTP ONSEMI-A5191HRTPG-XTP Datasheet
199Kb / 14P
   HART Modem
March, 2013 ??Rev. 6
A5191HRTPG-XTP ONSEMI-A5191HRTPG-XTP Datasheet
160Kb / 14P
   HART Modem
September, 2016 ??Rev. 9
More results

Similar Description - A5191HRTPG-XTP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
A5191HRT ONSEMI-A5191HRT_11 Datasheet
198Kb / 14P
   HART Modem
December, 2011 ??Rev. 5
NCN5193 ONSEMI-NCN5193 Datasheet
200Kb / 14P
   HART Modem
June, 2014 ??Rev. P4
NCN5192 ONSEMI-NCN5192 Datasheet
309Kb / 13P
   HART Modem
October, 2011 ??Rev. 2
logo
Maxim Integrated Produc...
DS8500 MAXIM-DS8500 Datasheet
107Kb / 6P
   HART Modem
Rev 0; 10/08
logo
ON Semiconductor
NCN5192 ONSEMI-NCN5192_14 Datasheet
247Kb / 13P
   HART Modem
February, 2014 ??Rev. 3
NCN5193 ONSEMI-NCN5193_16 Datasheet
198Kb / 14P
   HART Modem
March, 2016 ??Rev. 1
A5191HRTPG ONSEMI-A5191HRTPG Datasheet
199Kb / 14P
   HART Modem
March, 2013 ??Rev. 6
A5191HRT ONSEMI-A5191HRT_16 Datasheet
160Kb / 14P
   HART Modem
September, 2016 ??Rev. 9
NCN5193 ONSEMI-NCN5193_3 Datasheet
199Kb / 14P
   HART Modem
September, 2016 ??Rev. 3
logo
Maxim Integrated Produc...
DS8500 MAXIM-DS8500_09 Datasheet
170Kb / 7P
   HART Modem
Rev 1; 2/09
logo
List of Unclassifed Man...
20C12 ETC1-20C12 Datasheet
468Kb / 11P
   HART MODEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com