Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMIS30622C6227G Datasheet(PDF) 8 Page - ON Semiconductor

Part # AMIS30622C6227G
Description  I짼C Micro-Stepping Motor Driver
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AMIS30622C6227G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button AMIS30622C6227G Datasheet HTML 4Page - ON Semiconductor AMIS30622C6227G Datasheet HTML 5Page - ON Semiconductor AMIS30622C6227G Datasheet HTML 6Page - ON Semiconductor AMIS30622C6227G Datasheet HTML 7Page - ON Semiconductor AMIS30622C6227G Datasheet HTML 8Page - ON Semiconductor AMIS30622C6227G Datasheet HTML 9Page - ON Semiconductor AMIS30622C6227G Datasheet HTML 10Page - ON Semiconductor AMIS30622C6227G Datasheet HTML 11Page - ON Semiconductor AMIS30622C6227G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
Rev. 3 | Page 8 of 42 | www.onsemi.com
AMIS-30622
5.
DC-Parameters
The DC parameters are given for Vbb and temperature in their operating ranges
Convention: currents flowing in the circuit are defined as positive
Symbol
Pin(s)
Parameter
Test Conditions
Min
Typ
Max
Unit
Motordriver
IMSmax
Peak
Max current trough motor coil in
normal operation
800
mA
IMSmax
RMS
Max RMS current trough coil in
normal operation
570
mA
IMSabs
Absolute error on coil current
-10
10
%
IMSrel
Error on current ratio Icoilx / Icoily
-7
7
%
RDSon
On resistance for each pin
(including bond wire)
To be confirmed by
characterization
1
IMSL
MOTXP
MOTXN
MOTYP
MOTYN
Pull down current
HZ mode
1
mA
Thermal warning & shutdown
Ttw
Thermal Warning
138
145
152
°C
Ttsd
Thermal shutdown (1)
Ttw+10
°C
Tlow
Low temperature warning
Ttw-155
°C
Supply & Voltage regulator
Vbb
Nominal operating supply range (2)
6.5
18
V
VbbOTP
Supply voltage for OTP zapping
9.0
10.0
V
UV1
Stop voltage high threshold
9.8
V
UV2
Stop voltage low threshold
8.0
8.5
9.0
V
Ibat
VBB
Total current consumption
Unloaded outputs
10
mA
Vdd
Internal regulated output (3)
8V < Vbb < 18V
Cload = 1µF (+100nF cer.)
4.75
5
5.35
V
IddStop
Digital current consumption
Vbb < UV2
2
mA
VddReset
Digital supply reset level (4)
4.4
V
IddLim
VDD
Current limitation
Pin shorted to ground
40
mA
Switch input and hardwire address input
Rt_OFF
Switch OFF resistance (5)
10
kΩ
Rt_ON
Switch ON resistance (5)
Switch to Gnd or Vbat,
2
kΩ
Vbb_sw
Vbb range for guaranteed operation
of SWI and HW
6
29
V
Vmax_sw
Maximum voltage
T < 1s
40V
V
Ilim_sw
SWI
HW
Current limitation
Short to Gnd or Vbat
30
mA
Serial interface pins
VIL
Input level low (6)
-0.5
0.3 Vdd
V
VIH
Input level high (7)
0.7 Vdd
Vdd + 0.5
V
VnL
Noise margin at the LOW level for
each connected device (including
hysteresis)
0.1VDD
V
VnH
SDA
SCK
Noise margin at the HIGH level for
each connected device (including
hysteresis)
0.2VDD
V
Charge pump
Vbb > 15V
Vbb+10
Vbb+12.5
Vbb+15
V
Vcp
Output voltage
Vbb > 8V
Vbb+5.8V
V
Cbuffer
VCP
External buffer capacitor
220
470
nF
Cpump
CPP
CPN
External pump capacitor
220
470
nF
Notes
(1) No more than 100 cumulated hours in life time above Ttsd
(2) Communication over serial bus is operating. Motordriver is disabled when Vbb < UV2
(3) Pin VDD must not be used for any external supply
(4) The RAM content will not be altered above this voltage
(5) External resistance value seen from pin SWI or HW, including 1kΩ series resistor
(6) If Input voltage ≤ -0.3 Volts, then a resistor of 22 to 100must be added in series
(7) In case 100 kHz ≤ fSCL ≤ 360kHz VIH min = 0.7VDD


Similar Part No. - AMIS30622C6227G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS30622C6227G ONSEMI-AMIS30622C6227G Datasheet
524Kb / 50P
   I2C Micro-Stepping Motor Driver
July, 2013 ??Rev. 5
More results

Similar Description - AMIS30622C6227G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS-30521 ONSEMI-AMIS-30521_10 Datasheet
317Kb / 28P
   Micro-Stepping Motor Driver
December, 2009 ??Rev. 2
AMIS-30532 ONSEMI-AMIS-30532_15 Datasheet
377Kb / 29P
   Micro-Stepping Motor Driver
March, 2015 ??Rev. 2
AMIS30532C5321G ONSEMI-AMIS30532C5321G Datasheet
439Kb / 29P
   Micro-Stepping Motor Driver
August, 2012 ??Rev. 1
AMIS-30511 ONSEMI-AMIS-30511 Datasheet
387Kb / 28P
   Micro-Stepping Motor Driver
September, 2008 ??Rev. 1
NCV70514 ONSEMI-NCV70514_17 Datasheet
319Kb / 31P
   Micro-stepping Motor Driver
September, 2017 ??Rev. 4
NCV70628 ONSEMI-NCV70628 Datasheet
514Kb / 58P
   Micro-stepping Motor Driver
December, 2017 ??Rev. 0
NCV70627 ONSEMI-NCV70627 Datasheet
558Kb / 61P
   Micro-stepping Motor Driver
August, 2015 ??Rev. 0
NCV70522 ONSEMI-NCV70522 Datasheet
341Kb / 29P
   Micro-Stepping Motor Driver
December, 2009 ??Rev. 0
NCV70514 ONSEMI-NCV70514_16 Datasheet
319Kb / 31P
   Micro-stepping Motor Driver
October, 2016 ??Rev. 3
NCV70514 ONSEMI-NCV70514 Datasheet
318Kb / 31P
   Micro-stepping Motor Driver
September, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com