Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4728A Datasheet(PDF) 5 Page - Motorola, Inc

Part # 1N4728A
Description  One Watt Hermetically Sealed Glass Silicon Zener Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

1N4728A Datasheet(HTML) 5 Page - Motorola, Inc

  1N4728A Datasheet HTML 1Page - Motorola, Inc 1N4728A Datasheet HTML 2Page - Motorola, Inc 1N4728A Datasheet HTML 3Page - Motorola, Inc 1N4728A Datasheet HTML 4Page - Motorola, Inc 1N4728A Datasheet HTML 5Page - Motorola, Inc 1N4728A Datasheet HTML 6Page - Motorola, Inc 1N4728A Datasheet HTML 7Page - Motorola, Inc 1N4728A Datasheet HTML 8Page - Motorola, Inc 1N4728A Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
GENERAL DATA — 1–1.3 WATT DO-41 GLASS
Motorola TVS/Zener Device Data
6-24
1–1.3 Watt DO-41 Glass Data Sheet
*ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) VF = 1.2 V Max, IF = 200 mA for all types.
JEDEC
Type No.
(Note 1)
Nominal
Zener Voltage
VZ @ IZT
Volts
(Notes 2 and 3)
Test
Current
IZT
mA
Maximum Zener Impedance (Note 4)
Leakage Current
Surge Current @
TA = 25°C
ir – mA
(Note 5)
JEDEC
Type No.
(Note 1)
Zener Voltage
VZ @ IZT
Volts
(Notes 2 and 3)
Test
Current
IZT
mA
ZZT @ IZT
Ohms
ZZK @ IZK
Ohms
IZK
mA
IR
µA Max
VR
Volts
Surge Current @
TA = 25°C
ir – mA
(Note 5)
1N4728A
3.3
76
10
400
1
100
1
1380
1N4729A
3.6
69
10
400
1
100
1
1260
1N4730A
3.9
64
9
400
1
50
1
1190
1N4731A
4.3
58
9
400
1
10
1
1070
1N4732A
4.7
53
8
500
1
10
1
970
1N4733A
5.1
49
7
550
1
10
1
890
1N4734A
5.6
45
5
600
1
10
2
810
1N4735A
6.2
41
2
700
1
10
3
730
1N4736A
6.8
37
3.5
700
1
10
4
660
1N4737A
7.5
34
4
700
0.5
10
5
605
1N4738A
8.2
31
4.5
700
0.5
10
6
550
1N4739A
9.1
28
5
700
0.5
10
7
500
1N4740A
10
25
7
700
0.25
10
7.6
454
1N4741A
11
23
8
700
0.25
5
8.4
414
1N4742A
12
21
9
700
0.25
5
9.1
380
1N4743A
13
19
10
700
0.25
5
9.9
344
1N4744A
15
17
14
700
0.25
5
11.4
304
1N4745A
16
15.5
16
700
0.25
5
12.2
285
1N4746A
18
14
20
750
0.25
5
13.7
250
1N4747A
20
12.5
22
750
0.25
5
15.2
225
1N4748A
22
11.5
23
750
0.25
5
16.7
205
1N4749A
24
10.5
25
750
0.25
5
18.2
190
1N4750A
27
9.5
35
750
0.25
5
20.6
170
1N4751A
30
8.5
40
1000
0.25
5
22.8
150
1N4752A
33
7.5
45
1000
0.25
5
25.1
135
1N4753A
36
7
50
1000
0.25
5
27.4
125
1N4754A
39
6.5
60
1000
0.25
5
29.7
115
1N4755A
43
6
70
1500
0.25
5
32.7
110
1N4756A
47
5.5
80
1500
0.25
5
35.8
95
1N4757A
51
5
95
1500
0.25
5
38.8
90
1N4758A
56
4.5
110
2000
0.25
5
42.6
80
1N4759A
62
4
125
2000
0.25
5
47.1
70
1N4760A
68
3.7
150
2000
0.25
5
51.7
65
1N4761A
75
3.3
175
2000
0.25
5
56
60
1N4762A
82
3
200
3000
0.25
5
62.2
55
1N4763A
91
2.8
250
3000
0.25
5
69.2
50
1N4764A
100
2.5
350
3000
0.25
5
76
45
*Indicates JEDEC Registered Data.
NOTE 1. TOLERANCE AND TYPE NUMBER DESIGNATION
The JEDEC type numbers listed have a standard tolerance on the nominal zener voltage of
±5%. C for ±2%, D for ±1%.
NOTE 2. SPECIALS AVAILABLE INCLUDE:
Nominal zener voltages between the voltages shown and tighter voltage tolerances.
For detailed information on price, availability, and delivery, contact your nearest Motorola rep-
resentative.
NOTE 3. ZENER VOLTAGE (VZ) MEASUREMENT
Motorola guarantees the zener voltage when measured at 90 seconds while maintaining the
lead temperature (TL) at 30°C ± 1°C, 3/8″ from the diode body.
NOTE 4. ZENER IMPEDANCE (ZZ) DERIVATION
The zener impedance is derived from the 60 cycle ac voltage, which results when an ac cur-
rent having an rms value equal to 10% of the dc zener current (IZT or IZK) is superimposed
on IZT or IZK.
NOTE 5. SURGE CURRENT (ir) NON-REPETITIVE
The rating listed in the electrical characteristics table is maximum peak, non-repetitive, re-
verse surge current of 1/2 square wave or equivalent sine wave pulse of 1/120 second dura-
tion superimposed on the test current, IZT, per JEDEC registration; however, actual device
capability is as described in Figure 5 of the General Data — DO-41 Glass.


Similar Part No. - 1N4728A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Fairchild Semiconductor
1N4728A FAIRCHILD-1N4728A Datasheet
666Kb / 4P
   Zener Diodes
logo
SeCoS Halbleitertechnol...
1N4728A SECOS-1N4728A Datasheet
149Kb / 2P
   ZENER DIODES
logo
Microsemi Corporation
1N4728A MICROSEMI-1N4728A Datasheet
178Kb / 3P
   Silicon 1 Watt Zener Diodes
logo
List of Unclassifed Man...
1N4728A ETC1-1N4728A Datasheet
56Kb / 2P
   ZENER DIODES
More results

Similar Description - 1N4728A

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N4728 NJSEMI-1N4728 Datasheet
146Kb / 1P
   ONE WATT HERMETICALLY SEALED GLASS SILICON ZENER DIODES
1N4728A NJSEMI-1N4728A Datasheet
185Kb / 1P
   1 WATT HERMETICALLY SEALED GLASS SILICON ZENER DIODES
logo
Microsemi Corporation
1N4465JANTX MICROSEMI-1N4465JANTX Datasheet
446Kb / 6P
   VOIDLESS HERMETICALLY SEALED 1.5 WATT GLASS ZENER DIODES
logo
ON Semiconductor
MZ4614 ONSEMI-MZ4614 Datasheet
117Kb / 8P
   500 Milliwatt Hermetically Sealed Glass Silicon Zener Diodes
logo
New Jersey Semi-Conduct...
1N4614 NJSEMI-1N4614 Datasheet
196Kb / 1P
   400 MILLIWATT HERMETICALLY SEALED GLASS SILICON ZENER DIODES
logo
Taiwan Semiconductor Co...
1N5221B TSC-1N5221B_15 Datasheet
201Kb / 8P
   0.5W Hermetically Sealed Glass Zener Diodes
1N5221B TSC-1N5221B Datasheet
96Kb / 5P
   0.5W Hermetically Sealed Glass Zener Diodes
MTZJ2V0SA TSC-MTZJ2V0SA Datasheet
242Kb / 7P
   500mW, Hermetically Sealed Glass Zener Diodes
logo
TRANSYS Electronics Lim...
1N957B TEL-1N957B Datasheet
231Kb / 2P
   Hermetically Sealed Glass Package Zener Diodes
logo
Guangdong Juxing Electr...
LLZ2V0 JUXING-LLZ2V0 Datasheet
636Kb / 3P
   500mW Hermetically Sealed Glass Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com