Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMIS30623C6239RG Datasheet(PDF) 7 Page - ON Semiconductor

Part # AMIS30623C6239RG
Description  LIN Micro-Stepping Motor Driver
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AMIS30623C6239RG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button AMIS30623C6239RG Datasheet HTML 3Page - ON Semiconductor AMIS30623C6239RG Datasheet HTML 4Page - ON Semiconductor AMIS30623C6239RG Datasheet HTML 5Page - ON Semiconductor AMIS30623C6239RG Datasheet HTML 6Page - ON Semiconductor AMIS30623C6239RG Datasheet HTML 7Page - ON Semiconductor AMIS30623C6239RG Datasheet HTML 8Page - ON Semiconductor AMIS30623C6239RG Datasheet HTML 9Page - ON Semiconductor AMIS30623C6239RG Datasheet HTML 10Page - ON Semiconductor AMIS30623C6239RG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 65 page
background image
AMIS-30623
Symbol
Pin(s)
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Hardwired Address Inputs and Test Pin
Vlow
Input level high
0.7 * Vdd
.
V
Vhigh
Input level low
0.3 * Vdd
V
HWhyst
HW0
HW1 TST
Hysteresis
0.075 * Vdd
V
Charge Pump
Vbb > 15V
Vbb+10
Vbb+12.5
Vbb+15
V
Vcp
Output voltage
8V < Vbb < 15V
2 * Vbb – 5
2 * Vbb – 2.5
2 * Vbb
V
Cbuffer
VCP
External buffer capacitor
220
470
nF
Cpump
CPP CPN External pump capacitor
220
470
nF
Motion Qualification Mode Output
VOUT
Output voltage swing
TestBemf LIN command
0 - 4,85
V
ROUT
Output impedance
Service mode LIN command
2
k
Ω
Av
SWI
Gain = VSWI / VBEMF
Service mode LIN command
0,50
Notes:
(1) No more than 100 cumulated hours in life time above Ttsd.
(2) Thermal shutdown and low temperature warning are derived from thermal warning.
(3) A 10
μF buffer capacitor of between VBB and GND is minimum needed. Short connections to the power supply are recommended.
(4) Pin VDD must not be used for any external supply
(5) The RAM content will not be altered above this voltage.
(6) External resistance value seen from pin SWI or HW2, including 1 k
Ω series resistor.
Table 6: UV Limits for Different Version
Symbol
Pin(s)
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Supply Thresholds AMIS-30623A
UV1
Stop voltage high threshold
8.8
9.4
9.9
V
UV2
VBB
Stop voltage low threshold
8.1
8.5
9.0
V
Supply Thresholds AMIS-30623B
UV1
Stop voltage high threshold
7.8
8.4
8.9
V
UV2
VBB
Stop voltage low threshold
7.1
7.5
8.0
V
Rev. 4 | Page 7 of 65 | www.onsemi.com


Similar Part No. - AMIS30623C6239RG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS30623C6239RG ONSEMI-AMIS30623C6239RG Datasheet
620Kb / 61P
   Micro-stepping Motor Driver
May, 2009 ??Rev. 7
More results

Similar Description - AMIS30623C6239RG

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC211 TRINAMIC-TMC211_1 Datasheet
656Kb / 56P
   Micro Stepping Stepper Motor Controller / Driver with LIN Interface
logo
ON Semiconductor
AMIS-30521 ONSEMI-AMIS-30521_10 Datasheet
317Kb / 28P
   Micro-Stepping Motor Driver
December, 2009 ??Rev. 2
AMIS-30532 ONSEMI-AMIS-30532_15 Datasheet
377Kb / 29P
   Micro-Stepping Motor Driver
March, 2015 ??Rev. 2
AMIS30532C5321G ONSEMI-AMIS30532C5321G Datasheet
439Kb / 29P
   Micro-Stepping Motor Driver
August, 2012 ??Rev. 1
AMIS-30511 ONSEMI-AMIS-30511 Datasheet
387Kb / 28P
   Micro-Stepping Motor Driver
September, 2008 ??Rev. 1
NCV70514 ONSEMI-NCV70514_17 Datasheet
319Kb / 31P
   Micro-stepping Motor Driver
September, 2017 ??Rev. 4
NCV70628 ONSEMI-NCV70628 Datasheet
514Kb / 58P
   Micro-stepping Motor Driver
December, 2017 ??Rev. 0
NCV70627 ONSEMI-NCV70627 Datasheet
558Kb / 61P
   Micro-stepping Motor Driver
August, 2015 ??Rev. 0
NCV70522 ONSEMI-NCV70522 Datasheet
341Kb / 29P
   Micro-Stepping Motor Driver
December, 2009 ??Rev. 0
NCV70514 ONSEMI-NCV70514_16 Datasheet
319Kb / 31P
   Micro-stepping Motor Driver
October, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com