Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBSS8402DW1T1G Datasheet(PDF) 6 Page - Leshan Radio Company

Part # LBSS8402DW1T1G
Description  FETs and Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBSS8402DW1T1G Datasheet(HTML) 6 Page - Leshan Radio Company

  LBSS8402DW1T1G Datasheet HTML 1Page - Leshan Radio Company LBSS8402DW1T1G Datasheet HTML 2Page - Leshan Radio Company LBSS8402DW1T1G Datasheet HTML 3Page - Leshan Radio Company LBSS8402DW1T1G Datasheet HTML 4Page - Leshan Radio Company LBSS8402DW1T1G Datasheet HTML 5Page - Leshan Radio Company LBSS8402DW1T1G Datasheet HTML 6Page - Leshan Radio Company LBSS8402DW1T1G Datasheet HTML 7Page - Leshan Radio Company LBSS8402DW1T1G Datasheet HTML 8Page - Leshan Radio Company LBSS8402DW1T1G Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
LESHAN RADIO COMPANY, LTD.
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
INCHES
MILLIMETERS
DIM
MIN
MAX
MIN
MAX
A
0.071
0.087
1.80
2.20
B
0.045
0.053
1.15
1.35
C
0.031
0.043
0.80
1.10
D
0.004
0.012
0.10
0.30
G
0.026 BSC
0.65 BSC
H
---
0.004
---
0.10
J
0.004
0.010
0.10
0.25
K
0.004
0.012
0.10
0.30
N
0.008 REF
0.20 REF
S
0.079
0.087
2.00
2.20
PIN 1. EMITTER 1
2. BASE 1
3. COLLECTOR 2
4.EMITTER 2
5. BASE 2
6.COLLECTOR 1
B
0.2 (0.008)
A
G
S
H
C
N
J
K
D6PL
6
5
4
1
2
3
- B -
M
M
0.5 mm (min)
1.9 mm
SC-88/SOT-363
3/6
LBSS8402DW1T1G


Similar Part No. - LBSS8402DW1T1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBSS8402DW1T1G LRC-LBSS8402DW1T1G_15 Datasheet
1,009Kb / 6P
   Power MOSFET
More results

Similar Description - LBSS8402DW1T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DL126TRS ONSEMI-DL126TRS Datasheet
100Kb / 8P
   Tape & Reel and Packaging Specifications for Small-Signal Transistors, FETs and Diodes
November, 2001 ??Rev.2
logo
MPS Industries, Inc.
MP86936 MPSIND-MP86936 Datasheet
606Kb / 14P
   Intelli-PhaseTM Solution with Integrated Driver and HS-FETs/LS-FETs
Rev. 1.1 8/4/2023
logo
Motorola, Inc
JF1033 MOTOROLA-JF1033 Datasheet
25Kb / 1P
   SMALL-SIGNAL TRANSISTOR,FETs AND DIODE
logo
Transcom, Inc.
TC1201 TRANSCOM-TC1201 Datasheet
251Kb / 6P
   Low Noise and Medium Power GaAs FETs
TC1201V TRANSCOM-TC1201V Datasheet
122Kb / 2P
   Low Noise and Medium Power GaAs FETs
logo
Maxim Integrated Produc...
MAX16046EVKIT MAXIM-MAX16046EVKIT Datasheet
1Mb / 25P
   On-Board LDO Regulators and Tracking FETs
Rev 1; 3/09
logo
List of Unclassifed Man...
TC1101 ETC2-TC1101 Datasheet
154Kb / 6P
   Low Noise and Medium Power GaAs FETs
logo
Transcom, Inc.
TC1101 TRANSCOM-TC1101 Datasheet
250Kb / 5P
   Low Noise and Medium Power GaAs FETs
TC1304V TRANSCOM-TC1304V Datasheet
71Kb / 2P
   Low Noise and Medium Power GaAs FETs
logo
List of Unclassifed Man...
TC1301 ETC-TC1301 Datasheet
206Kb / 6P
   Low Noise and Medium Power GaAs FETs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com