Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LESDA5VAW6T1G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LESDA5VAW6T1G
Description  Low Capacitance Q uad Array for ESD Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LESDA5VAW6T1G Datasheet(HTML) 2 Page - Leshan Radio Company

  LESDA5VAW6T1G Datasheet HTML 1Page - Leshan Radio Company LESDA5VAW6T1G Datasheet HTML 2Page - Leshan Radio Company LESDA5VAW6T1G Datasheet HTML 3Page - Leshan Radio Company LESDA5VAW6T1G Datasheet HTML 4Page - Leshan Radio Company LESDA5VAW6T1G Datasheet HTML 5Page - Leshan Radio Company LESDA5VAW6T1G Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Parameter
Symbol
Parameter
VRM
Stand-off voltage
VBR
Breakdown voltage
VCL
Clamping voltage
IR
Leakage current
IPP
Peak pulse current
C
Capacitance
Electrical Characteristics
VBR
C
Min.
Max.
VRM
IR
Part Numbers
v
v
v
μ
pF
6.4
7.2
5
1
15
LESDA5VAW6T1G
LESHAN RADIO COMPANY, LTD.
VCL
v
@ IPP
(Max)
=1A
@ IPP =2.5A
v
10
12
µ
8/20
IPP
2.5
s pulse;
notes1and2
A
A
R =0V;
seeFig.4
f=1MHz;
V
Notes
1. Non-repetitive current pulse 8/20
µs exponentially decaying waveform; see Fig.1.
2. Measured from any of pins 1, 3, 4, 5 or 6 to pin 2.
handbook, halfpage
010
e−t
20
t (
µs)
Ipp
(%)
40
120
0
40
80
30
100 % Ipp; 8 µs
50 % Ipp; 20 µs
µs pulse waveform according to
IEC 61000-4-5.
Ipp
100 %
90 %
t
30 ns
60 ns
10 %
tr = 0.7 to 1 ns
waveform according to IEC 61000-4-2.
Fig.1
8/20
Fig.2
Electrostatic Discharge (ESD) pulse
LESDA5VAW6T1G
2/4
GRAPHICAL DATA


Similar Part No. - LESDA5VAW6T1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LESDA5V3LT1G LRC-LESDA5V3LT1G Datasheet
619Kb / 7P
   Dual transil array for ESD protection
LESDA5V6AV5T1G LRC-LESDA5V6AV5T1G Datasheet
324Kb / 5P
   Low Capacitanc Quad Array for ESD Protection
LESDA5V6V5T1G LRC-LESDA5V6V5T1G Datasheet
320Kb / 6P
   Quad Array for ESD Protection
More results

Similar Description - LESDA5VAW6T1G

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
PESD5V0L4UG LEIDITECH-PESD5V0L4UG Datasheet
820Kb / 4P
   Low Capacitance Q uad Array for ESD Protection
Rev : 01.06.2018
ESD05V35T-4L LEIDITECH-ESD05V35T-4L Datasheet
820Kb / 4P
   Low Capacitance Q uad Array for ESD Protection
Rev : 01.06.2018
logo
Leshan Radio Company
LESDA12AW5T1G LRC-LESDA12AW5T1G Datasheet
1Mb / 6P
   Low Capacitance Q uad Array for ESD Protection
logo
Shanghai Leiditech Elec...
DF5A5.6LFU LEIDITECH-DF5A5.6LFU Datasheet
820Kb / 4P
   Low Capacitance Q uad Array for ESD Protection
Rev : 01.06.2018
logo
Leshan Radio Company
LESDA6V8AW5T1G LRC-LESDA6V8AW5T1G_11 Datasheet
984Kb / 4P
   Low Capacitance Q uad Array for ESD Protection
LESDA6V8AW5T1G LRC-LESDA6V8AW5T1G Datasheet
523Kb / 6P
   Low Capacitance Q uad Array for ESD Protection
logo
Shanghai Leiditech Elec...
CH412Z LEIDITECH-CH412Z Datasheet
970Kb / 4P
   Low Capacitance Q uad Array for ESD Protection
Rev : 01.06.2018
UMD5V-705 LEIDITECH-UMD5V-705 Datasheet
820Kb / 4P
   Low Capacitance Q uad Array for ESD Protection
Rev : 01.06.2018
logo
Leshan Radio Company
LESDA12AW5T1G LRC-LESDA12AW5T1G_11 Datasheet
1Mb / 4P
   Low Capacitance Q uad Array for ESD Protection
logo
Shanghai Leiditech Elec...
NUP4108W5 LEIDITECH-NUP4108W5 Datasheet
820Kb / 4P
   Low Capacitance Q uad Array for ESD Protection
Rev : 01.06.2018
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com