Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LESDA12AW5T1G Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LESDA12AW5T1G
Description  Low Capacitance Q uad Array for ESD Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LESDA12AW5T1G Datasheet(HTML) 3 Page - Leshan Radio Company

  LESDA12AW5T1G Datasheet HTML 1Page - Leshan Radio Company LESDA12AW5T1G Datasheet HTML 2Page - Leshan Radio Company LESDA12AW5T1G Datasheet HTML 3Page - Leshan Radio Company LESDA12AW5T1G Datasheet HTML 4Page - Leshan Radio Company LESDA12AW5T1G Datasheet HTML 5Page - Leshan Radio Company LESDA12AW5T1G Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
GRAPHICAL DATA
LESHAN RADIO COMPANY, LTD.
3/4
LESDA12AW5T1G
Figure 3. Reverse Leakage versus
Temperature
0.16
0.02
0
−60
0
80
100
T, TEMPERATURE (
°C)
−40
−20
60
40
20
0.04
0.06
0.08
0.10
0.12
0.14
Figure 4. Capacitance
VR (V)
05
4
23
1
10
5
15
25
20
Cd
(pF)
0
VF, FORWARD VOLTAGE (V)
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.1
0.01
0.001
1
TA = 25°C
Figure 5. 8
× 20 ms Pulse Waveform
100
90
80
70
60
50
40
30
20
10
0
020
40
60
80
t, TIME (
ms)
tr
PULSE WIDTH (tP) IS DEFINED
AS THAT POINT WHERE THE
PEAK CURRENT DECAY = 8
ms
HALF VALUE IRSM/2 @ 20 ms
tP
PEAK VALUE IRSM @ 8 ms
Figure 6. Forward Voltage
Preliminary Data Sheet


Similar Part No. - LESDA12AW5T1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LESDA12AW5T1G LRC-LESDA12AW5T1G Datasheet
1Mb / 4P
   Low Capacitance Q uad Array for ESD Protection
LESDA12AW5T1G LRC-LESDA12AW5T1G_11 Datasheet
1Mb / 4P
   Low Capacitance Q uad Array for ESD Protection
More results

Similar Description - LESDA12AW5T1G

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
PESD5V0L4UG LEIDITECH-PESD5V0L4UG Datasheet
820Kb / 4P
   Low Capacitance Q uad Array for ESD Protection
Rev : 01.06.2018
ESD05V35T-4L LEIDITECH-ESD05V35T-4L Datasheet
820Kb / 4P
   Low Capacitance Q uad Array for ESD Protection
Rev : 01.06.2018
DF5A5.6LFU LEIDITECH-DF5A5.6LFU Datasheet
820Kb / 4P
   Low Capacitance Q uad Array for ESD Protection
Rev : 01.06.2018
logo
Leshan Radio Company
LESDA6V8AW5T1G LRC-LESDA6V8AW5T1G_11 Datasheet
984Kb / 4P
   Low Capacitance Q uad Array for ESD Protection
LESDA6V8AW5T1G LRC-LESDA6V8AW5T1G Datasheet
523Kb / 6P
   Low Capacitance Q uad Array for ESD Protection
logo
Shanghai Leiditech Elec...
CH412Z LEIDITECH-CH412Z Datasheet
970Kb / 4P
   Low Capacitance Q uad Array for ESD Protection
Rev : 01.06.2018
UMD5V-705 LEIDITECH-UMD5V-705 Datasheet
820Kb / 4P
   Low Capacitance Q uad Array for ESD Protection
Rev : 01.06.2018
logo
Leshan Radio Company
LESDA12AW5T1G LRC-LESDA12AW5T1G_11 Datasheet
1Mb / 4P
   Low Capacitance Q uad Array for ESD Protection
LESDA5VAW6T1G LRC-LESDA5VAW6T1G Datasheet
1Mb / 6P
   Low Capacitance Q uad Array for ESD Protection
logo
Shanghai Leiditech Elec...
NUP4108W5 LEIDITECH-NUP4108W5 Datasheet
820Kb / 4P
   Low Capacitance Q uad Array for ESD Protection
Rev : 01.06.2018
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com