Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LGRV05-4LT1G Datasheet(PDF) 6 Page - Leshan Radio Company

Part # LGRV05-4LT1G
Description  STEERING DIODE/TVS ARRAY COMBO
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LGRV05-4LT1G Datasheet(HTML) 6 Page - Leshan Radio Company

  LGRV05-4LT1G Datasheet HTML 1Page - Leshan Radio Company LGRV05-4LT1G Datasheet HTML 2Page - Leshan Radio Company LGRV05-4LT1G Datasheet HTML 3Page - Leshan Radio Company LGRV05-4LT1G Datasheet HTML 4Page - Leshan Radio Company LGRV05-4LT1G Datasheet HTML 5Page - Leshan Radio Company LGRV05-4LT1G Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Shipment Specification
10 Reel
12 Inner Box/Carton
360KPCS/Carton
Dim(Unit:mm)
Dim(Unit:mm)
10Reel/Inner Box
30KPCS/Inner Box
LABEL
CPN
LABEL
LABEL
LABEL
乐山无线电股份有限公司
Leshan Radio Company,Ltd.
MARK
195mm*195mm*150mm
460mm*400mm*420mm
4000PCS/Reel (SOT-723,SOD-723,SOD-923)
3000PCS/Reel
40KPCS/Inner Box (SOT-723,SOD-723,SOD-923)
960KPCS/Carton (SOT-723,SOD-723,SOD-923)
LESHAN RADIO COMPANY, LTD.
8000PCS/Reel (SOT-723,SOD-723,SOD-923)
80KPCS/Inner Box (SOT-723,SOD-723,SOD-923)


Similar Part No. - LGRV05-4LT1G

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LGR2D102MELB45 NICHICON-LGR2D102MELB45 Datasheet
58Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
LGR2D102MELC35 NICHICON-LGR2D102MELC35 Datasheet
58Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
LGR2D122MELB50 NICHICON-LGR2D122MELB50 Datasheet
58Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
LGR2D122MELC40 NICHICON-LGR2D122MELC40 Datasheet
58Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
LGR2D152MELC50 NICHICON-LGR2D152MELC50 Datasheet
58Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - LGRV05-4LT1G

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SR12 PROTEC-SR12 Datasheet
82Kb / 5P
   STEERING DIODE/ TVS ARRAY COMBO
logo
Bourns Electronic Solut...
CDNBS08-SRDA3.3-6 BOURNS-CDNBS08-SRDA3.3-6_12 Datasheet
336Kb / 4P
   Steering Diode/TVS Array Combo
logo
Protek Devices
PLR0508 PROTEC-PLR0508 Datasheet
157Kb / 4P
   STEERING DIODE/TVS ARRAY COMBO
PUSB3B PROTEC-PUSB3B Datasheet
72Kb / 4P
   STEERING DIODE/ TVS ARRAY COMBO
PLR0502 PROTEC-PLR0502 Datasheet
72Kb / 4P
   STEERING DIODE/TVS ARRAY COMBO
logo
Bourns Electronic Solut...
CDNBS08-PLC03-6 BOURNS-CDNBS08-PLC03-6_12 Datasheet
322Kb / 4P
   Steering Diode/TVS Array Combo
CDNBS08-PLC03-6 BOURNS-CDNBS08-PLC03-6_09 Datasheet
270Kb / 4P
   Steering Diode/TVS Array Combo
CDNBS08-SRDA3.3-4 BOURNS-CDNBS08-SRDA3.3-4_12 Datasheet
320Kb / 4P
   Steering Diode/TVS Array Combo
logo
List of Unclassifed Man...
PUSB6B ETC-PUSB6B Datasheet
97Kb / 4P
   STEERING DIODE / TVS ARRAY COMBO
logo
Protek Devices
SR28 PROTEC-SR28 Datasheet
95Kb / 3P
   STEERING DIODE / TVS ARRAY COMBO
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com