Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

614-535-04-35 Datasheet(PDF) 1 Page - Marl International Limited

Part # 614-535-04-35
Description  PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

614-535-04-35 Datasheet(HTML) 1 Page - Marl International Limited

  614-535-04-35 Datasheet HTML 1Page - Marl International Limited 614-535-04-35 Datasheet HTML 2Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
How to Order:
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
Black anodised aluminium housing
Sealed to IP67
Common anode version available
Colour coded flying lead terminations
Internal reverse protection diode fitted as standard in all
voltage models.
This product is configured to work as a three colour
option LED. Red, Green and Amber
PROFESSIONAL LED INDICATORS Ø8.1mm Mounting
SAMPLES AVAILABLE
© MARL INTERNATIONAL LTD 2008 : DS 072/07 Issue 2
Ordering Information & Typical Technical Characteristics (Ta = 25°C)
Mean Time Between Failure = 100,000 Hours. Luminous intensity figures refer to the unmodified discrete LED.
FEATURES
SPECIFICATION
614 SERIES
Tri-colour
PACK QUANTITY = 10 PIECES
Please note there are two LED die built into these units allowing the colour options as detailed above. Please contact our sales
department for further details of other available options.
* = Voltage DC for 20mA product if Vf@20mA, not Vopr.
^ = Products must be de-rated according to the derating information.
Page 1 of 2
PART NUMBER
COLOUR
LENS
VOLTAGE CURRENT
LUMINOUS
WAVE
OPERATING
STORAGE
DC (Vdc)
DC (mA)
INTENSITY
LENGTH
TEMP
TEMP
Vopr
lopr
lv@20mA (mcd) λp (nm)
Topr
Tstg
614-535-04-35
Red/Green
Water Clear
2.0/2.2*
20/10
5/5
627/565
-40 ~ +85^
-40 ~ +85
Yes
614-535-20-35
Red/Green
Water Clear
5/6
20/10
5/5
627/565
-40 ~ +85^
-40 ~ +85
Yes
614-535-21-35
Red/Green
Water Clear
12
19/9
5/5
627/565
-40 ~ +85^
-40 ~ +85
Yes
614-535-22-35
Red/Green
Water Clear
24
13/7
5/5
627/565
-40 ~ +85^
-40 ~ +85
Yes
UNITS
Vdc
mA
mcd
nm
°C
°C
TRI-COLOUR STANDARD INTENSITY
BS EN ISO 9001:2000
Approved Manufacturer


Similar Part No. - 614-535-04-35

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
614-535-04-35 MARL-614-535-04-35 Datasheet
214Kb / 2P
   PANEL INDICATOR LED
More results

Similar Description - 614-535-04-35

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
614-530-04 MARL-614-530-04 Datasheet
155Kb / 2P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
507-501-21 MARL-507-501-21 Datasheet
266Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
508-501-21 MARL-508-501-21 Datasheet
275Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
524-501-21 MARL-524-501-21 Datasheet
277Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
698-501-63 MARL-698-501-63 Datasheet
246Kb / 2P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
643-503-04 MARL-643-503-04 Datasheet
345Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
503-501-21 MARL-503-501-21 Datasheet
269Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
534-501-63 MARL-534-501-63 Datasheet
247Kb / 2P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
677-501-21 MARL-677-501-21 Datasheet
292Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
692-501-21 MARL-692-501-21 Datasheet
309Kb / 3P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com