Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

695-930-21 Datasheet(PDF) 2 Page - Marl International Limited

Part # 695-930-21
Description  PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

695-930-21 Datasheet(HTML) 2 Page - Marl International Limited

  695-930-21 Datasheet HTML 1Page - Marl International Limited 695-930-21 Datasheet HTML 2Page - Marl International Limited 695-930-21 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
695 Series
MATERIALS
PUSH-ON CONNECTORS
Body
Natural anodised aluminium
Nut
Natural anodised aluminium
Panel Seal
Viton
Termination
Brass to BS2874 CZ108 copper flash
undercoat with silver flash finish
Lock Washer
Spring Steel
Fresnel lens
Polycarbonate
Encapsulation
PC5430 resin
Header
Nylon 6 A82
TECHNICAL CHARACTERISTICS
OPTIONAL FLYING LEAD TERMINATIONS
ORDER
SUPPLY
WIRE
WIRE
NO/DIAMETER
DIAMETER
COMMENTS
CODE
VOLTAGE
COLOUR
LENGTH
OF
OVER
SUFFIX
CONDUCTORS
INSULATION
15
DC Products Red-anode / Black-cathode 150mm
15
AC Products Brown-live / Blue-neutral 150mm
Customised
19/0.15mm
1.2mm
lengths
19
DC Products Red-anode / Black-cathode 1000mm
available
19
AC Products Brown-live / Blue-neutral 1000mm
925-000-00 is brass tin plated.
For use with 695 series lamps.
Dimensions in mm (Typical)
Not to scale
Page 2 of 3
Mounting hole to be clean and burr free
BS EN ISO 9001:2000
Approved Manufacturer
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
Dimensions in mm (Typical)
Not to scale
Mounting Hole
© MARL INTERNATIONAL LTD 2008 : DS 002/08 Issue 2
SERIES
MAXIMUM
MAXIMUM
PANEL
NUT
MINIMUM
MIN/MAX.
POWER
REVERSE
CUTOUT
MOUNTING
MOUNTING
PANEL
DISSIPATION
VOLTAGE
TORQUE
CENTRES
THICKNESS
695
825
1000
12.7
1.0
19.5
2.0-10.0
mw
Vdc
mm
Nm
mm
mm
+ On rear of
header denotes
anode


Similar Part No. - 695-930-21

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
695-930-21 MARL-695-930-21 Datasheet
482Kb / 5P
   횠12.7mm mounting Natural anodised aluminium
695-930-21 MARL-695-930-21 Datasheet
474Kb / 5P
   high performance panel lamps
More results

Similar Description - 695-930-21

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
692-501-21 MARL-692-501-21 Datasheet
309Kb / 3P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
514-105-21 MARL-514-105-21 Datasheet
305Kb / 3P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
532-102-63 MARL-532-102-63 Datasheet
180Kb / 2P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
699-501-63 MARL-699-501-63 Datasheet
247Kb / 2P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
538-501-63 MARL-538-501-63 Datasheet
244Kb / 2P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
651-105-21 MARL-651-105-21 Datasheet
307Kb / 2P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
511-501-21 MARL-511-501-21 Datasheet
262Kb / 3P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
652-105-63 MARL-652-105-63 Datasheet
220Kb / 2P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
512-501-21 MARL-512-501-21 Datasheet
260Kb / 3P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
515-501-04 MARL-515-501-04 Datasheet
239Kb / 2P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
531-501-63 MARL-531-501-63 Datasheet
248Kb / 2P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com