Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

678-105-04 Datasheet(PDF) 1 Page - Marl International Limited

Part # 678-105-04
Description  PROFESSIONAL LED INDICATORS 횠16mm Mounting
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

678-105-04 Datasheet(HTML) 1 Page - Marl International Limited

  678-105-04 Datasheet HTML 1Page - Marl International Limited 678-105-04 Datasheet HTML 2Page - Marl International Limited 678-105-04 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
How to Order:
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
PART NUMBER
COLOUR
LENS
VOLTAGE CURRENT
LUMINOUS
WAVE
OPERATING
STORAGE
DC (Vdc)
DC (mA)
INTENSITY
LENGTH
TEMP
TEMP
Vopr
lopr
lv@20mA (mcd) λp (nm)
Topr
Tstg
678-105-21
Red
Colour Diffused 12
19
100
627
-40 ~ +85^
-40 ~ +85
Yes
678-111-21
Yellow
Colour Diffused 12
20
50
590
-40 ~ +85^
-40 ~ +85
Yes
678-114-21
Green
Colour Diffused 12
20
60
565
-40 ~ +85^
-40 ~ +85
Yes
678-105-23
Red
Colour Diffused 24-28
20
100
627
-40 ~ +85^
-40 ~ +85
Yes
678-111-23
Yellow
Colour Diffused 24-28
20
50
590
-40 ~ +85^
-40 ~ +85
Yes
678-114-23
Green
Colour Diffused 24-28
20
60
565
-40 ~ +85^
-40 ~ +85
Yes
678-102-04
Red
Colour Diffused 1.85
20
450
660
-40 ~ +85^
-40 ~ +85
Yes
678-102-21
Red
Colour Diffused 12
20
450
660
-40 ~ +85^
-40 ~ +85
Yes
678-102-23
Red
Colour Diffused 24-28
20
450
660
-40 ~ +85^
-40 ~ +85
Yes
UNITS
Vdc
mA
mcd
nm
°C
°C
Black anodised aluminium housing
Sealed to IP67
Excellent wide viewing angle characteristics
Suitable for high vibration applications
Internal reverse protection diode fitted as standard in all
voltage models.
PROFESSIONAL LED INDICATORS Ø16mm Mounting
SAMPLES AVAILABLE
© MARL INTERNATIONAL LTD 2007 : DS 090/07 Issue 1
Ordering Information & Typical Technical Characteristics (Ta = 25°C)
Mean Time Between Failure = 100,000 Hours. Luminous intensity figures refer to the unmodified discrete LED.
FEATURES
SPECIFICATION
STANDARD INTENSITY
HIGH INTENSITY
678 SERIES
PACK QUANTITY = 10 PIECES
Page 1 of 3
^ = Products must be derated according to the derating information. Each derating graph refers to specific LEDs. Refer to page 3


Similar Part No. - 678-105-04

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
678-105-21 MARL-678-105-21 Datasheet
405Kb / 4P
   횠16.0mm mounting Black anodised aluminium housing
678-105-22 MARL-678-105-22 Datasheet
405Kb / 4P
   횠16.0mm mounting Black anodised aluminium housing
678-105-22 MARL-678-105-22 Datasheet
405Kb / 4P
   high performance panel lamps
678-105-22_1309 MARL-678-105-22_1309 Datasheet
405Kb / 4P
   high performance panel lamps
678-105-23 MARL-678-105-23 Datasheet
405Kb / 4P
   횠16.0mm mounting Black anodised aluminium housing
More results

Similar Description - 678-105-04

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
507-501-21 MARL-507-501-21 Datasheet
266Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
508-501-21 MARL-508-501-21 Datasheet
275Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
692-501-21 MARL-692-501-21 Datasheet
309Kb / 3P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
611-301-21 MARL-611-301-21 Datasheet
336Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.35mm Mounting
672-290-22 MARL-672-290-22 Datasheet
247Kb / 2P
   PROFESSIONAL LED INDICATORS 횠25.4mm Mounting
524-501-21 MARL-524-501-21 Datasheet
277Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
696-301-21 MARL-696-301-21 Datasheet
299Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.1mm Mounting
603-301-04 MARL-603-301-04 Datasheet
274Kb / 3P
   PROFESSIONAL LED INDICATORS 횠5.0mm Mounting
684-312-04 MARL-684-312-04 Datasheet
272Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.35mm Mounting
538-501-63 MARL-538-501-63 Datasheet
244Kb / 2P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com