Electronic Components Datasheet Search |
|
LMBT2222ATT1G Datasheet(PDF) 1 Page - Leshan Radio Company |
|
LMBT2222ATT1G Datasheet(HTML) 1 Page - Leshan Radio Company |
1 / 3 page General Purpose Transistor NPN Silicon These transistors are designed for general purpose amplifier applications. They are housed in the SC−89 package which is designed for low power surface mount applications. Features • MAXIMUM RATINGS (TA = 25°C) Rating Symbol Max Unit Collector−Emitter Voltage VCEO 40 Vdc Collector−Base Voltage VCBO 75 Vdc Emitter−Base Voltage VEBO 6.0 Vdc Collector Current − Continuous IC 600 mAdc THERMAL CHARACTERISTICS Characteristic Symbol Max Unit Total Device Dissipation (Note 1) TA = 25°C PD 150 mW Thermal Resistance, Junction−to−Ambient RqJA 833 °C/W Operating and Storage Junction Temperature Range TJ, Tstg −55 to +150 °C Device Maring Shipping † ORDERING INFORMATION LMBT2222ATT3G 1P 10000 / Tape & Reel MARKING DIAGRAM COLLECTOR 3 1 BASE 2 EMITTER 1P M G G 1 1P = Specific Device Code M = Date Code G = Pb−Free Package LMBT2222ATT1G 1 3 2 SC-89 ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) Characteristic Symbol Min Max Unit OFF CHARACTERISTICS Collector −Emitter Breakdown Voltage (Note 1) (IC = 1.0 mAdc, IB = 0) V(BR)CEO 40 − Vdc Collector −Base Breakdown Voltage (IC = 10 mAdc, IE = 0) V(BR)CBO 75 − Vdc Emitter −Base Breakdown Voltage (IE = 10 mAdc, IC = 0) V(BR)EBO 6.0 − Vdc Base Cutoff Current (VCE = 60 Vdc, VEB = 3.0 Vdc) IBL − 20 nAdc Collector Cutoff Current (VCE = 60 Vdc, VEB = 3.0 Vdc) ICEX − 100 nAdc 1/3 LESHAN RADIO COMPANY, LTD. LMBT2222ATT1G 1P 3000 / Tape & Reel compliance with RoHS requirements. We declare that the material of product |
Similar Part No. - LMBT2222ATT1G |
|
Similar Description - LMBT2222ATT1G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |