Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

695-930-20-15 Datasheet(PDF) 3 Page - Marl International Limited

Part # 695-930-20-15
Description  PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

695-930-20-15 Datasheet(HTML) 3 Page - Marl International Limited

  695-930-20-15 Datasheet HTML 1Page - Marl International Limited 695-930-20-15 Datasheet HTML 2Page - Marl International Limited 695-930-20-15 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3 of 3
BS EN ISO 9001:2000
Approved Manufacturer
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
© MARL INTERNATIONAL LTD 2008 : DS 002/08 Issue 2
DERATING INFORMATION
501 & 521
532, 930 & 997
PART NO.
COLOUR VOLTAGE DC
(Vdc) Vopr
695-501-20-15
Red
5/6Vdc
695-501-22-52
Red
24Vdc
695-501-25-50
Red
110Vdc
695-501-25-51
Red
110Vdc
695-501-25-52
Red
110Vdc
695-501-42
Red
15Vdc
695-501-58
Red
70Vdc
695-501-72
Red
24Vac
695-501-74
Red
48Vac
695-509-22
Yellow
24Vdc
695-509-75
Yellow
110Vac
695-521-22-51
Yellow
24Vdc
695-521-25-50
Yellow
110Vdc
695-521-25-52
Yellow
110Vdc
695-521-58
Yellow
70Vdc
695-521-58-19
Yellow
70Vdc
UNITS
PART NO.
COLOUR VOLTAGE DC
(Vdc) Vopr
695-521-72
Yellow
24Vac
695-521-74
Yellow
48Vac
695-532-25-50
Green
110Vdc
695-532-25-52
Green
110Vdc
695-532-58
Green
70Vdc
695-532-58-19
Green
70Vdc
695-906-75
Yellow
110Vac
695-930-20-15
Blue
5/6Vdc
695-930-25-50
Blue
110Vdc
695-930-52-50
Blue
5Vdc
695-930-76
Blue
230Vac
695-997-72
White
24Vac
695-997-74
White
48Vac
695-997-76
White
230Vac
UNITS
The products listed above illustrate all of the options available to order. These products may have custom
modifications that alter their operation beyond the generic information contained within this datasheet. Please
contact sales for further information.


Similar Part No. - 695-930-20-15

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
695-930-21 MARL-695-930-21 Datasheet
482Kb / 5P
   횠12.7mm mounting Natural anodised aluminium
695-930-21 MARL-695-930-21 Datasheet
474Kb / 5P
   high performance panel lamps
695-930-22-50 MARL-695-930-22-50 Datasheet
482Kb / 5P
   횠12.7mm mounting Natural anodised aluminium
695-930-23 MARL-695-930-23 Datasheet
482Kb / 5P
   횠12.7mm mounting Natural anodised aluminium
695-930-25 MARL-695-930-25 Datasheet
482Kb / 5P
   횠12.7mm mounting Natural anodised aluminium
More results

Similar Description - 695-930-20-15

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
692-501-21 MARL-692-501-21 Datasheet
309Kb / 3P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
514-105-21 MARL-514-105-21 Datasheet
305Kb / 3P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
532-102-63 MARL-532-102-63 Datasheet
180Kb / 2P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
699-501-63 MARL-699-501-63 Datasheet
247Kb / 2P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
538-501-63 MARL-538-501-63 Datasheet
244Kb / 2P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
651-105-21 MARL-651-105-21 Datasheet
307Kb / 2P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
511-501-21 MARL-511-501-21 Datasheet
262Kb / 3P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
652-105-63 MARL-652-105-63 Datasheet
220Kb / 2P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
512-501-21 MARL-512-501-21 Datasheet
260Kb / 3P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
515-501-04 MARL-515-501-04 Datasheet
239Kb / 2P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
531-501-63 MARL-531-501-63 Datasheet
248Kb / 2P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com