Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM1011-43 Datasheet(PDF) 1 Page - Stealth Microwave, Inc.

Part # SM1011-43
Description  10700-11700 MHz X Watt Linear Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Direct Link  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM1011-43 Datasheet(HTML) 1 Page - Stealth Microwave, Inc.

  SM1011-43 Datasheet HTML 1Page - Stealth Microwave, Inc. SM1011-43 Datasheet HTML 2Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM1011-43
10700-11700 MHz
X Watt Linear Power Amplifier
FOR TWT APPLICATIONS
Parameter
Specification
Frequency Range
10.7 - 11.7 GHz
Pout (P1dB)
+ 43 dBm
Third Order Intercept Point
+ 52 dBm
Linear Gain
45 dB ± 2 dB
Gain Flatness over 40 MHz
± 0.25 dB max.
Gain Change over
Temperature
± 0.30 dB
Input/Output Return Loss
(Cold)
12 dB min.
DC Supply to Amplifier
+ 12 V @ 13 Amps
DC Input Voltage to Power
Supply
- 21 V to - 56 V
DC Input Current to Power
Supply
6.2 A @ - 24V, 3.2 A @ -
48V
Mechanical Dimensions
10 x 2.0 x 2.3 inches
RF Connectors
Female SMA
Operating Temperature
0ºC to +55ºC
Operating Humidity
95% Non-condensing
Operating Altitude
Up to 10,000 feet above
Sea Level
This solid state GaAs Telcom Amplifier is
an exact “drop-in” for the Siemens RW2135
TWT. In ATT DR-11 and Collins/Alcatel
MDR2000/4000
Series
Radios,
the
amplifier will deliver 43 dBm at P1dB with
an output third order intercept point of 53
dBm up to temperatures of 55o C ambient.
The SM1011-43 eliminates the need for
replacement tubes every 4 -5 years and if
required, can be serviced for the life of the
radio.
The SM1011-43 is a complete kit
consisting of the amplifier, power supply,
cable, and installation instructions.
The amplifier features a Single DC Supply,
Over
Voltage
Protection,
Temperature
Compensation
and
Excess
Thermal
Protection.


Similar Part No. - SM1011-43

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
SM101 DAESAN-SM101 Datasheet
232Kb / 2P
   CURRENT 1.0 AMPERES VOLTAGE 50 TO 1000 VOLTS
logo
SUNMATE electronic Co.,...
SM101 SUNMATE-SM101 Datasheet
325Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER DIODES
logo
List of Unclassifed Man...
SM101.SA ETC2-SM101.SA Datasheet
3Mb / 4P
   General Purpose Tweezers
logo
Frontier Electronics.
SM1010 FRONTIER-SM1010 Datasheet
126Kb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SM1010-LFR FRONTIER-SM1010-LFR Datasheet
126Kb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SM1011-43

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM4450-43 STEALTH_MICROWAVE-SM4450-43 Datasheet
250Kb / 2P
   4400-5000 MHz X Watt Linear Power Amplifier
SM2325-37H STEALTH_MICROWAVE-SM2325-37H Datasheet
80Kb / 2P
   2300-2500 MHz 5 Watt Linear Power Amplifier
SM2527-37HS STEALTH_MICROWAVE-SM2527-37HS Datasheet
66Kb / 2P
   2500-2700 MHz 5 Watt Linear Power Amplifier
SM2527-47L STEALTH_MICROWAVE-SM2527-47L Datasheet
150Kb / 4P
   2500-2700 MHz 50 Watt Linear Power Amplifier
SM0520-36 STEALTH_MICROWAVE-SM0520-36 Datasheet
93Kb / 3P
   500-2000 MHz 4 Watt Linear Power Amplifier
SM0825-33 STEALTH_MICROWAVE-SM0825-33 Datasheet
424Kb / 4P
   800-2500 MHz 2 Watt Linear Power Amplifier
SM0825-40 STEALTH_MICROWAVE-SM0825-40 Datasheet
129Kb / 3P
   800-2500 MHz 10 Watt Linear Power Amplifier
SM1727-34HS STEALTH_MICROWAVE-SM1727-34HS Datasheet
93Kb / 3P
   1700-2700 MHz 3 Watt Linear Power Amplifier
SM1727-37HS STEALTH_MICROWAVE-SM1727-37HS Datasheet
93Kb / 3P
   1700-2700 MHz 5 Watt Linear Power Amplifier
SM1923-44 STEALTH_MICROWAVE-SM1923-44 Datasheet
111Kb / 2P
   1900-2300 MHz 25 Watt Linear Power Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com