Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVTH16500DGG Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74LVTH16500DGG
Description  3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVTH16500DGG Datasheet(HTML) 7 Page - Texas Instruments

  SN74LVTH16500DGG Datasheet HTML 1Page - Texas Instruments SN74LVTH16500DGG Datasheet HTML 2Page - Texas Instruments SN74LVTH16500DGG Datasheet HTML 3Page - Texas Instruments SN74LVTH16500DGG Datasheet HTML 4Page - Texas Instruments SN74LVTH16500DGG Datasheet HTML 5Page - Texas Instruments SN74LVTH16500DGG Datasheet HTML 6Page - Texas Instruments SN74LVTH16500DGG Datasheet HTML 7Page - Texas Instruments SN74LVTH16500DGG Datasheet HTML 8Page - Texas Instruments SN74LVTH16500DGG Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SN54LVTH16500, SN74LVTH16500
3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS701D – JULY 1997 – REVISED APRIL 1999
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted) (see Figure 1)
SN54LVTH16500
SN74LVTH16500
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
150
150
150
150
MHz
t
Pulse duration
LE high
3.3
3.3
3.3
3.3
ns
tw
Pulse duration
CLK high or low
3.3
3.3
3.3
3.3
ns
A before CLKAB
3.1
3.1
2.9
2.9
t
Setup time
B before CLKBA
3.1
3.1
2.9
2.9
ns
tsu
Setup time
A or B before LE
CLK high
1.5
0.6
1.4
0.5
ns
A or B before LE
CLK low
3.1
2.5
2.9
2.3
th
Hold time
A or B after CLK
0.4
0.4
0.4
0.4
ns
th
Hold time
A or B after LE
1.7
1.7
1.6
1.6
ns
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
SN54LVTH16500
SN74LVTH16500
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
UNIT
MIN
MAX
MIN
MAX
MIN
TYP†
MAX
MIN
MAX
fmax
150
150
150
150
MHz
tPLH
BorA
AorB
1.2
3.9
4.1
1.3
2.8
3.7
4
ns
tPHL
B or A
A or B
1.2
3.9
4.1
1.3
2.6
3.7
4
ns
tPLH
LEBA or LEAB
AorB
1.4
5.5
5.9
1.5
3.8
5.1
5.7
ns
tPHL
LEBA or LEAB
A or B
1.4
5.5
5.9
1.5
3.8
5.1
5.7
ns
tPLH
CLKBA or
AorB
1.2
5.3
6.1
1.3
3.6
5
5.9
ns
tPHL
CLKAB
A or B
1.2
5.3
6.1
1.3
3.5
5
5.9
ns
tPZH
OEBA or OEAB
AorB
1.2
5.1
5.8
1.3
3.6
4.8
5.5
ns
tPZL
OEBA or OEAB
A or B
1.2
5.1
5.8
1.3
3.6
4.8
5.5
ns
tPHZ
OEBA or OEAB
AorB
1.6
6.1
6.6
1.7
4.5
5.8
6.3
ns
tPLZ
OEBA or OEAB
A or B
1.6
6.1
6.6
1.7
4.1
5.8
6.3
ns
† All typical values are at VCC = 3.3 V, TA = 25°C.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74LVTH16500DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVTH16500DGGR TI-SN74LVTH16500DGGR Datasheet
391Kb / 16P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVTH16500DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH16501 TI-SN54LVTH16501 Datasheet
204Kb / 12P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16500 TI-SN54LVTH16500_03 Datasheet
391Kb / 16P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16500 TI-SN54LVT16500_07 Datasheet
270Kb / 14P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16501 TI-SN54LVTH16501_07 Datasheet
346Kb / 14P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16500 TI-SN54LVT16500 Datasheet
152Kb / 9P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16501 TI-SN54LVT16501 Datasheet
203Kb / 12P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74LVTH16835-EP TI1-SN74LVTH16835-EP Datasheet
309Kb / 11P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74LVTH16501-EP TI1-SN74LVTH16501-EP Datasheet
302Kb / 10P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN54LVTH16835 TI-SN54LVTH16835 Datasheet
121Kb / 8P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS DRIVERS WITH 3-STATE OUTPUTS
SN74LVT16835 TI-SN74LVT16835 Datasheet
109Kb / 7P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com