Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM1720-37H Datasheet(PDF) 1 Page - Stealth Microwave, Inc.

Part # SM1720-37H
Description  1700-2000 MHz 5 Watt Linear Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Direct Link  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM1720-37H Datasheet(HTML) 1 Page - Stealth Microwave, Inc.

  SM1720-37H Datasheet HTML 1Page - Stealth Microwave, Inc. SM1720-37H Datasheet HTML 2Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
SM1720-37H
1700-2000 MHz
5 Watt Linear Power Amplifier
FOR PERSONAL COMMUNICATION SYSTEMS
Parameter
Specification
Frequency Range
1.7 – 2.0 GHz
Pout (P1dB)
+ 37 dBm
Third Order Intercept
Point
+ 51 dBm
Linear Gain
34 dB ± 1.0 dB
Gain Flatness over Full
Band
± .25 dB
Input/Output Return Loss
-14 dB / -16 dB
DC Supply Voltage
+ 12 Volts
DC Supply Current
1.9 Amps (max.), 1.6
Amps (typ.)
Mechanical Dimensions
5.0 x 2.5 x 0.6 inches
RF Connectors
SMA Female
Operating Temperature
0ºC to +55ºC
Operating Humidity
95% Non-condensing
Operating Altitude
Up to 10,000 feet above
Sea Level
The SM1720-37H is a solid state GaAs
amplifier
designed
for
Personal
Communications
Systems.
This
unit
operates over a frequency range of 1700-
2000 MHz, provides 34 dB of gain with a
gain flatness of
±
.25 dB, has a 1 dB
compression point of +37 dBm, and an
output third order intercept point of +51
dBm. The amplifier runs off a single
supply voltage of +12 V. The unit uses the
latest
surface
mount
technologies
to
provide
numerous
features,
while
maintaining a minimal size.
Features
• Single Power Supply
Over/Reverse Voltage Protection
• Thermal Protection with Auto
Reset
Options
• Harmonic Filter
• Heatsink
• Logic On/Off Control


Similar Part No. - SM1720-37H

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM1720-37HS STEALTH_MICROWAVE-SM1720-37HS Datasheet
89Kb / 3P
   1700-2000 MHz 5 Watt Linear Power Amplifier
More results

Similar Description - SM1720-37H

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM1720-37HS STEALTH_MICROWAVE-SM1720-37HS Datasheet
89Kb / 3P
   1700-2000 MHz 5 Watt Linear Power Amplifier
SM1720-41L STEALTH_MICROWAVE-SM1720-41L Datasheet
104Kb / 2P
   1700-2000 MHz 12 Watt Linear Power Amplifier
SM1720-50L STEALTH_MICROWAVE-SM1720-50L Datasheet
150Kb / 3P
   1700-2000 MHz 100 Watt Linear Power Amplifier
SM1720-34HS STEALTH_MICROWAVE-SM1720-34HS Datasheet
64Kb / 2P
   1700-2000 MHz 3 Watt Linear Power Amplifier
SM1720-50 STEALTH_MICROWAVE-SM1720-50 Datasheet
150Kb / 3P
   1700-2000 MHz 100 Watt Linear Power Amplifier
SM1727-37SQ STEALTH_MICROWAVE-SM1727-37SQ Datasheet
94Kb / 2P
   1700-2700 MHz 5 Watt Linear Power Amplifier
SM1727-37S STEALTH_MICROWAVE-SM1727-37S Datasheet
94Kb / 2P
   1700-2700 MHz 5 Watt Linear Power Amplifier
SM1727-37HS STEALTH_MICROWAVE-SM1727-37HS Datasheet
93Kb / 3P
   1700-2700 MHz 5 Watt Linear Power Amplifier
SM2023-37HS STEALTH_MICROWAVE-SM2023-37HS Datasheet
116Kb / 2P
   2000-2300 MHz 5 Watt Linear Power Amplifier
SM2040-37 STEALTH_MICROWAVE-SM2040-37 Datasheet
140Kb / 3P
   2000-4000 MHz 5 Watt Linear Power Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com