Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA25-800CW3G Datasheet(PDF) 1 Page - ON Semiconductor

Part # BTA25-800CW3G
Description  Silicon Bidirectional Thyristors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BTA25-800CW3G Datasheet(HTML) 1 Page - ON Semiconductor

  BTA25-800CW3G Datasheet HTML 1Page - ON Semiconductor BTA25-800CW3G Datasheet HTML 2Page - ON Semiconductor BTA25-800CW3G Datasheet HTML 3Page - ON Semiconductor BTA25-800CW3G Datasheet HTML 4Page - ON Semiconductor BTA25-800CW3G Datasheet HTML 5Page - ON Semiconductor BTA25-800CW3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2009
March, 2009 − Rev. 0
1
Publication Order Number:
BTA25−600CW3/D
BTA25-600CW3G,
BTA25-800CW3G
Triacs
Silicon Bidirectional Thyristors
Designed for high performance full-wave ac control applications
where high noise immunity and high commutating di/dt are required.
Features
Blocking Voltage to 800 Volts
On-State Current Rating of 25 Amperes RMS at 95°C
Uniform Gate Trigger Currents in Three Quadrants
High Immunity to dV/dt − 500 V/ms minimum at 125°C
Minimizes Snubber Networks for Protection
Industry Standard TO-220AB Package − Internally Isolated
High Commutating dI/dt − 4.0 A/ms minimum at 125°C
Internally Isolated (2500 VRMS)
These are Pb−Free Devices
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak Repetitive Off−State Voltage (Note 1)
(TJ = −40 to 125°C, Sine Wave,
50 to 60 Hz, Gate Open)
BTA25−600CW3G
BTA25−800CW3G
VDRM,
VRRM
600
800
V
On-State RMS Current (Full Cycle Sine
Wave, 60 Hz, TC = 95°C)
IT(RMS)
25
A
Peak Non-Repetitive Surge Current
(One Full Cycle Sine Wave, 60 Hz,
TC = 25°C)
ITSM
250
A
Circuit Fusing Consideration (t = 8.3 ms)
I2t
260
A2sec
Non−Repetitive Surge Peak Off−State
Voltage (TJ = 25°C, t = 8.3 ms)
VDSM/
VRSM
VDRM/VRRM
+100
V
Peak Gate Current (TJ = 125°C, t ≤ 20 ms)
IGM
4.0
A
Average Gate Power (TJ = 125°C)
PG(AV)
0.5
W
Operating Junction Temperature Range
TJ
−40 to +125
°C
Storage Temperature Range
Tstg
−40 to +150
°C
RMS Isolation Voltage
(t = 300 ms, R.H. ≤ 30%, TA = 25°C)
Viso
2500
V
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. VDRM and VRRM for all types can be applied on a continuous basis. Blocking
voltages shall not be tested with a constant current source such that the
voltage ratings of the devices are exceeded.
TRIACS
25 AMPERES RMS
600 thru 800 VOLTS
TO−220AB
CASE 221A
STYLE 12
1
http://onsemi.com
BTA25−xCWG
AYWW
MARKING
DIAGRAM
x
= 6 or 8
A
= Assembly Location
Y
= Year
WW = Work Week
G
= Pb−Free Package
2
3
Device
Package
Shipping
ORDERING INFORMATION
BTA25−600CW3G
TO−220AB
(Pb−Free)
50 Units / Rail
PIN ASSIGNMENT
1
2
3
Gate
Main Terminal 1
Main Terminal 2
4
No Connection
MT1
G
MT2
BTA25−800CW3G
TO−220AB
(Pb−Free)
50 Units / Rail
*For additional information on our Pb−Free strategy and
soldering details, please download the ON Semicon-
ductor Soldering and Mounting Techniques Reference
Manual, SOLDERRM/D.
4


Similar Part No. - BTA25-800CW3G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA25-800CW STMICROELECTRONICS-BTA25-800CW Datasheet
137Kb / 12P
   25A TRIACS
logo
Inchange Semiconductor ...
BTA25-800CW ISC-BTA25-800CW Datasheet
224Kb / 2P
   isc Triacs
logo
STMicroelectronics
BTA25-800CWRG STMICROELECTRONICS-BTA25-800CWRG Datasheet
133Kb / 12P
   25 A standard and Snubberless triacs
BTA25-800CWRG STMICROELECTRONICS-BTA25-800CWRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
BTA25-800CWRG STMICROELECTRONICS-BTA25-800CWRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
More results

Similar Description - BTA25-800CW3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6344 ONSEMI-2N6344 Datasheet
87Kb / 8P
   Silicon Bidirectional Thyristors
March, 2000 ??Rev. 1
MAC223A6 ONSEMI-MAC223A6 Datasheet
162Kb / 5P
   Silicon Bidirectional Thyristors
August, 2006 ??Rev. 2
logo
Kersemi Electronic Co.,...
MAC4DSM KERSEMI-MAC4DSM Datasheet
466Kb / 8P
   Silicon Bidirectional Thyristors
logo
ON Semiconductor
BTA30-600CW3G ONSEMI-BTA30-600CW3G Datasheet
109Kb / 6P
   Silicon Bidirectional Thyristors
March, 2009 ??Rev. 0
logo
Digitron Semiconductors
MAC223 DIGITRON-MAC223 Datasheet
173Kb / 3P
   SILICON BIDIRECTIONAL THYRISTORS
MAC210 DIGITRON-MAC210 Datasheet
208Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
logo
New Jersey Semi-Conduct...
2N6342A NJSEMI-2N6342A Datasheet
167Kb / 1P
   SILICON BIDIRECTIONAL THYRISTORS
logo
Digitron Semiconductors
BTC05 DIGITRON-BTC05 Datasheet
427Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC321 DIGITRON-MAC321 Datasheet
207Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC320 DIGITRON-MAC320 Datasheet
206Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC213 DIGITRON-MAC213 Datasheet
228Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com