Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVTH16373GQLR Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LVTH16373GQLR
Description  3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVTH16373GQLR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVTH16373GQLR Datasheet HTML 2Page - Texas Instruments SN74LVTH16373GQLR Datasheet HTML 3Page - Texas Instruments SN74LVTH16373GQLR Datasheet HTML 4Page - Texas Instruments SN74LVTH16373GQLR Datasheet HTML 5Page - Texas Instruments SN74LVTH16373GQLR Datasheet HTML 6Page - Texas Instruments SN74LVTH16373GQLR Datasheet HTML 7Page - Texas Instruments SN74LVTH16373GQLR Datasheet HTML 8Page - Texas Instruments SN74LVTH16373GQLR Datasheet HTML 9Page - Texas Instruments SN74LVTH16373GQLR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
www.ti.com
Timing Requirements
Switching Characteristics
SN54LVTH16373
,, SN74LVTH16373
3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES
WITH 3-STATE OUTPUTS
SCBS144P – MAY 1992 – REVISED NOVEMBER 2006
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
SN54LVTH16373
SN74LVTH16373
VCC = 3.3 V
VCC = 3.3 V
VCC = 2.7 V
VCC = 2.7 V
UNIT
± 0.3 V
± 0.3 V
MIN MAX
MIN
MAX
MIN
MAX
MIN
MAX
tw
Pulse duration, LE high
3
3
3
3
ns
tsu
Setup time, data before LE
2
2
1
0.6
ns
th
Hold time, data after LE
3
3.3
1
1.1
ns
over recommended operating free-air temperature range, C
L = 50 pF (unless otherwise noted) (see Figure 1)
SN54LVTH16373
SN74LVTH16373
FROM
TO
VCC = 3.3 V
VCC = 3.3 V
PARAMETER
VCC = 2.7 V
VCC = 2.7 V
UNIT
(INPUT)
(OUTPUT)
± 0.3 V
± 0.3 V
MIN
MAX
MIN
MAX
MIN
TYP(1)
MAX
MIN
MAX
tPLH
1.4
4.5
5.2
1.5
2.7
3.8
4.2
D
Q
ns
tPHL
1.4
4.4
4.8
1.5
2.5
3.6
4
tPLH
1.8
5.5
5.8
2.1
3
4.3
4.8
LE
Q
ns
tPHL
1.8
5.2
5.6
2.1
2.9
4
4
tPZH
1.4
5.7
6.7
1.5
2.8
4.3
5.1
OE
Q
ns
tPZL
1.4
5.5
6
1.5
2.8
4.3
4.7
tPHZ
2
6
6.2
2.4
3.5
5
5.4
OE
Q
ns
tPLZ
1.4
5.2
5.6
2
3.2
4.7
4.8
tsk(LH)
0.5
ns
tsk(HL)
0.5
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
6
Submit Documentation Feedback


Similar Part No. - SN74LVTH16373GQLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVTH16373-EP TI1-SN74LVTH16373-EP Datasheet
462Kb / 12P
[Old version datasheet]   3.30V ABT 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVTH16373-EP TI1-SN74LVTH16373-EP Datasheet
889Kb / 24P
[Old version datasheet]   SN74LVTH16373-EP 3.3-V ABT 16-Bit Transparent D-Type Latch With Tri-State Outputs
SN74LVTH16373-EP TI1-SN74LVTH16373-EP_16 Datasheet
889Kb / 24P
[Old version datasheet]   SN74LVTH16373-EP 3.3-V ABT 16-Bit Transparent D-Type Latch With Tri-State Outputs
More results

Similar Description - SN74LVTH16373GQLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH162373 TI-SN54LVTH162373_08 Datasheet
507Kb / 16P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373 TI-SN54LVTH162373_07 Datasheet
398Kb / 14P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373 TI1-SN54LVTH162373_14 Datasheet
890Kb / 17P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373 TI-SN54LVTH162373 Datasheet
104Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373_071 TI-SN54LVTH162373_071 Datasheet
478Kb / 16P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH573 TI-SN54LVTH573_07 Datasheet
740Kb / 23P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH373 TI-SN54LVTH373_07 Datasheet
472Kb / 16P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH573 TI-SN54LVTH573_08 Datasheet
1Mb / 24P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH573 TI-SN54LVTH573 Datasheet
94Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVT573 TI-SN54LVT573 Datasheet
470Kb / 15P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com