Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVTH16373GQLR Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVTH16373GQLR
Description  3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVTH16373GQLR Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVTH16373GQLR Datasheet HTML 1Page - Texas Instruments SN74LVTH16373GQLR Datasheet HTML 2Page - Texas Instruments SN74LVTH16373GQLR Datasheet HTML 3Page - Texas Instruments SN74LVTH16373GQLR Datasheet HTML 4Page - Texas Instruments SN74LVTH16373GQLR Datasheet HTML 5Page - Texas Instruments SN74LVTH16373GQLR Datasheet HTML 6Page - Texas Instruments SN74LVTH16373GQLR Datasheet HTML 7Page - Texas Instruments SN74LVTH16373GQLR Datasheet HTML 8Page - Texas Instruments SN74LVTH16373GQLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
www.ti.com
FEATURES
SN54LVTH16373 . . . WD PACKAGE
SN74LVTH16373 . . . DGG OR DL PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1OE
1Q1
1Q2
GND
1Q3
1Q4
VCC
1Q5
1Q6
GND
1Q7
1Q8
2Q1
2Q2
GND
2Q3
2Q4
VCC
2Q5
2Q6
GND
2Q7
2Q8
2OE
1LE
1D1
1D2
GND
1D3
1D4
VCC
1D5
1D6
GND
1D7
1D8
2D1
2D2
GND
2D3
2D4
VCC
2D5
2D6
GND
2D7
2D8
2LE
DESCRIPTION/ORDERING INFORMATION
SN54LVTH16373
,, SN74LVTH16373
3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES
WITH 3-STATE OUTPUTS
SCBS144P – MAY 1992 – REVISED NOVEMBER 2006
• Members of the Texas Instruments Widebus™
Family
• State-of-the-Art Advanced BiCMOS
Technology (ABT) Design for 3.3-V Operation
and Low Static-Power Dissipation
• Support Mixed-Mode Signal Operation (5-V
Input and Output Voltages With 3.3-V VCC)
• Support Unregulated Battery Operation Down
to 2.7 V
• Typical V
OLP (Output Ground Bounce) <0.8 V
at VCC = 3.3 V, TA = 25°C
• I
off and Power-Up 3-State Support Hot
Insertion
• Bus Hold on Data Inputs Eliminates the Need
for External Pullup/Pulldown Resistors
• Distributed V
CC and GND Pins Minimize
High-Speed Switching Noise
• Flow-Through Architecture Optimizes PCB
Layout
• Latch-Up Performance Exceeds 500 mA Per
JESD 17
• ESD Protection Exceeds JESD 22
2000-V Human-Body Model (A114-A)
200-V Machine Model (A115-A)
The 'LVTH16373 devices are 16-bit transparent D-type latches with 3-state outputs designed for low-voltage
(3.3-V) VCC operation, but with the capability to provide a TTL interface to a 5-V system environment. These
devices are particularly suitable for implementing buffer registers, I/O ports, bidirectional bus drivers, and
working registers.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
FBGA – GRD
SN74LVTH16373GRDR
Reel of 1000
LL373
FBGA – ZRD (Pb-free)
SN74LVTH16373ZRDR
Tube of 25
SN74LVTH16373DL
SN74LVTH16373DLG4
SSOP – DL
LVTH16373
–40
°C to 85°C
Reel of 1000
SN74LVTH16373DLR
SN74LVTH16373DLRG4
TSSOP – DGG
Reel of 2000
SN74LVTH16373DGGR
LVTH16373
VFBGA – GQL
SN74LVTH16373GQLR
Reel of 1000
LL373
VFBGA – ZQL (Pb-free)
SN74LVTH16373ZQLR
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Widebus is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1992–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
On products compliant to MIL-PRF-38535, all parameters are
Instruments standard warranty. Production processing does not
tested unless otherwise noted. On all other products, production
necessarily include testing of all parameters.
processing does not necessarily include testing of all parameters.


Similar Part No. - SN74LVTH16373GQLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVTH16373-EP TI1-SN74LVTH16373-EP Datasheet
462Kb / 12P
[Old version datasheet]   3.30V ABT 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVTH16373-EP TI1-SN74LVTH16373-EP Datasheet
889Kb / 24P
[Old version datasheet]   SN74LVTH16373-EP 3.3-V ABT 16-Bit Transparent D-Type Latch With Tri-State Outputs
SN74LVTH16373-EP TI1-SN74LVTH16373-EP_16 Datasheet
889Kb / 24P
[Old version datasheet]   SN74LVTH16373-EP 3.3-V ABT 16-Bit Transparent D-Type Latch With Tri-State Outputs
More results

Similar Description - SN74LVTH16373GQLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH162373 TI-SN54LVTH162373_08 Datasheet
507Kb / 16P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373 TI-SN54LVTH162373_07 Datasheet
398Kb / 14P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373 TI1-SN54LVTH162373_14 Datasheet
890Kb / 17P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373 TI-SN54LVTH162373 Datasheet
104Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373_071 TI-SN54LVTH162373_071 Datasheet
478Kb / 16P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH573 TI-SN54LVTH573_07 Datasheet
740Kb / 23P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH373 TI-SN54LVTH373_07 Datasheet
472Kb / 16P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH573 TI-SN54LVTH573_08 Datasheet
1Mb / 24P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH573 TI-SN54LVTH573 Datasheet
94Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVT573 TI-SN54LVT573 Datasheet
470Kb / 15P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com