Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM1720-50 Datasheet(PDF) 1 Page - Stealth Microwave, Inc.

Part # SM1720-50
Description  1700-2000 MHz 100 Watt Linear Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Direct Link  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM1720-50 Datasheet(HTML) 1 Page - Stealth Microwave, Inc.

  SM1720-50 Datasheet HTML 1Page - Stealth Microwave, Inc. SM1720-50 Datasheet HTML 2Page - Stealth Microwave, Inc. SM1720-50 Datasheet HTML 3Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM1720-50
1700-2000 MHz
100 Watt Linear Power Amplifier
PCS APPLICATIONS
Parameter
Specification
Frequency Range
1.7 - 2.0 GHz
Pout (P1dB)
+ 50 dBm
Third Order Intercept
Point
+ 60dBm
Linear Gain
50dB ± 1 dB
Gain Flatness over Full
Band
± .5 dB
Input/Output Return Loss
-14 dB /-18 dB
DC Input Voltage
+ 12 Volts
DC Input Current
Approx 27 Amps @
P1dB
Mechanical Dimensions
Without Heatsink
7.5 x 4.0 x 0.8 Inches
RF Connectors
SMA Female
Operating Temperature
(Baseplate)
+20o C to +75o C
Operating Humidity
95% Non-condensing
Operating Altitude
Up to 10,000 feet above
Sea Level
The SM1720-50 is a 1.7 to 2.0 GHz solid
state GaAs amplifier designed for the
Personal Communication Systems (PCS)
market. Its compact size and high linearity
make it ideally suited for systems using
CDMA, TDMA, or other high dynamic
range
multi-carrier
applications.
The
amplifier provides a P1dB of +50 dBm and
a Linear Gain of 50dB.
Features
• Temperature Compensation
• Single Power Supply
• Over/Reverse Voltage Protection
• Thermal Protection with Auto Reset
Options
• Forward Power Detection
• Thermal Detector
• Fan
• TTL Logic On/Off Control
• Heatsink
Configurations
• Module
• Bench-Top Lab Unit
• 19” Rack Mount


Similar Part No. - SM1720-50

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM1720-50L STEALTH_MICROWAVE-SM1720-50L Datasheet
150Kb / 3P
   1700-2000 MHz 100 Watt Linear Power Amplifier
More results

Similar Description - SM1720-50

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM1720-50L STEALTH_MICROWAVE-SM1720-50L Datasheet
150Kb / 3P
   1700-2000 MHz 100 Watt Linear Power Amplifier
SM1720-41L STEALTH_MICROWAVE-SM1720-41L Datasheet
104Kb / 2P
   1700-2000 MHz 12 Watt Linear Power Amplifier
SM1720-37HS STEALTH_MICROWAVE-SM1720-37HS Datasheet
89Kb / 3P
   1700-2000 MHz 5 Watt Linear Power Amplifier
SM1720-37H STEALTH_MICROWAVE-SM1720-37H Datasheet
93Kb / 2P
   1700-2000 MHz 5 Watt Linear Power Amplifier
SM1720-34HS STEALTH_MICROWAVE-SM1720-34HS Datasheet
64Kb / 2P
   1700-2000 MHz 3 Watt Linear Power Amplifier
SM2022-50L STEALTH_MICROWAVE-SM2022-50L Datasheet
160Kb / 2P
   2000-2200 MHz 100 Watt Linear Power Amplifier
SM1727-34HSQ STEALTH_MICROWAVE-SM1727-34HSQ Datasheet
96Kb / 2P
   1700-2700 MHz 3 Watt Linear Power Amplifier
SM1727-37SQ STEALTH_MICROWAVE-SM1727-37SQ Datasheet
94Kb / 2P
   1700-2700 MHz 5 Watt Linear Power Amplifier
SM1727-37S STEALTH_MICROWAVE-SM1727-37S Datasheet
94Kb / 2P
   1700-2700 MHz 5 Watt Linear Power Amplifier
SM1727-34HS STEALTH_MICROWAVE-SM1727-34HS Datasheet
93Kb / 3P
   1700-2700 MHz 3 Watt Linear Power Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com