Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM1720-50 Datasheet(PDF) 3 Page - Stealth Microwave, Inc.

Part # SM1720-50
Description  1700-2000 MHz 100 Watt Linear Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Direct Link  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM1720-50 Datasheet(HTML) 3 Page - Stealth Microwave, Inc.

  SM1720-50 Datasheet HTML 1Page - Stealth Microwave, Inc. SM1720-50 Datasheet HTML 2Page - Stealth Microwave, Inc. SM1720-50 Datasheet HTML 3Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM1720-50
1700-2000 MHz
100 Watt Linear Power Amplifier
PCS APPLICATIONS
Specifications subject to change without notice.
Pin
Description
Values
RF IN
Input Connector (SMA Female)
2 dBm typical
RF OUT
Output Connector (SMA Female)
+50dBm @P1dB
GND
Ground Turret
---
FWD
Forward Power Detector
+ 50 dBm Output Power
≈ + 5.0 Volts
+12VDC
DC Input Voltage
+ 12 Volts @ 19 Amps (typ.)
I/O
TTL Logic On/Off
0 Volts = Off, 5 Volts = On


Similar Part No. - SM1720-50

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM1720-50L STEALTH_MICROWAVE-SM1720-50L Datasheet
150Kb / 3P
   1700-2000 MHz 100 Watt Linear Power Amplifier
More results

Similar Description - SM1720-50

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM1720-50L STEALTH_MICROWAVE-SM1720-50L Datasheet
150Kb / 3P
   1700-2000 MHz 100 Watt Linear Power Amplifier
SM1720-41L STEALTH_MICROWAVE-SM1720-41L Datasheet
104Kb / 2P
   1700-2000 MHz 12 Watt Linear Power Amplifier
SM1720-37HS STEALTH_MICROWAVE-SM1720-37HS Datasheet
89Kb / 3P
   1700-2000 MHz 5 Watt Linear Power Amplifier
SM1720-37H STEALTH_MICROWAVE-SM1720-37H Datasheet
93Kb / 2P
   1700-2000 MHz 5 Watt Linear Power Amplifier
SM1720-34HS STEALTH_MICROWAVE-SM1720-34HS Datasheet
64Kb / 2P
   1700-2000 MHz 3 Watt Linear Power Amplifier
SM2022-50L STEALTH_MICROWAVE-SM2022-50L Datasheet
160Kb / 2P
   2000-2200 MHz 100 Watt Linear Power Amplifier
SM1727-34HSQ STEALTH_MICROWAVE-SM1727-34HSQ Datasheet
96Kb / 2P
   1700-2700 MHz 3 Watt Linear Power Amplifier
SM1727-37SQ STEALTH_MICROWAVE-SM1727-37SQ Datasheet
94Kb / 2P
   1700-2700 MHz 5 Watt Linear Power Amplifier
SM1727-37S STEALTH_MICROWAVE-SM1727-37S Datasheet
94Kb / 2P
   1700-2700 MHz 5 Watt Linear Power Amplifier
SM1727-34HS STEALTH_MICROWAVE-SM1727-34HS Datasheet
93Kb / 3P
   1700-2700 MHz 3 Watt Linear Power Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com