Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM1727-34HS Datasheet(PDF) 1 Page - Stealth Microwave, Inc.

Part # SM1727-34HS
Description  1700-2700 MHz 3 Watt Linear Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Direct Link  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM1727-34HS Datasheet(HTML) 1 Page - Stealth Microwave, Inc.

  SM1727-34HS Datasheet HTML 1Page - Stealth Microwave, Inc. SM1727-34HS Datasheet HTML 2Page - Stealth Microwave, Inc. SM1727-34HS Datasheet HTML 3Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM1727-34HS
1700-2700 MHz
3 Watt Linear Power Amplifier
FOR LAB & WIDEBAND APPLICATIONS
Parameter
Specification
Frequency Range
1.7 – 2.7 GHz
Pout (P1dB)
+ 34 dBm
Third Order Intercept
Point
+ 47 dBm (typ.)
Linear Gain
33 dB ± 1.0 dB
Gain Flatness over
Full Band
± .5 dB
Input/Output Return
Loss
-16 dB / -16 dB
DC Input Voltage
+12 Volts
(+10 V Operation Available)
DC Input Current
1.2 Amperes (typ.)
Mechanical Dimensions
4.7 x 2.0 x .54 inches
RF Connectors
SMA Female
Operating Temperature
0ºC to +55ºC
Operating Humidity
95% Non-condensing
Operating Altitude
Up to 10,000 feet above
Sea Level
The SM1727-34HS is a solid state GaAs
amplifier designed for multiple wireless
markets With 1 GHz of instantaneous
bandwidth, the amplifier can be used in
many applications. This highly linear design
provides a high output third order intercept
for use with complex modulated signals
such as OFDM, DVB, and WiMAX.
Features
• Over Voltage Protection
• Thermal Protection with Auto Reset
Options
• Single DC Supply of +10V
• Logic On/Off Control
• Integral Heatsink
• High speed switching for TDD
Configurations
• Module
• Laboratory Unit
• 19” Rack


Similar Part No. - SM1727-34HS

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM1727-34HSQ STEALTH_MICROWAVE-SM1727-34HSQ Datasheet
96Kb / 2P
   1700-2700 MHz 3 Watt Linear Power Amplifier
More results

Similar Description - SM1727-34HS

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM1727-34HSQ STEALTH_MICROWAVE-SM1727-34HSQ Datasheet
96Kb / 2P
   1700-2700 MHz 3 Watt Linear Power Amplifier
SM1727-37SQ STEALTH_MICROWAVE-SM1727-37SQ Datasheet
94Kb / 2P
   1700-2700 MHz 5 Watt Linear Power Amplifier
SM1727-37S STEALTH_MICROWAVE-SM1727-37S Datasheet
94Kb / 2P
   1700-2700 MHz 5 Watt Linear Power Amplifier
SM1727-37HS STEALTH_MICROWAVE-SM1727-37HS Datasheet
93Kb / 3P
   1700-2700 MHz 5 Watt Linear Power Amplifier
SM1727-37 STEALTH_MICROWAVE-SM1727-37 Datasheet
82Kb / 2P
   1700-2700 MHz 5 Watt Linear Power Amplifiers
SM2527-34HS STEALTH_MICROWAVE-SM2527-34HS Datasheet
93Kb / 2P
   2500-2700 MHz 3 Watt Linear Power Amplifier
SM1720-34HS STEALTH_MICROWAVE-SM1720-34HS Datasheet
64Kb / 2P
   1700-2000 MHz 3 Watt Linear Power Amplifier
SM2527-50 STEALTH_MICROWAVE-SM2527-50 Datasheet
145Kb / 2P
   2500-2700 MHz 100 Watt Linear Power Amplifier
SM06927-36H STEALTH_MICROWAVE-SM06927-36H Datasheet
90Kb / 3P
   690-2700 MHz 4 Watt Linear Power Amplifier
SM2527-47 STEALTH_MICROWAVE-SM2527-47 Datasheet
122Kb / 3P
   2500-2700 MHz 50 Watt Linear Power Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com