Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM1727-37 Datasheet(PDF) 1 Page - Stealth Microwave, Inc.

Part # SM1727-37
Description  1700-2700 MHz 5 Watt Linear Power Amplifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Direct Link  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM1727-37 Datasheet(HTML) 1 Page - Stealth Microwave, Inc.

  SM1727-37 Datasheet HTML 1Page - Stealth Microwave, Inc. SM1727-37 Datasheet HTML 2Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM1727-37/-37H
1700-2700 MHz
5 Watt Linear Power Amplifiers
FOR LAB & WIDEBAND APPLICATIONS
Item
SM1727-37
SM1727-37H
Frequency Range
1.7 - 2.7 GHz
1.7-2.7 GHz
Pout (P1dB)
+ 37 dBm
+37 dBm
Third Order
Intercept Point
+ 51 dBm
+51 dBm
Linear Gain
20 dB ± 1.0 dB
33 dB ± 1.0 dB
Gain Flatness over
Full Band
± .5 dB
± .5 dB
Input/Output
Return Loss
-11/-14 dB
-16/-14 dB
DC Input Voltage
+ 12 Volts
+12 Volts
DC Input Current
1.9 Amperes
1.9 Amperes
Mechanical
Dimensions
5.0 x 2.5 x .563 in.
5.0 x 2.5 x .563 in.
RF Connectors
SMA Female
SMA Female
Operating
Temperature
0o C to +55o C
0o C to +55o C
Operating
Humidity
95% Non-
condensing
95% Non-
condensing
Operating Altitude
Up to 10,000 feet
above Sea Level
Up to 10,000 feet
above Sea Level
The SM1727-37 and SM1727-37H are
solid state GaAs amplifiers designed for
multi-purpose use in the wireless markets.
With 1 GHz of bandwidth, these small
amplifiers can be used in DCS1800, ISM,
WLL, PCS and MMDS applications. These
units operate over a frequency range of
1700-2700 MHz, the 1 dB compression
point is +37 dBm, and the output third order
intercept point is +51 dBm. Of the two
versions available, the -37 has 20 dB of
linear gain, and the -37H has 33 dB of
linear gain. The gain flatness over the full
frequency band is just ± 0.35 dB.
Features
• Single DC Supply
• Over/Reverse Voltage Protection
• Thermal Protection with Auto Reset
Options
• Harmonic Filter
Logic On/Off Control
Configurations
• Module
• Laboratory Unit
• 19” Rack


Similar Part No. - SM1727-37

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM1727-37HS STEALTH_MICROWAVE-SM1727-37HS Datasheet
93Kb / 3P
   1700-2700 MHz 5 Watt Linear Power Amplifier
SM1727-37S STEALTH_MICROWAVE-SM1727-37S Datasheet
94Kb / 2P
   1700-2700 MHz 5 Watt Linear Power Amplifier
SM1727-37SQ STEALTH_MICROWAVE-SM1727-37SQ Datasheet
94Kb / 2P
   1700-2700 MHz 5 Watt Linear Power Amplifier
More results

Similar Description - SM1727-37

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM1727-37SQ STEALTH_MICROWAVE-SM1727-37SQ Datasheet
94Kb / 2P
   1700-2700 MHz 5 Watt Linear Power Amplifier
SM1727-37S STEALTH_MICROWAVE-SM1727-37S Datasheet
94Kb / 2P
   1700-2700 MHz 5 Watt Linear Power Amplifier
SM1727-37HS STEALTH_MICROWAVE-SM1727-37HS Datasheet
93Kb / 3P
   1700-2700 MHz 5 Watt Linear Power Amplifier
SM1727-34HSQ STEALTH_MICROWAVE-SM1727-34HSQ Datasheet
96Kb / 2P
   1700-2700 MHz 3 Watt Linear Power Amplifier
SM1727-34HS STEALTH_MICROWAVE-SM1727-34HS Datasheet
93Kb / 3P
   1700-2700 MHz 3 Watt Linear Power Amplifier
SM1720-37HS STEALTH_MICROWAVE-SM1720-37HS Datasheet
89Kb / 3P
   1700-2000 MHz 5 Watt Linear Power Amplifier
SM2527-37HS STEALTH_MICROWAVE-SM2527-37HS Datasheet
66Kb / 2P
   2500-2700 MHz 5 Watt Linear Power Amplifier
SM2527-37H STEALTH_MICROWAVE-SM2527-37H Datasheet
93Kb / 2P
   2500-2700 MHz 5 Watt Linear Power Amplifier
SM1720-37H STEALTH_MICROWAVE-SM1720-37H Datasheet
93Kb / 2P
   1700-2000 MHz 5 Watt Linear Power Amplifier
SM2527-34HS STEALTH_MICROWAVE-SM2527-34HS Datasheet
93Kb / 2P
   2500-2700 MHz 3 Watt Linear Power Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com