Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT3604HV4-GT2 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CAT3604HV4-GT2
Description  4-Channel Regulated Charge Pump White LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3604HV4-GT2 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CAT3604HV4-GT2 Datasheet HTML 2Page - ON Semiconductor CAT3604HV4-GT2 Datasheet HTML 3Page - ON Semiconductor CAT3604HV4-GT2 Datasheet HTML 4Page - ON Semiconductor CAT3604HV4-GT2 Datasheet HTML 5Page - ON Semiconductor CAT3604HV4-GT2 Datasheet HTML 6Page - ON Semiconductor CAT3604HV4-GT2 Datasheet HTML 7Page - ON Semiconductor CAT3604HV4-GT2 Datasheet HTML 8Page - ON Semiconductor CAT3604HV4-GT2 Datasheet HTML 9Page - ON Semiconductor CAT3604HV4-GT2 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CAT3606
Doc. No. MD-5009 Rev. D
6
© 2008 SCILLC. All rights reserved.
Characteristics subject to change without notice
TYPICAL CHARACTERISTICS
VIN = 3.6V, EN = VIN, ENM
¯¯¯ = ENS
¯¯¯ = GND, CIN = COUT = 1µF, RSET = 24kΩ (20mA per LED), TAMB = 25ºC, unless
otherwise specified.
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
3.0
3.2
3.4
3.6
3.8
4.0
4.2
6 LEDs at 15mA
-4
-3
-2
-1
0
1
2
3
4
-50
-25
0
25
50
75
100
125
6 LEDs at 15mA
VIN = 4V
0.0
0.1
0.2
0.3
0.4
0.5
3.0
3.2
3.4
3.6
3.8
4.0
4.2
6LEDsOFF
0.0
0.1
0.2
0.3
0.4
0.5
-40
-20
0
20
406080
100
6LEDs OFF
RSET = 500kΩ
Efficiency vs. Input Voltage (6 LEDs)
40
50
60
70
80
90
100
0
50
100
150
200
VIN = 4V
(1x mode )
VIN = 3.2V (1.5x mode)
INPUT VOLTAGE [V]
TOTAL LED CURRENT [mA]
INPUT VOLTAGE [V]
TEMPERATURE [ºC]
INPUT VOLTAGE [V]
TEMPERATURE [ºC]
Efficiency vs. Total LED Current (6 LEDs)
LED Current Change vs. Input Voltage
LED Current Change vs. Temperature
Ground Current vs. Input Voltage (1x mode)
Ground Current vs. Temperature (1x mode)
40
50
60
70
80
90
100
3.0
3.2
3.4
3.6
3.8
4.0
4.2
1x mode
1.5x mode
15mA per LED
20mA per LED


Similar Part No. - CAT3604HV4-GT2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3604HV4-GT2 CATALYST-CAT3604HV4-GT2 Datasheet
411Kb / 12P
   4-Channel Regulated Charge Pump White LED Driver
logo
ON Semiconductor
CAT3604HV4-GT2 ONSEMI-CAT3604HV4-GT2 Datasheet
238Kb / 11P
   4-Channel Regulated Charge Pump White LED Driver TQFN-16 HV4 SUFFIX
February, 2010 ??Rev. 1
More results

Similar Description - CAT3604HV4-GT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT3604AHV4-T2 ONSEMI-CAT3604AHV4-T2 Datasheet
238Kb / 11P
   4-Channel Regulated Charge Pump White LED Driver
November, 2010 ??Rev. 0
logo
Catalyst Semiconductor
CAT3604 CATALYST-CAT3604_08 Datasheet
411Kb / 12P
   4-Channel Regulated Charge Pump White LED Driver
logo
Power Analog Micoelectr...
PAM2701 PAM-PAM2701 Datasheet
387Kb / 14P
   4-Channel Regulated Charge Pump White LED Driver
logo
Catalyst Semiconductor
CAT3604 CATALYST-CAT3604 Datasheet
616Kb / 11P
   4-Channel Regulated Charge Pump White LED Driver
logo
ON Semiconductor
CAT3604AHV4-T2 ONSEMI-CAT3604AHV4-T2 Datasheet
229Kb / 11P
   4-Channel Regulated Charge Pump White LED Driver
November, 2010 ??Rev. 0
logo
Seaward Electronics Inc...
SE3362 SEAWARD-SE3362 Datasheet
329Kb / 8P
   4-Channel Regulated Charge Pump White LED Driver
logo
Sipex Corporation
SP6687 SIPEX-SP6687 Datasheet
246Kb / 12P
   4 Channel Charge Pump White LED Driver
logo
ON Semiconductor
CAT3604 ONSEMI-CAT3604 Datasheet
238Kb / 11P
   4-Channel Regulated Charge Pump White LED Driver TQFN-16 HV4 SUFFIX
February, 2010 ??Rev. 1
logo
Exar Corporation
SP6887 EXAR-SP6887 Datasheet
745Kb / 10P
   4 CHANNEL REGULATED CHARGE PUMP WLED DRIVER
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com