Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM1822-42LS Datasheet(PDF) 2 Page - Stealth Microwave, Inc.

Part # SM1822-42LS
Description  1800 - 2200 MHz 15 Watt Ultra-Linear Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Direct Link  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM1822-42LS Datasheet(HTML) 2 Page - Stealth Microwave, Inc.

  SM1822-42LS Datasheet HTML 1Page - Stealth Microwave, Inc. SM1822-42LS Datasheet HTML 2Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM1822-42LS
1800 - 2200 MHz
15 Watt Ultra-Linear Power Amplifier
DIMENSIONS IN INCHES
INCORPORATED
RF INPUT
Made in USA
GND
+VDC
ON/OFF
FWD DET
RF OUTPUT
Pin
Description
Values
RF INPUT
Input Connector ( SMA Female )
-8 dBm (max.)
RF OUTPUT
Output Connector (SMA Female)
+ 42 dBm @ P1dB (typ.)
GND
Ground Turret
---
FWD
Forward Power Detector
+ 35dBm COFDM Output Power
≈ + 2.0 Volts.
+12VDC
DC Input Voltage
+ 12 Volts @ 5.5 Amperes. (operational)
ON/OFF
TTL Logic On/Off
0 Volts = Off, + 5 Volts = On
Specifications subject to change without notice.


Similar Part No. - SM1822-42LS

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM1822-44 STEALTH_MICROWAVE-SM1822-44 Datasheet
129Kb / 3P
   1800-2200 MHz 25 Watt Linear Power Amplifier
More results

Similar Description - SM1822-42LS

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM1822-44 STEALTH_MICROWAVE-SM1822-44 Datasheet
129Kb / 3P
   1800-2200 MHz 25 Watt Linear Power Amplifier
SM0822-39 STEALTH_MICROWAVE-SM0822-39 Datasheet
125Kb / 3P
   800-2200 MHz 8 Watt Linear Power Amplifier
SM2225-37RY3 STEALTH_MICROWAVE-SM2225-37RY3 Datasheet
40Kb / 2P
   2200-2500 MHz 5 Watt Linear Power Amplifier
SM2025-42LS STEALTH_MICROWAVE-SM2025-42LS Datasheet
141Kb / 2P
   2000 - 2500 MHz 15 Watt Ultra-Linear Power Amplifier
SM04522-36 STEALTH_MICROWAVE-SM04522-36 Datasheet
96Kb / 3P
   450-2200 MHz 4 Watt Linear Power Amplifier
logo
Tyco Electronics
PA1224 MACOM-PA1224 Datasheet
66Kb / 2P
   2000-2200 MHz. 5 Watt 28v. GaAs Ultra Linear Power Amplifier
logo
M/A-COM Technology Solu...
PA2001 MA-COM-PA2001 Datasheet
107Kb / 1P
   Ultra Linear Driver Amplifier - 1 Watt 1800 to 2000 MHz
logo
Stealth Microwave, Inc.
SM2022-37RY4 STEALTH_MICROWAVE-SM2022-37RY4 Datasheet
89Kb / 2P
   2000-2200 MHz 5 Watt Linear Power Amplifier
SM2022-50L STEALTH_MICROWAVE-SM2022-50L Datasheet
160Kb / 2P
   2000-2200 MHz 100 Watt Linear Power Amplifier
logo
Tyco Electronics
PA2001 MACOM-PA2001 Datasheet
237Kb / 1P
   Ultra Linear Driver Amplifier - 1 Watt 1800 to 2000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com