Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVTH18502A Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVTH18502A
Description  3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVTH18502A Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVTH18502A Datasheet HTML 1Page - Texas Instruments SN74LVTH18502A Datasheet HTML 2Page - Texas Instruments SN74LVTH18502A Datasheet HTML 3Page - Texas Instruments SN74LVTH18502A Datasheet HTML 4Page - Texas Instruments SN74LVTH18502A Datasheet HTML 5Page - Texas Instruments SN74LVTH18502A Datasheet HTML 6Page - Texas Instruments SN74LVTH18502A Datasheet HTML 7Page - Texas Instruments SN74LVTH18502A Datasheet HTML 8Page - Texas Instruments SN74LVTH18502A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
SN54LVTH18502A, SN54LVTH182502A, SN74LVTH18502A, SN74LVTH182502A
3.3V ABT SCAN TEST DEVICES
WITH 18BIT UNIVERSAL BUS TRANSCEIVERS
SCBS668C − JULY 1996 − REVISED JUNE 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL NAME
DESCRIPTION
1A1−1A9,
2A1−2A9
Normal-function A-bus I/O ports. See function table for normal-mode logic.
1B1−1B9,
2B1−2B9
Normal-function B-bus I/O ports. See function table for normal-mode logic.
1CLKAB, 1CLKBA,
2CLKAB, 2CLKBA
Normal-function clock inputs. See function table for normal-mode logic.
GND
Ground
1LEAB, 1LEBA,
2LEAB, 2LEBA
Normal-function latch enables. See function table for normal-mode logic.
1OEAB, 1OEBA,
2OEAB, 2OEBA
Normal-function output enables. See function table for normal-mode logic. An internal pullup at each terminal forces the
terminal to a high level if left unconnected.
TCK
Test clock. One of four terminals required by IEEE Standard 1149.1-1990. Test operations of the device are synchronous
to TCK. Data is captured on the rising edge of TCK and outputs change on the falling edge of TCK.
TDI
Test data input. One of four terminals required by IEEE Standard 1149.1-1990. TDI is the serial input for shifting data
through the instruction register or selected data register. An internal pullup forces TDI to a high level if left unconnected.
TDO
Test data output. One of four terminals required by IEEE Standard 1149.1-1990. TDO is the serial output for shifting data
through the instruction register or selected data register.
TMS
Test mode select. One of four terminals required by IEEE Standard 1149.1-1990. TMS directs the device through its TAP
controller states. An internal pullup forces TMS to a high level if left unconnected.
VCC
Supply voltage


Similar Part No. - SN74LVTH18502A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVTH18502A TI-SN74LVTH18502A Datasheet
784Kb / 40P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN74LVTH18502A-EP TI1-SN74LVTH18502A-EP Datasheet
935Kb / 42P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN74LVTH18502APM TI-SN74LVTH18502APM Datasheet
784Kb / 40P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN74LVTH18502APMG4 TI-SN74LVTH18502APMG4 Datasheet
784Kb / 40P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN74LVTH18502APMR TI-SN74LVTH18502APMR Datasheet
784Kb / 40P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
More results

Similar Description - SN74LVTH18502A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH18512 TI-SN54LVTH18512_07 Datasheet
703Kb / 38P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18512 TI-SN54LVTH18512 Datasheet
562Kb / 36P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN74LVTH18502A-EP TI1-SN74LVTH18502A-EP Datasheet
935Kb / 42P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18502A TI-SN54LVTH18502A_08 Datasheet
784Kb / 40P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVT18512 TI-SN54LVT18512 Datasheet
588Kb / 36P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN74LVT182502 TI1-SN74LVT182502 Datasheet
509Kb / 36P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN74LVTH18512-EP TI1-SN74LVTH18512-EP Datasheet
684Kb / 38P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18504A TI-SN54LVTH18504A Datasheet
544Kb / 35P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18504A TI1-SN54LVTH18504A_12 Datasheet
881Kb / 38P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18514 TI-SN54LVTH18514 Datasheet
548Kb / 34P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com