Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB160M-40 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # SB160M-40
Description  Silicon Epitaxial Planer Schottky Barrier Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

SB160M-40 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  SB160M-40 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. SB160M-40 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. SB160M-40 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dated : 22/04/2006
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
SB160M-40
Silicon Epitaxial Planer Schottky Barrier Diode
Features
․ High reliablility
․ Low forward voltage
Application
․ For switching power supplies
․ Battery protection against reversal current
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Reverse Voltage (Repetitive Peak)
VRM
40
V
Reverse Voltage (DC)
VR
40
V
Average Rectified Forward Current
IO
1
A
Peak Forward Surge Current (60Hz / cyc.)
IFSM
30
A
Junction Temperature
TJ
150
O
C
Storage Temperature
Tstg
-40 to 150
O
C
Electrical Characteristics (Ta = 25 OC)
Parameter
Symbol
Min.
Max.
Unit
Forward Voltage
at IF = 1 A
VF
-
0.51
V
Reverse Current
at VR = 40 V
IR
-
30
µA
Anode
2
Top View
Marking Code: "
PF"
Simplified outline SOD-123 and symbol
1
PF
2
PINNING
1
PIN
Cathode
DESCRIPTION


Similar Part No. - SB160M-40

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB160 PANJIT-SB160 Datasheet
45Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere)
logo
EIC discrete Semiconduc...
SB160 EIC-SB160 Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
Vishay Siliconix
SB160 VISHAY-SB160 Datasheet
109Kb / 2P
   Schottky Barrier Rectifier
04-Jun-03
logo
Compact Technology Corp...
SB160 CTC-SB160 Datasheet
68Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Tak Cheong Electronics ...
SB160 TAK_CHEONG-SB160 Datasheet
121Kb / 2P
   1.0AMP. Schottky Barrier Rectifier
More results

Similar Description - SB160M-40

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30 Datasheet
194Kb / 4P
   Schottky barrier diode (Silicon Epitaxial Planer)
RB095B-40 ROHM-RB095B-40 Datasheet
189Kb / 4P
   Schottky barrier diode (Silicon Epitaxial Planer)
logo
Formosa MS
SK52-B FORMOSA-SK52-B Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM120-L FORMOSA-FM120-L Datasheet
68Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM0206-L FORMOSA-FM0206-L Datasheet
68Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM520-B FORMOSA-FM520-B Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM620-T FORMOSA-FM620-T Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM860-B FORMOSA-FM860-B Datasheet
78Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM1520 FORMOSA-FM1520 Datasheet
70Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM320-B FORMOSA-FM320-B Datasheet
71Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com