Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS86 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # BAS86
Description  SCHOTTKY BARRIER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BAS86 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  BAS86 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BAS86 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. BAS86 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dated : 12/03/2005
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
BAS86
SCHOTTKY BARRIER DIODE
Ultra High-Speed Switching, Voltage Clamping
Protection Circuits and Blocking Applications
Features
Low forward voltage.
Guard ring protected.
• Hermetically-sealed leaded glass package.
High breakdown voltage.
Absolute Maximum Ratings (Ta = 25
oC)
Parameter
Symbol
Limits
Unit
Continuous reverse voltage
VR
50
V
Continuous forward current
IF
200
mA
Average forward current
IF(AV)
200
mA
Repetitive peak forward current tp≦1sec.; δ≦0.5
IFRM
500
mA
Non-repetitive peak forward current
tp=10ms
IFSM
5
A
Operating ambient temperature
Tamb
-65 to +125
Junction temperature
Tj
125
Storage temperature range
TS
-65 to +150
Thermal resistance from junction to ambient
Rthj-a
320
K/W
Characteristics at Ta = 25
oC
Parameter
Symbol
Min.
Typ.
Max.
Unit
Forward voltage
at IF = 0.1mA
at IF = 1mA
at IF = 10mA
at IF = 30mA
at IF = 100mA
VF
VF
VF
VF
VF
-
-
-
-
-
-
-
-
-
-
300
380
450
600
900
mV
mV
mV
mV
mV
Reverse current
(Note 1)
at VR = 40V
IR
-
-
5
μA
Reverse recovery time
at IF = 10mA, IR = 10mA, RL = 100Ω
trr
-
-
4
ns
Diode capacitance
at VR = 1V, f = 1MHz
Cd
-
-
8
pF
Note 1: Pulsed test: tp=300
μs; δ=0.02.
LL34


Similar Part No. - BAS86

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS86 PHILIPS-BAS86 Datasheet
28Kb / 6P
   Schottky barrier diode
1996 Oct 01
logo
SUNMATE electronic Co.,...
BAS86 SUNMATE-BAS86 Datasheet
299Kb / 2P
   200mA Surface Mount Schottky Barrier Diode
logo
Vishay Siliconix
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
   Schottky Barrier Diode
Rev. 3, 01-Apr-99
logo
Diode Semiconductor Kor...
BAS86 DSK-BAS86 Datasheet
140Kb / 2P
   SMALL SIGNAL SCHOTTKY DIODE
logo
Vishay Siliconix
BAS86 VISHAY-BAS86 Datasheet
231Kb / 5P
   Small Signal Schottky Diode
Rev. 1.7, 03-Mar-06
More results

Similar Description - BAS86

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com