Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM1920-47L Datasheet(PDF) 1 Page - Stealth Microwave, Inc.

Part # SM1920-47L
Description  1900-2000MHz 50 Watt Linear Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Direct Link  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM1920-47L Datasheet(HTML) 1 Page - Stealth Microwave, Inc.

  SM1920-47L Datasheet HTML 1Page - Stealth Microwave, Inc. SM1920-47L Datasheet HTML 2Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM1920-47L
1900-2000MHz
50 Watt Linear Power Amplifier
FOR BWA APPLICATIONS
Parameter
Specification
Frequency Range
1.9 - 2.0 GHz
Pout (P1dB)
+ 47 dBm
Third Order Intercept
Point
+ 66 dBm
Linear Gain
55 dB ± 1 dB
Gain Flatness over Full
Band
± .5 dB
Gain Change over
Operating Temperature
± .5 dB
Input/Output Return Loss
-16 dB / -16dB
DC Input Voltage
+ 12 Volts
DC Input Current
15 Amps. (operational)
Mechanical Dimensions
7.5 x 4.0 x 0.8 Inches
7.5 x 4.0 x 3.3 with Heatsink
RF Connectors
SMA Female
Operating Temperature
(Baseplate)
0ºC to +55ºC
Operating Humidity
Up to 95% Non-condensing
Operating Altitude
Up to 10,000 feet above Sea
Level
The SM1920-47L is a solid state GaAs
amplifier
designed
for
the
Broadband
Wireless Access market. This unit operates
from 1.9 to 2.0 GHz, provides 55 dB of gain
with a ± 0.5 dB flatness, and has a P1dB of
+47
dBm.
A
proprietary
linearization
technique provides an OIP3 of +66 dBm, an
improvement of 9 dB.
Features
• Single Power Supply
• Over Voltage Protection
• Thermal Protection with Auto Reset
• Temperature Compensation
Options
• Forward/Reverse Power Detection
• RF Sampling
• Pulse Control for TDD applications
with 1us rise/fall time
• Logic On/Off Control
• Integral Heatsink


Similar Part No. - SM1920-47L

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM1920-47LQ STEALTH_MICROWAVE-SM1920-47LQ Datasheet
154Kb / 2P
   1900-2000MHz 50 Watt Linear Power Amplifier FOR PCS APPLICATIONS
More results

Similar Description - SM1920-47L

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM1920-47LQ STEALTH_MICROWAVE-SM1920-47LQ Datasheet
154Kb / 2P
   1900-2000MHz 50 Watt Linear Power Amplifier FOR PCS APPLICATIONS
SM1923-44L STEALTH_MICROWAVE-SM1923-44L Datasheet
174Kb / 3P
   1900-2300MHz 25 Watt Linear Power Amplifier
SM1923-44 STEALTH_MICROWAVE-SM1923-44 Datasheet
111Kb / 2P
   1900-2300 MHz 25 Watt Linear Power Amplifier
SM2023-47L STEALTH_MICROWAVE-SM2023-47L Datasheet
128Kb / 2P
   2000-2300MHz 50 Watt Linear Power Amplifier
SM08790-47L STEALTH_MICROWAVE-SM08790-47L Datasheet
123Kb / 2P
   870-900MHz 50 Watt Linear Power Amplifier
SM08010-47L STEALTH_MICROWAVE-SM08010-47L Datasheet
212Kb / 2P
   800-1000MHz 50 Watt Linear Power Amplifier
SM1923-41 STEALTH_MICROWAVE-SM1923-41 Datasheet
190Kb / 2P
   1900-2300 MHz 12W Linear Power Amplifier
SM2527-47L STEALTH_MICROWAVE-SM2527-47L Datasheet
150Kb / 4P
   2500-2700 MHz 50 Watt Linear Power Amplifier
SM08790-47LDL STEALTH_MICROWAVE-SM08790-47LDL Datasheet
114Kb / 2P
   869-896 MHz 50 Watt Linear Power Amplifier
SM08790-47 STEALTH_MICROWAVE-SM08790-47 Datasheet
176Kb / 3P
   869-900 MHz 50 Watt Linear Power Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com