Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT4008Y-GT2 Datasheet(PDF) 8 Page - ON Semiconductor

Part # CAT4008Y-GT2
Description  8-Channel Constant Current LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4008Y-GT2 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CAT4008Y-GT2 Datasheet HTML 4Page - ON Semiconductor CAT4008Y-GT2 Datasheet HTML 5Page - ON Semiconductor CAT4008Y-GT2 Datasheet HTML 6Page - ON Semiconductor CAT4008Y-GT2 Datasheet HTML 7Page - ON Semiconductor CAT4008Y-GT2 Datasheet HTML 8Page - ON Semiconductor CAT4008Y-GT2 Datasheet HTML 9Page - ON Semiconductor CAT4008Y-GT2 Datasheet HTML 10Page - ON Semiconductor CAT4008Y-GT2 Datasheet HTML 11Page - ON Semiconductor CAT4008Y-GT2 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
CAT4008
Doc. No. MD-5034 Rev. C
8
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
PIN DESCRIPTION
Name
Function
GND
Ground
SIN
Serial data input pin
CLK
Serial clock input pin
LATCH
Latch serial data to output registers
LED1-LED8
LED channel 1 to 8 cathode terminals
BLANK
Enable / disable all channels
SOUT
Serial data output pin.
RSET
LED current set pin
VDD
Positive supply Voltage
PIN FUNCTION
GND is the ground reference pin for the device. This
pin must be connected to the ground plane on the PCB.
SIN is the serial data input. Data is loaded into the
internal register on each rising edge of CLK.
CLK is the serial clock input. On each rising CLK
edge, data is transferred from SIN to the internal 8-bit
serial shift register.
LATCH is the latch data input. On the rising edge of
LATCH, data is loaded from the 8-bit serial shift
register into the output register latch. On the falling
edge, this data is latched in the output register and
isolated from the state of the serial shift register.
LED1 – LED8 are the LED current sink channels.
These pins are connected to the LED cathodes. The
current sinks drive the LEDs with a current equal to
about 51 times RSET pin current. For the LED sink
to operate correctly, the voltage on the LED pin must
be above 0.4V.
BLANK is the LED channel enable and disable
input pin. When low, LEDs are enabled according to
the output latch register content. When high, all
LEDs are off, while preserving the data in the output
latch register.
SOUT is the serial data output of the 8-bit serial shift
register. This pin is used to cascade several devices
on the serial bus. The SOUT pin is then connected to
the SIN input of the next device on the serial bus to
cascade.
RSET is the LED current setting pin. A resistor is
connected between this pin and ground. Each LED
channel current is set to about 51 times the current
pulled out of the pin. The RSET pin voltage is regulated
to 1.2V.
VDD is the positive supply pin voltage for the entire
device. A small 1µF ceramic is recommended close
to pin.
CURRENT SETTING RESISTOR
Table 1 lists standard resistor values for various LED
current settings.
Table 1. LED Current and RSET resistor values
LED Current [mA]
RSET [kΩ]
10
6.19
20
3.09
30
2.05
40
1.54
60
1.02
80
0.768


Similar Part No. - CAT4008Y-GT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4008Y-GT2 ONSEMI-CAT4008Y-GT2 Datasheet
160Kb / 13P
   8-Channel Constant Current LED Driver
March, 2010 ??Rev. 2
More results

Similar Description - CAT4008Y-GT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4008 ONSEMI-CAT4008 Datasheet
160Kb / 13P
   8-Channel Constant Current LED Driver
March, 2010 ??Rev. 2
logo
Comchip Technology
TB62783FNG COMCHIP-TB62783FNG_15 Datasheet
74Kb / 6P
   8-Channel Constant-Current LED Driver
logo
Marktech Corporate
TB62777FNG MARKTECH-TB62777FNG_15 Datasheet
338Kb / 20P
   8-Channel Constant-Current LED Driver
logo
Catalyst Semiconductor
CAT4008 CATALYST-CAT4008 Datasheet
258Kb / 14P
   8-Channel Constant Current LED Driver
logo
Marktech Corporate
TB62783FNG MARKTECH-TB62783FNG Datasheet
74Kb / 6P
   8-Channel Constant-Current LED Driver
logo
ON Semiconductor
CAT4008 ONSEMI-CAT4008_15 Datasheet
89Kb / 11P
   8-Channel Constant Current LED Driver
July, 2015 ??Rev. 3
logo
Toshiba Semiconductor
TB62777FNG TOSHIBA-TB62777FNG_10 Datasheet
355Kb / 20P
   8-Channel Constant-Current LED Driver
logo
Marktech Corporate
TB62777FNG MARKTECH-TB62777FNG Datasheet
338Kb / 20P
   8-Channel Constant-Current LED Driver
TB62777FG MARKTECH-TB62777FG Datasheet
338Kb / 20P
   8-Channel Constant-Current LED Driver
TB62777FG MARKTECH-TB62777FG_15 Datasheet
338Kb / 20P
   8-Channel Constant-Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com