Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT4104VP2-GT3 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT4104VP2-GT3
Description  700 mA Quad Channel Constant Current LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4104VP2-GT3 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT4104VP2-GT3 Datasheet HTML 1Page - ON Semiconductor CAT4104VP2-GT3 Datasheet HTML 2Page - ON Semiconductor CAT4104VP2-GT3 Datasheet HTML 3Page - ON Semiconductor CAT4104VP2-GT3 Datasheet HTML 4Page - ON Semiconductor CAT4104VP2-GT3 Datasheet HTML 5Page - ON Semiconductor CAT4104VP2-GT3 Datasheet HTML 6Page - ON Semiconductor CAT4104VP2-GT3 Datasheet HTML 7Page - ON Semiconductor CAT4104VP2-GT3 Datasheet HTML 8Page - ON Semiconductor CAT4104VP2-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CAT4104
© 2009 SCILLC. All rights reserved.
3
Doc. No. MD-5041 Rev. B
Characteristics subject to change without notice
RECOMMENDED EN/PWM TIMING
Min and Max values are over the recommended operating conditions unless specified otherwise.
Typical values are at VIN = 5.0 V, TAMB = 25°C
Symbol
Name
Conditions
Min
Typ
Max
Units
TPS
Turn-On time, EN/PWM rising to ILED
from shutdown
ILED = 175 mA
ILED = 80 mA
1.5
1.3
μs
TP1
Turn-On time, EN/PWM rising to ILED
ILED = 175 mA
600
ns
TP2
Turn-Off time, EN/PWM falling to ILED
ILED = 175 mA
ILED = 80 mA
400
300
ns
TR
LED rise time
ILED = 175 mA
ILED = 80 mA
700
440
ns
TF
LED fall time
ILED = 175 mA
ILED = 80 mA
360
320
ns
TLO
EN/PWM low time
1
μs
THI
EN/PWM high time
5
μs
TPWRDWN
EN/PWM low time to shutdown delay
4
8
ms
Figure 1. CAT4104 EN/PWM Timing
EN/PWM OPERATION
The EN/PWM pin has two primary functions. One
function enables and disables the device. The other
function turns the LED channels on and off for PWM
dimming control. The device has a very fast turn-on
time (from EN/PWM rising to LED on) and allows
“instant on” when dimming LED using a PWM signal.
Accurate linear dimming is compatible with PWM
frequencies from 100 Hz to 5 kHz for PWM duty cycle
down to 1%. PWM frequencies up to 50 kHz can be
supported for duty cycles greater than 10%.
When performing a combination of low frequencies
and small duty cycles, the device may enter shutdown
mode. This has no effect on the dimming accuracy,
because the turn-on time TPS is very short, in the
range of 1 µs.
To ensure that PWM pulses are recognized, pulse
width low time TLO should be longer than 1 µs. The
CAT4104 enters a “zero current” shutdown mode after
a 4 ms delay (typical) when EN/PWM is held low.
EN/PWM
SHUTDOWN
THI
TPWRDWN
TLO
TP2
TPS
TR
TF
POWERDOWN
SHUTDOWN 0 mA
SHUTDOWN 0 mA
0 mA
SHUTDOWN 0 mA
SHUTDOWN 0 mA
LED CURRENT
QUIESCENT CURRENT
TP1
50%
50%
90%
10%
ILED =
x 100
RSET
1.2 V


Similar Part No. - CAT4104VP2-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4104VP2-GT3 ONSEMI-CAT4104VP2-GT3 Datasheet
184Kb / 13P
   700 mA Quad Channel Constant Current LED Driver
March, 2010 ??Rev. 2
More results

Similar Description - CAT4104VP2-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4104 ONSEMI-CAT4104 Datasheet
184Kb / 13P
   700 mA Quad Channel Constant Current LED Driver
March, 2010 ??Rev. 2
logo
FOSLINK SEMICONDUCTOR C...
FSP3300 FOSLINK-FSP3300 Datasheet
173Kb / 7P
   350 MA CONSTANT-CURRENT LED DRIVER
logo
NXP Semiconductors
PCA9952 PHILIPS-PCA9952 Datasheet
1Mb / 48P
   16-channel Fm I2C-bus 57 mA constant current LED driver
Rev. 7.1-29 June 2015
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4008 ONSEMI-CAT4008 Datasheet
160Kb / 13P
   8-Channel Constant Current LED Driver
March, 2010 ??Rev. 2
CAT4016 ONSEMI-CAT4016 Datasheet
180Kb / 14P
   16-Channel Constant Current LED Driver
April, 2010 ??Rev. 4
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
   16-channel constant current LED driver
logo
LDT Co., Ltd
LD1018 LDT-LD1018 Datasheet
386Kb / 24P
   16 Channel Constant Current LED Driver
logo
Comchip Technology
TB62783FNG COMCHIP-TB62783FNG_15 Datasheet
74Kb / 6P
   8-Channel Constant-Current LED Driver
logo
Marktech Corporate
TCA62724FMG MARKTECH-TCA62724FMG Datasheet
212Kb / 15P
   3-Channel Constant-Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com