Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT4104VP2-GT3 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT4104VP2-GT3
Description  700 mA Quad Channel Constant Current LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4104VP2-GT3 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT4104VP2-GT3 Datasheet HTML 1Page - ON Semiconductor CAT4104VP2-GT3 Datasheet HTML 2Page - ON Semiconductor CAT4104VP2-GT3 Datasheet HTML 3Page - ON Semiconductor CAT4104VP2-GT3 Datasheet HTML 4Page - ON Semiconductor CAT4104VP2-GT3 Datasheet HTML 5Page - ON Semiconductor CAT4104VP2-GT3 Datasheet HTML 6Page - ON Semiconductor CAT4104VP2-GT3 Datasheet HTML 7Page - ON Semiconductor CAT4104VP2-GT3 Datasheet HTML 8Page - ON Semiconductor CAT4104VP2-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CAT4104
Doc. No. MD-5041 Rev. B
4
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 5 V, VCC = 5 V, LED forward voltage = 3.5 V, CIN = 1 μF, TAMB = 25°C unless otherwise specified.
Quiescent Current vs. Input Voltage (RSET Open)
0.4
0.6
0.8
1.0
1.2
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE [V]
No Load
Quiescent Current vs. RSET Current
0.0
2.0
4.0
6.0
8.0
0.00.5
1.01.5
2.0
RSET CURRENT [mA]
Quiescent Current vs. Input Voltage (Full Load)
5.0
5.5
6.0
6.5
7.0
3.03.54.04.5
5.05.5
INPUT VOLTAGE [V]
Full Load
LED Dropout vs. LED Pin Voltage
0
40
80
120
160
200
0.0
0.2
0.4
0.6
0.8
1.0
LED PIN VOLTAGE [V]
LED Line Regulation
0
40
80
120
160
200
3.0
3.5
4.0
4.5
5.0
5.5
VIN [V]
LED Current Change vs. Temperature
0
40
80
120
160
200
-40
0
40
80
120
TEMPERATURE [ºC]


Similar Part No. - CAT4104VP2-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4104VP2-GT3 ONSEMI-CAT4104VP2-GT3 Datasheet
184Kb / 13P
   700 mA Quad Channel Constant Current LED Driver
March, 2010 ??Rev. 2
More results

Similar Description - CAT4104VP2-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4104 ONSEMI-CAT4104 Datasheet
184Kb / 13P
   700 mA Quad Channel Constant Current LED Driver
March, 2010 ??Rev. 2
logo
FOSLINK SEMICONDUCTOR C...
FSP3300 FOSLINK-FSP3300 Datasheet
173Kb / 7P
   350 MA CONSTANT-CURRENT LED DRIVER
logo
NXP Semiconductors
PCA9952 PHILIPS-PCA9952 Datasheet
1Mb / 48P
   16-channel Fm I2C-bus 57 mA constant current LED driver
Rev. 7.1-29 June 2015
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4008 ONSEMI-CAT4008 Datasheet
160Kb / 13P
   8-Channel Constant Current LED Driver
March, 2010 ??Rev. 2
CAT4016 ONSEMI-CAT4016 Datasheet
180Kb / 14P
   16-Channel Constant Current LED Driver
April, 2010 ??Rev. 4
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
   16-channel constant current LED driver
logo
LDT Co., Ltd
LD1018 LDT-LD1018 Datasheet
386Kb / 24P
   16 Channel Constant Current LED Driver
logo
Comchip Technology
TB62783FNG COMCHIP-TB62783FNG_15 Datasheet
74Kb / 6P
   8-Channel Constant-Current LED Driver
logo
Marktech Corporate
TCA62724FMG MARKTECH-TCA62724FMG Datasheet
212Kb / 15P
   3-Channel Constant-Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com