Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM1923-44 Datasheet(PDF) 1 Page - Stealth Microwave, Inc.

Part # SM1923-44
Description  1900-2300 MHz 25 Watt Linear Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Direct Link  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM1923-44 Datasheet(HTML) 1 Page - Stealth Microwave, Inc.

  SM1923-44 Datasheet HTML 1Page - Stealth Microwave, Inc. SM1923-44 Datasheet HTML 2Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM1923-44
1900-2300 MHz
25 Watt Linear Power Amplifier
PCS APPLICATIONS
Parameter
Specification
Frequency Range
1.9 - 2.3 GHz (in 100 MHz
Bands)
Pout (P1dB)
+ 44 dBm
Third Order Intercept
Point
+ 55 dBm
Linear Gain
55 dB ± 1 dB
Gain Flatness over Full
Band
± .5 dB
Gain Change over
Temperature
± .5 dB
Input/Output Return
Loss
-16 dB / -16 dB
DC Input Voltage
+ 12 Volts
DC Input Current
7.5 Amps. (operational)
Mechanical Dimensions
Without Heatsink
7.5 x 4.0 x 0.8 Inches
RF Connectors
SMA Female
Operating Temperature
0ºC to +55ºC
Operating Humidity
95% Non-condensing
Operating Altitude
Up to 10,000 feet above
Sea Level
The SM1923-44 is a solid state GaAs
amplifier
designed
primarily
for
the
Personal Communication Systems (PCS)
market. This amplifier operates from 1.9-2.3
GHz, provides 55 dB of gain, ± 0.5 dB gain
flatness over the full band, and +44 dBm of
output power at its 1 dB compression point.
The output third order intercept point is +55
dBm. Its compact size and high linearity
make it ideally suited for systems using
CDMA or TDMA standards. The unit is
available standard as a module with six (6)
thru-holes. Modular heatsink or 19” rack
versions are available.
Features
• Single Power Supply
• Over Voltage Protection
• Thermal Protection with Auto Reset
• Temperature Compensation
Options
• Forward/Reverse Power Detection
• RF Sampling
• Pulse Control with switching speeds
up to 100 kHz
• Logic On/Off Control
• Integral Heatsink


Similar Part No. - SM1923-44

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM1923-44L STEALTH_MICROWAVE-SM1923-44L Datasheet
174Kb / 3P
   1900-2300MHz 25 Watt Linear Power Amplifier
More results

Similar Description - SM1923-44

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM1923-41 STEALTH_MICROWAVE-SM1923-41 Datasheet
190Kb / 2P
   1900-2300 MHz 12W Linear Power Amplifier
SM2325-44 STEALTH_MICROWAVE-SM2325-44 Datasheet
172Kb / 3P
   2300-2500 MHz 25 Watt Linear Power Amplifier
SM2325-44L STEALTH_MICROWAVE-SM2325-44L Datasheet
81Kb / 2P
   2300-2500 MHz 25 Watt Linear Power Amplifier
SM1923-44L STEALTH_MICROWAVE-SM1923-44L Datasheet
174Kb / 3P
   1900-2300MHz 25 Watt Linear Power Amplifier
SM2325-41 STEALTH_MICROWAVE-SM2325-41 Datasheet
115Kb / 2P
   2300-2500 MHz 12 Watt Linear Power Amplifier
SM2325-34HS STEALTH_MICROWAVE-SM2325-34HS Datasheet
93Kb / 2P
   2300-2500 MHz 3 Watt Linear Power Amplifier
SM2325-41L STEALTH_MICROWAVE-SM2325-41L Datasheet
84Kb / 2P
   2300-2500 MHz 12 Watt Linear Power Amplifier
SM2325-47 STEALTH_MICROWAVE-SM2325-47 Datasheet
95Kb / 2P
   2300-2500 MHz 50 Watt Linear Power Amplifier
SM2023-37H STEALTH_MICROWAVE-SM2023-37H Datasheet
89Kb / 2P
   2000-2300 MHz 5 Watt Linear Power Amplifier
SM2325-50L STEALTH_MICROWAVE-SM2325-50L Datasheet
121Kb / 2P
   2300-2500 MHz 100 Watt Linear Power Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com