Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM2022-37RY4 Datasheet(PDF) 2 Page - Stealth Microwave, Inc.

Part # SM2022-37RY4
Description  2000-2200 MHz 5 Watt Linear Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Direct Link  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM2022-37RY4 Datasheet(HTML) 2 Page - Stealth Microwave, Inc.

  SM2022-37RY4 Datasheet HTML 1Page - Stealth Microwave, Inc. SM2022-37RY4 Datasheet HTML 2Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM2022-37RY4
2000-2200 MHz
5 Watt Linear Power Amplifier
DIMENSIONS IN INCHES
ON/OFF
RF OUTPUT
RF INPUT
+12 V
GND
Pin
Description
Values
RF Input
Input Connector (MMCX)
+26 dBm for drive to P1dB
RF Output
Output Connector (MMCX)
+ 37 dBm @ P1dB
GND
Ground Turret
---
+24VDC
DC Input Voltage
+ 12 Volts @ 1.7 Amps
Specifications subject to change without notice.


Similar Part No. - SM2022-37RY4

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM2022-50L STEALTH_MICROWAVE-SM2022-50L Datasheet
160Kb / 2P
   2000-2200 MHz 100 Watt Linear Power Amplifier
More results

Similar Description - SM2022-37RY4

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM2022-50L STEALTH_MICROWAVE-SM2022-50L Datasheet
160Kb / 2P
   2000-2200 MHz 100 Watt Linear Power Amplifier
logo
Tyco Electronics
PA1224 MACOM-PA1224 Datasheet
66Kb / 2P
   2000-2200 MHz. 5 Watt 28v. GaAs Ultra Linear Power Amplifier
logo
Stealth Microwave, Inc.
SM2225-37RY3 STEALTH_MICROWAVE-SM2225-37RY3 Datasheet
40Kb / 2P
   2200-2500 MHz 5 Watt Linear Power Amplifier
SM2023-37HS STEALTH_MICROWAVE-SM2023-37HS Datasheet
116Kb / 2P
   2000-2300 MHz 5 Watt Linear Power Amplifier
SM2040-37 STEALTH_MICROWAVE-SM2040-37 Datasheet
140Kb / 3P
   2000-4000 MHz 5 Watt Linear Power Amplifier
SM1720-37HS STEALTH_MICROWAVE-SM1720-37HS Datasheet
89Kb / 3P
   1700-2000 MHz 5 Watt Linear Power Amplifier
SM2023-37H STEALTH_MICROWAVE-SM2023-37H Datasheet
89Kb / 2P
   2000-2300 MHz 5 Watt Linear Power Amplifier
SM2040-37H STEALTH_MICROWAVE-SM2040-37H Datasheet
91Kb / 3P
   2000-4000 MHz 5 Watt Linear Power Amplifier
SM1720-37H STEALTH_MICROWAVE-SM1720-37H Datasheet
93Kb / 2P
   1700-2000 MHz 5 Watt Linear Power Amplifier
logo
Tyco Electronics
PA1157 MACOM-PA1157 Datasheet
61Kb / 1P
   2000-2200 MHz. WCDMA Ultra Linear Power Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com