Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM2023-34HS Datasheet(PDF) 1 Page - Stealth Microwave, Inc.

Part # SM2023-34HS
Description  2000-2300 MHz 3 Watt Linear Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Direct Link  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM2023-34HS Datasheet(HTML) 1 Page - Stealth Microwave, Inc.

  SM2023-34HS Datasheet HTML 1Page - Stealth Microwave, Inc. SM2023-34HS Datasheet HTML 2Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM2023-34HS
2000-2300 MHz
3 Watt Linear Power Amplifier
FOR UMTS APPLICATIONS
Parameter
Specification
Frequency Range
2.0 – 2.3 GHz*
Pout (P1dB)
+ 34 dBm
Third Order Intercept Point
+ 47 dBm (typ.)*
Linear Gain
33 dB ± 1.0 dB*
Gain Flatness over Full
Band
± .5 dB*
Input/Output Return Loss
-16 dB
DC Input Voltage
+12 Volts * (+10 V
Operation Available)
DC Input Current
1.2 Amps (typ.) 1.4 Amps
(max.)
Mechanical Dimensions
4.7 x 2.0 x 0.54 inches
RF Connectors
SMA Female
Operating Temperature
0ºC to +55ºC
Operating Humidity
95% Non-condensing
Operating Altitude
Up to 10,000 feet above Sea
Level
The SM2023-34HS is a solid state GaAs
amplifier
designed
primarily
for
the
Universal
Telecommunications
Service
(UMTS) market. This amplifier operates
from 2000-2300 MHz, provides 33 dB of
Linear Gain with ± 0.5 dB of Gain Flatness
over the full band, and +34 dBm of output
power at the 1 dB compression point. This
highly linear design provides an output third
order intercept point of + 47 dBm.
The
amplifier operates off a single supply of
+12V (+10V available as an option) and 1.2
A typical. The unit uses the latest surface
mount technologies to provide numerous
features, while maintaining a very small
size.
Features
• Single Power Supply
Over Voltage Protection
• Thermal Protection with Auto Reset
Options
• Logic On/Off Control
• Integral Heatsink
• Single DC Supply of +10V


Similar Part No. - SM2023-34HS

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM2023-37H STEALTH_MICROWAVE-SM2023-37H Datasheet
89Kb / 2P
   2000-2300 MHz 5 Watt Linear Power Amplifier
SM2023-37HS STEALTH_MICROWAVE-SM2023-37HS Datasheet
116Kb / 2P
   2000-2300 MHz 5 Watt Linear Power Amplifier
More results

Similar Description - SM2023-34HS

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM2023-37H STEALTH_MICROWAVE-SM2023-37H Datasheet
89Kb / 2P
   2000-2300 MHz 5 Watt Linear Power Amplifier
SM2023-37HS STEALTH_MICROWAVE-SM2023-37HS Datasheet
116Kb / 2P
   2000-2300 MHz 5 Watt Linear Power Amplifier
SM2023-41 STEALTH_MICROWAVE-SM2023-41 Datasheet
90Kb / 2P
   2000-2300 MHz 12 Watt Linear Power Amplifier
SM2325-34HS STEALTH_MICROWAVE-SM2325-34HS Datasheet
93Kb / 2P
   2300-2500 MHz 3 Watt Linear Power Amplifier
SM2023-41L STEALTH_MICROWAVE-SM2023-41L Datasheet
90Kb / 2P
   2000-2300 MHz 12W Linear Power Amplifier
SM1720-34HS STEALTH_MICROWAVE-SM1720-34HS Datasheet
64Kb / 2P
   1700-2000 MHz 3 Watt Linear Power Amplifier
SM2325-41 STEALTH_MICROWAVE-SM2325-41 Datasheet
115Kb / 2P
   2300-2500 MHz 12 Watt Linear Power Amplifier
SM2325-41L STEALTH_MICROWAVE-SM2325-41L Datasheet
84Kb / 2P
   2300-2500 MHz 12 Watt Linear Power Amplifier
SM2325-44 STEALTH_MICROWAVE-SM2325-44 Datasheet
172Kb / 3P
   2300-2500 MHz 25 Watt Linear Power Amplifier
SM2325-47 STEALTH_MICROWAVE-SM2325-47 Datasheet
95Kb / 2P
   2300-2500 MHz 50 Watt Linear Power Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com