Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM2040-37 Datasheet(PDF) 2 Page - Stealth Microwave, Inc.

Part # SM2040-37
Description  2000-4000 MHz 5 Watt Linear Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Direct Link  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM2040-37 Datasheet(HTML) 2 Page - Stealth Microwave, Inc.

  SM2040-37 Datasheet HTML 1Page - Stealth Microwave, Inc. SM2040-37 Datasheet HTML 2Page - Stealth Microwave, Inc. SM2040-37 Datasheet HTML 3Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM2040-37
2000-4000 MHz
5 Watt Linear Power Amplifier
FOR ISM, WCS, & WLL APPLICATIONS
DIMENSIONS IN INCHES
+12VDC
Made in USA
RF INPUT
GND
ON/OFF
INCORPORATED
RF OUTPUT
DIMENTIONS WITH HEATSINK
IN C O R P O R A T E D
RF IN PU T
Ma d e in U S A
GN D
ON /O F F
+ 12V D C
RF O U T P U T


Similar Part No. - SM2040-37

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM2040-37H STEALTH_MICROWAVE-SM2040-37H Datasheet
91Kb / 3P
   2000-4000 MHz 5 Watt Linear Power Amplifier
More results

Similar Description - SM2040-37

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM2040-37H STEALTH_MICROWAVE-SM2040-37H Datasheet
91Kb / 3P
   2000-4000 MHz 5 Watt Linear Power Amplifier
SM2023-37HS STEALTH_MICROWAVE-SM2023-37HS Datasheet
116Kb / 2P
   2000-2300 MHz 5 Watt Linear Power Amplifier
SM1720-37HS STEALTH_MICROWAVE-SM1720-37HS Datasheet
89Kb / 3P
   1700-2000 MHz 5 Watt Linear Power Amplifier
SM2023-37H STEALTH_MICROWAVE-SM2023-37H Datasheet
89Kb / 2P
   2000-2300 MHz 5 Watt Linear Power Amplifier
SM1720-37H STEALTH_MICROWAVE-SM1720-37H Datasheet
93Kb / 2P
   1700-2000 MHz 5 Watt Linear Power Amplifier
SM2022-37RY4 STEALTH_MICROWAVE-SM2022-37RY4 Datasheet
89Kb / 2P
   2000-2200 MHz 5 Watt Linear Power Amplifier
SM0520-36 STEALTH_MICROWAVE-SM0520-36 Datasheet
93Kb / 3P
   500-2000 MHz 4 Watt Linear Power Amplifier
SM2023-34HS STEALTH_MICROWAVE-SM2023-34HS Datasheet
94Kb / 2P
   2000-2300 MHz 3 Watt Linear Power Amplifier
SM2025-44L STEALTH_MICROWAVE-SM2025-44L Datasheet
174Kb / 3P
   2000-2500 MHz 25 Watt Linear Power Amplifier
SM1720-41L STEALTH_MICROWAVE-SM1720-41L Datasheet
104Kb / 2P
   1700-2000 MHz 12 Watt Linear Power Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com