Electronic Components Datasheet Search |
|
SM2122-44L Datasheet(PDF) 1 Page - Stealth Microwave, Inc. |
|
SM2122-44L Datasheet(HTML) 1 Page - Stealth Microwave, Inc. |
1 / 3 page 1007 Whitehead Road Ext., Trenton, NJ 08638 Tel: (609) 538-8586 ♦ Fax: (609) 538-8587 Email: sales@stealthmicrowave.com ♦ Web site: www.stealthmicrowave.com Model SM2122-44L 2100-2200MHz 25 Watt Linear Power Amplifier UMTS APPLICATIONS Parameter Specification Frequency Range 2.1 – 2.2 GHz Pout (P1dB) + 44 dBm Third Order Intercept Point + 63 dBm Linear Gain 55 dB ± 1 dB Gain Flatness over Full Band ± .5 dB Gain Change over Temperature ± .5 dB Input/Output Return Loss -16 dB / -16 dB DC Input Voltage + 12 Volts DC Input Current 8.2 Amps. (operational) Mechanical Dimensions (Without Heatsink) 7.5 x 4.0 x 0.8 Inches RF Connectors SMA Female Operating Temperature (Baseplate) 0ºC to +55ºC Operating Humidity 95% Non-condensing The SM2122-44L is a solid state GaAs amplifier designed for the UMTS market. This unit operates from 2.1 to 2.2 GHz, provides 55 dB of gain with a ± 0.5 dB flatness, and has a P1dB of +44 dBm. Stealth Microwave’s proprietary linearization technique provides an OIP3 of +63 dBm. The compact size and ultra high linearity make this amplifier ideally suited for systems using CDMA, TDMA, single- carrier or multi-carrier applications. Features • Single Power Supply • Over Voltage Protection • Thermal Protection with Auto Reset • Temperature Compensation Options • Forward/Reverse Power Detection • RF Sampling • Fan • Pulse Control with switching speeds up to 100 kHz • Logic On/Off Control • Integral Heatsink Configurations • Module • 19” Rack • Bench-Top Lab Unit |
Similar Part No. - SM2122-44L |
|
Similar Description - SM2122-44L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |