Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM2122-44L Datasheet(PDF) 2 Page - Stealth Microwave, Inc.

Part # SM2122-44L
Description  2100-2200MHz 25 Watt Linear Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Direct Link  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM2122-44L Datasheet(HTML) 2 Page - Stealth Microwave, Inc.

  SM2122-44L Datasheet HTML 1Page - Stealth Microwave, Inc. SM2122-44L Datasheet HTML 2Page - Stealth Microwave, Inc. SM2122-44L Datasheet HTML 3Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM2122-44L
2100-2200MHz
25 Watt Linear Power Amplifier
UMTS APPLICATIONS
DIMENSIONS IN INCHES
INPUT
RF
RF
OUTPUT
REV
SMPL
RF
ON/OFF
+12VDC
CNTL
GND
+12VDC
INCORPORATED
Made in USA
HEATSINK OPTION


Similar Part No. - SM2122-44L

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM2122-52LD STEALTH_MICROWAVE-SM2122-52LD Datasheet
185Kb / 4P
   2110-2170 MHz 160 Watt Peak Power Amplifier
More results

Similar Description - SM2122-44L

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM1923-44L STEALTH_MICROWAVE-SM1923-44L Datasheet
174Kb / 3P
   1900-2300MHz 25 Watt Linear Power Amplifier
SM08010-44L STEALTH_MICROWAVE-SM08010-44L Datasheet
119Kb / 2P
   800-1000MHz 25 Watt Linear Power Amplifier
SM1923-44 STEALTH_MICROWAVE-SM1923-44 Datasheet
111Kb / 2P
   1900-2300 MHz 25 Watt Linear Power Amplifier
SM2025-44L STEALTH_MICROWAVE-SM2025-44L Datasheet
174Kb / 3P
   2000-2500 MHz 25 Watt Linear Power Amplifier
SM2527-44 STEALTH_MICROWAVE-SM2527-44 Datasheet
54Kb / 2P
   2500-2700 MHz 25 Watt Linear Power Amplifier
SM2325-44L STEALTH_MICROWAVE-SM2325-44L Datasheet
81Kb / 2P
   2300-2500 MHz 25 Watt Linear Power Amplifier
SM1822-44 STEALTH_MICROWAVE-SM1822-44 Datasheet
129Kb / 3P
   1800-2200 MHz 25 Watt Linear Power Amplifier
SM2325-44 STEALTH_MICROWAVE-SM2325-44 Datasheet
172Kb / 3P
   2300-2500 MHz 25 Watt Linear Power Amplifier
SM2527-44L STEALTH_MICROWAVE-SM2527-44L Datasheet
162Kb / 3P
   2500-2700 MHz 25 Watt Ultra Linear Power Amplifier
logo
Analog Devices
HMC1086 AD-HMC1086 Datasheet
634Kb / 9P
   25 WATT GaN MMIC POWER AMPLIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com