Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5113YI-50-G Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT5113YI-50-G
Description  100-Tap Digitally Programmable Potentiometer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5113YI-50-G Datasheet(HTML) 1 Page - ON Semiconductor

  CAT5113YI-50-G Datasheet HTML 1Page - ON Semiconductor CAT5113YI-50-G Datasheet HTML 2Page - ON Semiconductor CAT5113YI-50-G Datasheet HTML 3Page - ON Semiconductor CAT5113YI-50-G Datasheet HTML 4Page - ON Semiconductor CAT5113YI-50-G Datasheet HTML 5Page - ON Semiconductor CAT5113YI-50-G Datasheet HTML 6Page - ON Semiconductor CAT5113YI-50-G Datasheet HTML 7Page - ON Semiconductor CAT5113YI-50-G Datasheet HTML 8Page - ON Semiconductor CAT5113YI-50-G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CAT5113
© 2008 SCILLC. All rights reserved.
1
Doc. No. MD-2009 Rev. X
Characteristics subject to change without notice
100-Tap Digitally Programmable Potentiometer (DPP™)
FEATURES
100-position linear taper potentiometer
Non-volatile EEPROM wiper storage
10nA ultra-low standby current
Single supply operation: 2.5V – 6.0V
Increment up/down serial interface
Resistance values: 1kΩ, 10kΩ, 50kΩ and 100kΩ
Available in PDIP, SOIC, TSSOP and MSOP
packages
APPLICATIONS
Automated product calibration
Remote control adjustments
Offset, gain and zero control
Tamper-proof calibrations
Contrast, brightness and volume controls
Motor controls and feedback systems
Programmable analog functions
For Ordering Information details, see page 12.
DESCRIPTION
The CAT5113 is a single digitally programmable
potentiometer (DPP™) designed as a electronic
replacement for mechanical potentiometers. Ideal for
automated adjustments on high volume production
lines, they are also well suited for applications where
equipment requiring periodic adjustment is either
difficult to access or located in a hazardous or remote
environment.
The CAT5113 contains a 100-tap series resistor array
connected between two terminals RH and RL. An up/
down counter and decoder that are controlled by three
input pins, determines which tap is connected to the
wiper, RW. The wiper setting, stored in nonvolatile
memory, is not lost when the device is powered down
and is automatically reinstated when power is
returned. The wiper can be adjusted to test new
system values without affecting the stored setting.
Wiper-control of the CAT5113 is accomplished with
three input control pins, CS
¯¯ , U/D
¯, and INC
¯¯¯. The INC
¯¯¯
input increments the wiper in the direction which is
determined by the logic state of the U/D
¯ input. The CS
¯¯
input is used to select the device and also store the
wiper position prior to power down.
The digitally programmable potentiometer can be
used as a three-terminal resistive divider or as a two-
terminal variable resistor.
FUNCTIONAL DIAGRAM
RH
RL
Control
and
Memory
Power On Recall
VCC
GND
U/D
INC
CS
RH
RL
RW
RW
Electronic Potentiometer
Implementation
Detailed
General
ONE
OF
THIRTY TWO
DECODER
31
30
29
28
2
1
0
TRANSFER
GATES
RESISTOR
ARRAY
5-BIT
NONVOLATILE
MEMORY
STORE AND
RECALL
CONTROL
CIRCUITRY
5-BIT
UP/DOWN
COUNTER
VCC
GND
RH
RW
RL
U/D
INC
CS


Similar Part No. - CAT5113YI-50-G

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5113YI-50-G CATALYST-CAT5113YI-50-G Datasheet
282Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
CAT5113YI-50-G CATALYST-CAT5113YI-50-G Datasheet
278Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5113YI-50-GT3 ONSEMI-CAT5113YI-50-GT3 Datasheet
278Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2009 Rev. Y
CAT5113YI-50-GT3 ONSEMI-CAT5113YI-50-GT3 Datasheet
204Kb / 13P
   100-tap Digital Potentiometer (POT)
June, 2013 ??Rev. 26
More results

Similar Description - CAT5113YI-50-G

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5113 CATALYST-CAT5113 Datasheet
452Kb / 9P
   100-Tap Digitally Programmable Potentiometer
CAT5113 CATALYST-CAT5113_07 Datasheet
282Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5113 ONSEMI-CAT5113 Datasheet
278Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2009 Rev. Y
logo
Catalyst Semiconductor
CAT5113 CATALYST-CAT5113_08 Datasheet
278Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5116LI-G ONSEMI-CAT5116LI-G Datasheet
593Kb / 12P
   Log-Taper, 100-Tap Digitally Programmable Potentiometer
Doc. No. MD-2118 Rev. M
logo
Catalyst Semiconductor
CAT5116 CATALYST-CAT5116 Datasheet
93Kb / 8P
   Log-Taper, 100-Tap Digitally Programmable Potentiometer
logo
ON Semiconductor
CAT5127ZI-10-T3 ONSEMI-CAT5127ZI-10-T3 Datasheet
154Kb / 13P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2127 Rev. D
logo
Catalyst Semiconductor
CAT5112 CATALYST-CAT5112_04 Datasheet
53Kb / 7P
   32-Tap Digitally Programmable Potentiometer
logo
ON Semiconductor
CAT5115LI-10-G ONSEMI-CAT5115LI-10-G Datasheet
693Kb / 14P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2117 Rev. I
CAT5114LI-10-G ONSEMI-CAT5114LI-10-G Datasheet
250Kb / 15P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2007 Rev. R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com