Electronic Components Datasheet Search |
|
CAT5127ZD7I-10-GT3 Datasheet(PDF) 1 Page - ON Semiconductor |
|
CAT5127ZD7I-10-GT3 Datasheet(HTML) 1 Page - ON Semiconductor |
1 / 13 page CAT5127, CAT5129 © 2008 SCILLC. All rights reserved. 1 Doc. No. MD-2127 Rev. D Characteristics subject to change without notice 32-Tap Digitally Programmable Potentiometer (DPP™) FEATURES 32-position linear taper potentiometer Non-volatile EEPROM wiper storage Low standby current Single supply operation: 2.5V – 5.5V Increment Up/Down serial interface Resistance values: 10k Ω, 50kΩ and 100kΩ CAT5127 in tiny 8-lead 2mm x 2.5mm TDFN and MSOP packages CAT5129 in the 6-lead TSOT23 package APPLICATION Automated product calibration Remote control adjustments Offset, gain and zero control Tamper-proof calibrations Contrast, brightness and volume controls Motor controls and feedback systems Programmable analog functions For Ordering Information details, see page 12. DESCRIPTION The CAT5127/CAT5129 are single digitally programmable potentiometers (DPP™) designed as a electronic replacement for mechanical potentiometers and trim pots. Ideal for automated adjustments on high volume production lines, they are also well suited for applications where equipment requiring periodic adjustment is either difficult to access or located in a hazardous or remote environment. The CAT5127 contains a 32-tap series resistor array connected between two terminals RH and RL. The CAT5129 contains a 32-tap series resistor array connected between two terminals RH and GND. An up/down counter and decoder that are controlled by three input pins, determines which tap is connected to the wiper. The wiper setting, stored in nonvolatile memory, is not lost when the device is powered down and is automatically reinstated when power is returned. The wiper can be adjusted to test new system values without effecting the stored setting. Wiper-control of the CAT5127/CAT5129 is accomplished with three input control pins, CS ¯¯ , U/D ¯, and INC ¯¯¯. The INC ¯¯¯ input increments the wiper in the direction which is determined by the logic state of the U/D ¯ input. The CS ¯¯ input is used to select the device and also store the wiper position prior to power down. The devices are used as two-terminal variable resistors. DPPs bring variability and programmability to a wide variety of applications including control, parameter adjustments, and signal processing. FUNCTIONAL DIAGRAM CAT5127 CAT5129 (INC) (U/D) (CS) Control and Memory VCC RP RH RL POR GND (INC) (U/D) (CS) Control and Memory VCC RH POR GND |
Similar Part No. - CAT5127ZD7I-10-GT3 |
|
Similar Description - CAT5127ZD7I-10-GT3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |