Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5129TDI-10-T3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT5129TDI-10-T3
Description  32-Tap Digitally Programmable Potentiometer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5129TDI-10-T3 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT5129TDI-10-T3 Datasheet HTML 1Page - ON Semiconductor CAT5129TDI-10-T3 Datasheet HTML 2Page - ON Semiconductor CAT5129TDI-10-T3 Datasheet HTML 3Page - ON Semiconductor CAT5129TDI-10-T3 Datasheet HTML 4Page - ON Semiconductor CAT5129TDI-10-T3 Datasheet HTML 5Page - ON Semiconductor CAT5129TDI-10-T3 Datasheet HTML 6Page - ON Semiconductor CAT5129TDI-10-T3 Datasheet HTML 7Page - ON Semiconductor CAT5129TDI-10-T3 Datasheet HTML 8Page - ON Semiconductor CAT5129TDI-10-T3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CAT5127, CAT5129
© 2008 SCILLC. All rights reserved.
1
Doc. No. MD-2127 Rev. D
Characteristics subject to change without notice
32-Tap Digitally Programmable Potentiometer (DPP™)
FEATURES
32-position linear taper potentiometer
Non-volatile EEPROM wiper storage
Low standby current
Single supply operation: 2.5V – 5.5V
Increment Up/Down serial interface
Resistance values: 10k
Ω, 50kΩ and 100kΩ
CAT5127 in tiny 8-lead 2mm x 2.5mm TDFN and
MSOP packages
CAT5129 in the 6-lead TSOT23 package
APPLICATION
Automated product calibration
Remote control adjustments
Offset, gain and zero control
Tamper-proof calibrations
Contrast, brightness and volume controls
Motor controls and feedback systems
Programmable analog functions
For Ordering Information details, see page 12.
DESCRIPTION
The CAT5127/CAT5129 are single digitally programmable
potentiometers (DPP™) designed as a electronic
replacement for mechanical potentiometers and trim
pots. Ideal for automated adjustments on high volume
production lines, they are also well suited for
applications
where
equipment
requiring
periodic
adjustment is either difficult to access or located in a
hazardous or remote environment.
The CAT5127 contains a 32-tap series resistor array
connected between two terminals RH and RL. The
CAT5129 contains a 32-tap series resistor array
connected between two terminals RH and GND. An
up/down counter and decoder that are controlled by
three input pins, determines which tap is connected to
the wiper. The wiper setting, stored in nonvolatile
memory, is not lost when the device is powered down
and
is
automatically
reinstated
when
power
is
returned. The wiper can be adjusted to test new
system values without effecting the stored setting.
Wiper-control
of
the
CAT5127/CAT5129
is
accomplished with three input control pins, CS
¯¯ , U/D
¯,
and INC
¯¯¯. The INC
¯¯¯ input increments the wiper in the
direction which is determined by the logic state of the
U/D
¯ input. The CS
¯¯ input is used to select the device
and also store the wiper position prior to power down.
The devices are used as two-terminal variable
resistors. DPPs bring variability and programmability
to a wide variety of applications including control,
parameter adjustments, and signal processing.
FUNCTIONAL DIAGRAM
CAT5127
CAT5129
(INC)
(U/D)
(CS)
Control
and
Memory
VCC
RP
RH
RL
POR
GND
(INC)
(U/D)
(CS)
Control
and
Memory
VCC
RH
POR
GND


Similar Part No. - CAT5129TDI-10-T3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5129TDI-10-T3 CATALYST-CAT5129TDI-10-T3 Datasheet
494Kb / 12P
   32-Tap Digitally Programmable Potentiometer (DPP TM)
CAT5129TDI-10-T3 CATALYST-CAT5129TDI-10-T3 Datasheet
245Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5129TDI-10-T3 CATALYST-CAT5129TDI-10-T3 Datasheet
232Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5129TDI-10-T3 ONSEMI-CAT5129TDI-10-T3 Datasheet
638Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2127 Rev. E
More results

Similar Description - CAT5129TDI-10-T3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5112 CATALYST-CAT5112_04 Datasheet
53Kb / 7P
   32-Tap Digitally Programmable Potentiometer
logo
ON Semiconductor
CAT5115LI-10-G ONSEMI-CAT5115LI-10-G Datasheet
693Kb / 14P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2117 Rev. I
CAT5114LI-10-G ONSEMI-CAT5114LI-10-G Datasheet
250Kb / 15P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2007 Rev. R
logo
Catalyst Semiconductor
CAT5115 CATALYST-CAT5115 Datasheet
92Kb / 9P
   32-Tap Digitally Programmable Potentiometer
CAT5127 CATALYST-CAT5127_07 Datasheet
245Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5112 CATALYST-CAT5112 Datasheet
36Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5114 CATALYST-CAT5114 Datasheet
41Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP)
logo
ON Semiconductor
CAT5114 ONSEMI-CAT5114 Datasheet
297Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2007 Rev. S
CAT5127 ONSEMI-CAT5127 Datasheet
638Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2127 Rev. E
logo
Catalyst Semiconductor
CAT5114 CATALYST-CAT5114_08 Datasheet
306Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com