Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM2325-47 Datasheet(PDF) 1 Page - Stealth Microwave, Inc.

Part # SM2325-47
Description  2300-2500 MHz 50 Watt Linear Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Direct Link  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM2325-47 Datasheet(HTML) 1 Page - Stealth Microwave, Inc.

  SM2325-47 Datasheet HTML 1Page - Stealth Microwave, Inc. SM2325-47 Datasheet HTML 2Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM2325-47
2300-2500 MHz
50 Watt Linear Power Amplifier
FOR ISM, WCS, & WLL APPLICATIONS
Parameter
Specification
Frequency Range
2.3 - 2.5 GHz
Pout (P1dB)
+ 47 dBm (typ.)
Third Order Intercept
Point
+ 58 dBm
Linear Gain
56 dB ± 1 dB
Gain Flatness over
Full Band
± .5 dB
Gain Change over
Temperature
± .5 dB
Input/Output Return
Loss
-14/-18 dB
DC Input Voltage
+ 12 Volts
DC Input Current
18 Amperes
(Varies per application)
Mechanical Dimensions
(With Heatsink)
7.5 x 5.0 x 3.3 inches
RF Connectors
SMA Female
Operating Temperature
0ºC to +55ºC
Operating Humidity
95% Non-condensing
Operating Altitude
Up to 10,000 feet above Sea
Level
The SM2325-47 is a solid state GaAs
amplifier designed for the ISM, Fixed
Wireless, and Wireless Local Loop markets.
The amplifier operates from 2.3 to 2.5 GHz,
provides 56 dB of linear gain, and the
output power at P1dB is 50 watts. By using
the latest surface mount technologies, this
small amplifier can easily fit into tightly
packed transmitters and repeaters. The unit
is available in modular form (non-heatsink
version with thru-holes) or as a rack
mountable amplifier.
Features
• Mis-Match Protected
• Single Power Supply
• Over/Reverse Voltage Protection
• Thermal Protection with Auto Reset
• Temperature Compensation
• Integral Output Isolator
Options
• Forward/Reverse Power Detection
• RF Sampling
• High Speed Switching for TDD
• Logic On/Off Control
• Integral Heatsink
Configurations
• Module
• 19” Rack


Similar Part No. - SM2325-47

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM2325-47L STEALTH_MICROWAVE-SM2325-47L Datasheet
127Kb / 2P
   2300-2500 MHz 50 Watt Linear Power Amplifier
More results

Similar Description - SM2325-47

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM2325-47L STEALTH_MICROWAVE-SM2325-47L Datasheet
127Kb / 2P
   2300-2500 MHz 50 Watt Linear Power Amplifier
SM2325-41 STEALTH_MICROWAVE-SM2325-41 Datasheet
115Kb / 2P
   2300-2500 MHz 12 Watt Linear Power Amplifier
SM2325-34HS STEALTH_MICROWAVE-SM2325-34HS Datasheet
93Kb / 2P
   2300-2500 MHz 3 Watt Linear Power Amplifier
SM2325-41L STEALTH_MICROWAVE-SM2325-41L Datasheet
84Kb / 2P
   2300-2500 MHz 12 Watt Linear Power Amplifier
SM2325-44 STEALTH_MICROWAVE-SM2325-44 Datasheet
172Kb / 3P
   2300-2500 MHz 25 Watt Linear Power Amplifier
SM2325-50L STEALTH_MICROWAVE-SM2325-50L Datasheet
121Kb / 2P
   2300-2500 MHz 100 Watt Linear Power Amplifier
SM2325-37HS STEALTH_MICROWAVE-SM2325-37HS Datasheet
97Kb / 2P
   2300-2500 MHz 5 Watt Linear Power Amplifier
SM2325-44L STEALTH_MICROWAVE-SM2325-44L Datasheet
81Kb / 2P
   2300-2500 MHz 25 Watt Linear Power Amplifier
SM2325-50 STEALTH_MICROWAVE-SM2325-50 Datasheet
111Kb / 2P
   2300-2500 MHz 100 Watt Linear Power Amplifier
SM2325-37H STEALTH_MICROWAVE-SM2325-37H Datasheet
80Kb / 2P
   2300-2500 MHz 5 Watt Linear Power Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com