Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM2325-47 Datasheet(PDF) 2 Page - Stealth Microwave, Inc.

Part # SM2325-47
Description  2300-2500 MHz 50 Watt Linear Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Direct Link  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM2325-47 Datasheet(HTML) 2 Page - Stealth Microwave, Inc.

  SM2325-47 Datasheet HTML 1Page - Stealth Microwave, Inc. SM2325-47 Datasheet HTML 2Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM2325-47
2300-2500 MHz
50 Watt Linear Power Amplifier
FOR ISM, WCS, & WLL APPLICATIONS
DIMENSIONS IN INCHES
Pin
Description
Values
RF Input
Input Connector (SMA Female)
- 9 dBm, typical
RF OUT
Output Connector (SMA Female)
+47 dBm @P1dB
RF SAMPLE
Sample RF Port (SMA Female)
30 dBr
GND
Ground Turret
---
REV
Reverse Power Detector
∞ VSWR @ + 38 dBm ≈ + 1.0 Volts
FWD
Forward Power Detector
+ 38 dBm Output Power
≈ + 2.5 Volts
+12VDC
DC Input Voltage
+ 12 Volts @ 18 Amperes (typ.)
On/Off
TTL Logic On/Off
0 Volts = Off, + 5 Volts = On
Specifications subject to change without notice.


Similar Part No. - SM2325-47

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM2325-47L STEALTH_MICROWAVE-SM2325-47L Datasheet
127Kb / 2P
   2300-2500 MHz 50 Watt Linear Power Amplifier
More results

Similar Description - SM2325-47

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM2325-47L STEALTH_MICROWAVE-SM2325-47L Datasheet
127Kb / 2P
   2300-2500 MHz 50 Watt Linear Power Amplifier
SM2325-41 STEALTH_MICROWAVE-SM2325-41 Datasheet
115Kb / 2P
   2300-2500 MHz 12 Watt Linear Power Amplifier
SM2325-34HS STEALTH_MICROWAVE-SM2325-34HS Datasheet
93Kb / 2P
   2300-2500 MHz 3 Watt Linear Power Amplifier
SM2325-41L STEALTH_MICROWAVE-SM2325-41L Datasheet
84Kb / 2P
   2300-2500 MHz 12 Watt Linear Power Amplifier
SM2325-44 STEALTH_MICROWAVE-SM2325-44 Datasheet
172Kb / 3P
   2300-2500 MHz 25 Watt Linear Power Amplifier
SM2325-50L STEALTH_MICROWAVE-SM2325-50L Datasheet
121Kb / 2P
   2300-2500 MHz 100 Watt Linear Power Amplifier
SM2325-37HS STEALTH_MICROWAVE-SM2325-37HS Datasheet
97Kb / 2P
   2300-2500 MHz 5 Watt Linear Power Amplifier
SM2325-44L STEALTH_MICROWAVE-SM2325-44L Datasheet
81Kb / 2P
   2300-2500 MHz 25 Watt Linear Power Amplifier
SM2325-50 STEALTH_MICROWAVE-SM2325-50 Datasheet
111Kb / 2P
   2300-2500 MHz 100 Watt Linear Power Amplifier
SM2325-37H STEALTH_MICROWAVE-SM2325-37H Datasheet
80Kb / 2P
   2300-2500 MHz 5 Watt Linear Power Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com