Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5259YI-00 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT5259YI-00
Description  Quad Digitally Programmable Potentiometers with 256 Taps and I짼C Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5259YI-00 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT5259YI-00 Datasheet HTML 1Page - ON Semiconductor CAT5259YI-00 Datasheet HTML 2Page - ON Semiconductor CAT5259YI-00 Datasheet HTML 3Page - ON Semiconductor CAT5259YI-00 Datasheet HTML 4Page - ON Semiconductor CAT5259YI-00 Datasheet HTML 5Page - ON Semiconductor CAT5259YI-00 Datasheet HTML 6Page - ON Semiconductor CAT5259YI-00 Datasheet HTML 7Page - ON Semiconductor CAT5259YI-00 Datasheet HTML 8Page - ON Semiconductor CAT5259YI-00 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CAT5259
© 2008 SCILLC. All rights reserved.
1
Doc. No. MD-2000 Rev. I
Characteristics subject to change without notice
NONVOLATILE
DATA
REGISTERS
CONTROL LOGIC
WIPER CONTROL
REGISTERS
I²C BUS
INTERFACE
RW0
RW1
RW2
RW3
RL0
A0
A1
SCL
SDA
A2
A3
RL1
RL2
RL3
RH0
RH1
RH2
RH3
WP
Quad Digitally Programmable Potentiometers
(DPP™) with 256 Taps and I²C Interface
FEATURES
Four linear taper digitally programmable
potentiometers
256 resistor taps per potentiometer
End to end resistance 50kΩ or 100kΩ
Potentiometer control and memory access via
I²C interface
Low wiper resistance, typically 100Ω
Nonvolatile memory storage for up to four
wiper settings for each potentiometer
Automatic recall of saved wiper settings at
power up
2.5 to 6.0 volt operation
Standby current less than 1µA
1,000,000 nonvolatile WRITE cycles
100 year nonvolatile memory data retention
24-lead SOIC and 24-lead TSSOP packages
Industrial temperature range
For Ordering Information details, see page 15.
PIN CONFIGURATION
SOIC (W)
TSSOP (Y)
NC
1
24 A3
A0
2
23 SCL
RW3 3
22 RL2
RH3 4
21 RH2
RL3 5
20 RW2
NC
6
19 NC
VCC 7
18 GND
RLO 8
17 RW1
RHO 9
16 RH1
RWO 10
15 RL1
A2 11
14 A1
12
13 SDA
DESCRIPTION
The CAT5259 is four digitally programmable poten–
tiometers (DPPs™) integrated with control logic and
16 bytes of NVRAM memory. Each DPP consists of a
series of resistive elements connected between two
externally accessible end points. The tap points
between each resistive element are connected to the
wiper outputs with CMOS switches. A separate 8-bit
control register (WCR) independently controls the
wiper tap switches for each DPP. Associated with
each wiper control register are four 8-bit non-volatile
memory data registers (DR) used for storing up to four
wiper settings. Writing to the wiper control register or
any of the non-volatile data registers is via a I²C serial
bus. On power-up, the contents of the first data
register (DR0) for each of the four potentiometers
is automatically loaded into its respective wiper
control registers.
The CAT5259 can be used as a potentiometer or as a
two terminal, variable resistor. It is intended for circuit
level or system level adjustments in a wide variety of
applications. It is available in the 0ºC to 70ºC
commercial and -40ºC to 85ºC industrial operating
temperature ranges and offered in a 24-lead SOIC
and TSSOP package.
FUNCTIONAL DIAGRAM


Similar Part No. - CAT5259YI-00

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5259YI-00 CATALYST-CAT5259YI-00 Datasheet
283Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
logo
ON Semiconductor
CAT5259YI-00-T2 ONSEMI-CAT5259YI-00-T2 Datasheet
730Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
Doc. No. MD-2000 Rev. J
CAT5259YI-00-T2 ONSEMI-CAT5259YI-00-T2 Datasheet
211Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
logo
Catalyst Semiconductor
CAT5259YI-00TE13 CATALYST-CAT5259YI-00TE13 Datasheet
137Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP) with 256 Taps and 2-wire Interface
More results

Similar Description - CAT5259YI-00

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5259 ONSEMI-CAT5259 Datasheet
730Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
Doc. No. MD-2000 Rev. J
logo
Catalyst Semiconductor
CAT5259 CATALYST-CAT5259_08 Datasheet
283Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
logo
ON Semiconductor
CAT5409WI-25 ONSEMI-CAT5409WI-25 Datasheet
234Kb / 16P
   Quad Digitally Programmable Potentiometers with 64 Taps and I짼C Interface
Doc. No. MD-2010 Rev. L
CAT5409 ONSEMI-CAT5409 Datasheet
252Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and I짼C Interface
Doc. No. MD-2010 Rev. M
logo
Catalyst Semiconductor
CAT5409 CATALYST-CAT5409_08 Datasheet
308Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and I짼C Interface
CAT5259 CATALYST-CAT5259 Datasheet
137Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP) with 256 Taps and 2-wire Interface
logo
ON Semiconductor
CAT5261WI-50 ONSEMI-CAT5261WI-50 Datasheet
240Kb / 15P
   Dual Digitally Programmable Potentiometers with 256 Taps and SPI Interface
Doc. No. MD-2122 Rev. F
CAT5241WI-25 ONSEMI-CAT5241WI-25 Datasheet
218Kb / 16P
   Quad Digitally Programmable Potentiometer with 64 Taps and I짼C Interface
Doc. No. MD-2011 Rev. Q
CAT5269WI-50 ONSEMI-CAT5269WI-50 Datasheet
247Kb / 16P
   Dual Digitally Programmable Potentiometers with 256 Taps and 2-wire Interface
Doc. No. MD-2123 Rev. E
CAT5261 ONSEMI-CAT5261 Datasheet
253Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
Doc. No. MD-2122 Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com