Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5259YI-00 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT5259YI-00
Description  Quad Digitally Programmable Potentiometers with 256 Taps and I짼C Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5259YI-00 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT5259YI-00 Datasheet HTML 1Page - ON Semiconductor CAT5259YI-00 Datasheet HTML 2Page - ON Semiconductor CAT5259YI-00 Datasheet HTML 3Page - ON Semiconductor CAT5259YI-00 Datasheet HTML 4Page - ON Semiconductor CAT5259YI-00 Datasheet HTML 5Page - ON Semiconductor CAT5259YI-00 Datasheet HTML 6Page - ON Semiconductor CAT5259YI-00 Datasheet HTML 7Page - ON Semiconductor CAT5259YI-00 Datasheet HTML 8Page - ON Semiconductor CAT5259YI-00 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CAT5259
Doc. No. MD-2000 Rev. I
2
© 2008 SCILLC. All rights reserved.
Characteristics subject to change without notice
PIN DESCRIPTIONS
SCL: Serial Clock
The CAT5259 serial clock input pin is used to
clock all data transfers into or out of the device.
SDA: Serial Data
The CAT5259 bidirectional serial data pin is
used to transfer data into and out of the device.
The SDA pin is an open drain output and can
be wire-Ored with the other open drain or open
collector I/Os.
A0, A1, A2, A3: Device Address Inputs
These inputs set the device address when
addressing multiple devices. A total of sixteen
devices can be addressed on a single bus. A
match in the slave address must be made with
the
address
input
in
order
to
initiate
communication with the CAT5259.
RH, RL: Resistor End Points
The four sets of RH and RL pins are equivalent
to the terminal connections on a mechanical
potentiometer.
RW: Wiper
The four RW pins are equivalent to the wiper
terminal of a mechanical potentiometer.
WP
¯¯¯: Write Protect Input
The WP
¯¯¯ pin when tied low prevents non-volatile
writes to the device (change of wiper control
register is allowed) and when tied high or left
floating
normal
read/write
operations are
allowed. See Write Protection on page 6 for
more details.
DEVICE OPERATION
The CAT5259 is four resistor arrays integrated with a I²C serial interface logic, four 8-bit wiper control registers
and sixteen 8-bit, non-volatile memory data registers. Each resistor array contains 255 separate resistive
elements connected in series. The physical ends of each array are equivalent to the fixed terminals of a
mechanical potentiometer (RH and RL). The tap positions between and at the ends of the series resistors are
connected to the output wiper terminals (RW) by a CMOS transistor switch. Only one tap point for each
potentiometer is connected to its wiper terminal at a time and is determined by the value of the wiper control
register. Data can be read or written to the wiper control registers or the non-volatile memory data registers via
the I²C bus. Additional instructions allow data to be transferred between the wiper control registers and each
respective potentiometer's non-volatile data registers. Also, the device can be instructed to operate in an
"increment/decrement" mode.
Pin
#
Name
Function
1
NC
No Connect
2
A0
Device Address, LSB
3
RW3
Wiper Terminal for Potentiometer 3
4
RH3
High Reference Terminal for Potentiometer 3
5
RL3
Low Reference Terminal for Potentiometer 3
6
NC
No Connect
7
VCC
Supply Voltage
8
RL0
Low Reference Terminal for Potentiometer 0
9
RH0
High Reference Terminal for Potentiometer 0
10
RW0
Wiper Terminal for Potentiometer 0
11
A2
Device Address
12
WP
¯¯¯
Write Protection
13
SDA
Serial Data Input/Output
14
A1
Device Address
15
RL1
Low Reference Terminal for Potentiometer 1
16
RH1
High Reference Terminal for Potentiometer 1
17
RW1
Wiper Terminal for Potentiometer 1
18
GND
Ground
19
NC
No Connect
20
RW2
Wiper Terminal for Potentiometer 2
21
RH2
High Reference Terminal for Potentiometer 2
22
RL2
Low Reference Terminal for Potentiometer 2
23
SCL
Bus Serial Clock
24
A3
Device Address


Similar Part No. - CAT5259YI-00

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5259YI-00 CATALYST-CAT5259YI-00 Datasheet
283Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
logo
ON Semiconductor
CAT5259YI-00-T2 ONSEMI-CAT5259YI-00-T2 Datasheet
730Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
Doc. No. MD-2000 Rev. J
CAT5259YI-00-T2 ONSEMI-CAT5259YI-00-T2 Datasheet
211Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
logo
Catalyst Semiconductor
CAT5259YI-00TE13 CATALYST-CAT5259YI-00TE13 Datasheet
137Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP) with 256 Taps and 2-wire Interface
More results

Similar Description - CAT5259YI-00

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5259 ONSEMI-CAT5259 Datasheet
730Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
Doc. No. MD-2000 Rev. J
logo
Catalyst Semiconductor
CAT5259 CATALYST-CAT5259_08 Datasheet
283Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
logo
ON Semiconductor
CAT5409WI-25 ONSEMI-CAT5409WI-25 Datasheet
234Kb / 16P
   Quad Digitally Programmable Potentiometers with 64 Taps and I짼C Interface
Doc. No. MD-2010 Rev. L
CAT5409 ONSEMI-CAT5409 Datasheet
252Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and I짼C Interface
Doc. No. MD-2010 Rev. M
logo
Catalyst Semiconductor
CAT5409 CATALYST-CAT5409_08 Datasheet
308Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and I짼C Interface
CAT5259 CATALYST-CAT5259 Datasheet
137Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP) with 256 Taps and 2-wire Interface
logo
ON Semiconductor
CAT5261WI-50 ONSEMI-CAT5261WI-50 Datasheet
240Kb / 15P
   Dual Digitally Programmable Potentiometers with 256 Taps and SPI Interface
Doc. No. MD-2122 Rev. F
CAT5241WI-25 ONSEMI-CAT5241WI-25 Datasheet
218Kb / 16P
   Quad Digitally Programmable Potentiometer with 64 Taps and I짼C Interface
Doc. No. MD-2011 Rev. Q
CAT5269WI-50 ONSEMI-CAT5269WI-50 Datasheet
247Kb / 16P
   Dual Digitally Programmable Potentiometers with 256 Taps and 2-wire Interface
Doc. No. MD-2123 Rev. E
CAT5261 ONSEMI-CAT5261 Datasheet
253Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
Doc. No. MD-2122 Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com