Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5261YI-00 Datasheet(PDF) 11 Page - ON Semiconductor

Part # CAT5261YI-00
Description  Dual Digitally Programmable Potentiometers with 256 Taps and SPI Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5261YI-00 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button CAT5261YI-00 Datasheet HTML 7Page - ON Semiconductor CAT5261YI-00 Datasheet HTML 8Page - ON Semiconductor CAT5261YI-00 Datasheet HTML 9Page - ON Semiconductor CAT5261YI-00 Datasheet HTML 10Page - ON Semiconductor CAT5261YI-00 Datasheet HTML 11Page - ON Semiconductor CAT5261YI-00 Datasheet HTML 12Page - ON Semiconductor CAT5261YI-00 Datasheet HTML 13Page - ON Semiconductor CAT5261YI-00 Datasheet HTML 14Page - ON Semiconductor CAT5261YI-00 Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
CAT5261
© 2008 SCILLC. All rights reserved.
11
Doc. No. MD-2122 Rev. F
Characteristics subject to change without notice
Global Transfer Data Register (DR) to Wiper Control Register (WCR)
DEVICE ADDRESSES
INSTRUCTION
CS
¯¯¯ 0 1 0 1 0
0
A
1
A
0
0 0 0 1 R
1
R
0
0
0 CS
¯¯¯
Global Transfer Wiper Control Register (WCR) to Data Register (DR)
DEVICE ADDRESSES
INSTRUCTION
CS
¯¯¯ 0 1 0 1 0 0 A
1
A
0
1 0 0 0 R
1
R
0
00 CS
¯¯¯ High Voltage
Write Cycle
Transfer Wiper Control Register (WCR) to Data Register (DR)
DEVICE ADDRESSES
INSTRUCTION
CS
¯¯¯ 0 1 0 1 0 0 A
1
A
0
1 1 1 0 R
1
R
0
P
1
P
0
CS
¯¯¯ High Voltage
Write Cycle
Transfer Data Register (DR) to Wiper Control Register (WCR)
DEVICE ADDRESSES
INSTRUCTION
CS
¯¯¯ 0 1 0 1 0
0
A
1
A
0
1 1 0 1 R
1
R
0
P
1
P
0
CS
¯¯¯
Increment (I)/Decrement (D) Wiper Control Register (WCR)
DEVICE ADDRESSES
INSTRUCTION
DATA
CS
¯¯¯ 0 1 0 1 0
0
A
1
A
0
0 0 1 0 0 0 P
1
P
0
I/D I/D
. . .
I/D I/D CS
¯¯¯
Notes:
(1) Any write or transfer to the Non-volatile Data Registers is followed by a high voltage cycle after a STOP has been issued.


Similar Part No. - CAT5261YI-00

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5261YI-00 CATALYST-CAT5261YI-00 Datasheet
241Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
logo
ON Semiconductor
CAT5261YI-00-T2 ONSEMI-CAT5261YI-00-T2 Datasheet
253Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
Doc. No. MD-2122 Rev. G
CAT5261YI-00-T2 ONSEMI-CAT5261YI-00-T2 Datasheet
209Kb / 14P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 8
logo
Catalyst Semiconductor
CAT5261YI-00TE13 CATALYST-CAT5261YI-00TE13 Datasheet
95Kb / 15P
   Dual Digitally Programmable Potentiometer
More results

Similar Description - CAT5261YI-00

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5261 ONSEMI-CAT5261 Datasheet
253Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
Doc. No. MD-2122 Rev. G
logo
Catalyst Semiconductor
CAT5261 CATALYST-CAT5261_08 Datasheet
241Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
logo
ON Semiconductor
CAT5411WI-25 ONSEMI-CAT5411WI-25 Datasheet
269Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and SPI Interface
Doc. No. MD-2114 Rev. K
CAT5269WI-50 ONSEMI-CAT5269WI-50 Datasheet
247Kb / 16P
   Dual Digitally Programmable Potentiometers with 256 Taps and 2-wire Interface
Doc. No. MD-2123 Rev. E
CAT5411 ONSEMI-CAT5411 Datasheet
280Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2114 Rev. L
logo
Catalyst Semiconductor
CAT5411 CATALYST-CAT5411 Datasheet
93Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and SPI Interface
CAT5411_0710 CATALYST-CAT5411_0710 Datasheet
275Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
logo
ON Semiconductor
CAT5259WI-50 ONSEMI-CAT5259WI-50 Datasheet
271Kb / 16P
   Quad Digitally Programmable Potentiometers with 256 Taps and I짼C Interface
Doc. No. MD-2000 Rev. I
logo
Catalyst Semiconductor
CAT5269 CATALYST-CAT5269 Datasheet
134Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP) with 256 Taps and 2-wire Interface
logo
ON Semiconductor
CAT5401WI-25 ONSEMI-CAT5401WI-25 Datasheet
219Kb / 15P
   Quad Digitally Programmable Potentiometers with 64 Taps and SPI Interface
Doc. No. MD-2012 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com