Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5401WI-10 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CAT5401WI-10
Description  Quad Digitally Programmable Potentiometers with 64 Taps and SPI Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5401WI-10 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CAT5401WI-10 Datasheet HTML 5Page - ON Semiconductor CAT5401WI-10 Datasheet HTML 6Page - ON Semiconductor CAT5401WI-10 Datasheet HTML 7Page - ON Semiconductor CAT5401WI-10 Datasheet HTML 8Page - ON Semiconductor CAT5401WI-10 Datasheet HTML 9Page - ON Semiconductor CAT5401WI-10 Datasheet HTML 10Page - ON Semiconductor CAT5401WI-10 Datasheet HTML 11Page - ON Semiconductor CAT5401WI-10 Datasheet HTML 12Page - ON Semiconductor CAT5401WI-10 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
CAT5401
© 2008 SCILLC. All rights reserved.
9
Doc. No. MD-2012 Rev. I
Characteristics subject to change without notice
The basic sequence of the three byte instructions is
illustrated in Figure 4. These three-byte instructions
exchange data between the WCR and one of the Data
Registers. The WCR controls the position of the wiper.
The response of the wiper to this action will be
delayed by tWRL. A transfer from the WCR (current
wiper position), to a Data Register is a write to non-
volatile memory and takes a minimum of tWR to
complete. The transfer can occur between one of the
four potentiometers and one of its associated
registers; or the transfer can occur between all
potentiometers and one associated register.
Four instructions require a two-byte sequence to
complete, as illustrated in Figure 3. These instructions
transfer data between the host/processor and the
CAT5401; either between the host and one of the data
registers or directly between the host and the Wiper
Control Register. These instructions are:
— XFR Data Register to Wiper Control Register
This transfers the contents of one specified Data
Register to the associated Wiper Control Register.
— XFR Wiper Control Register to Data Register
This transfers the contents of the specified Wiper
Control Register to the specified associated Data
Register.
— Gang XFR Data Register to Wiper Control
Register
This transfers the contents of all specified Data
Registers to the associated Wiper Control
Registers.
— Gang XFR Wiper Counter Register to Data
Register
This transfers the contents of all Wiper Control
Registers to the specified associated Data
Registers.
Increment/Decrement Command
The final command is Increment/Decrement (Figure
5). The Increment/Decrement command is different
from the other commands. Once the command is
issued the master can clock the selected wiper up
and/or down in one segment steps; thereby providing
a fine tuning capability to the host. For each SCK
clock pulse (tHIGH) while SI is HIGH, the selected wiper
will move one resistor segment towards the RH
terminal. Similarly, for each SCK clock pulse while SI
is LOW, the selected wiper will move one resistor
segment towards the RL terminal.
See Instructions format for more detail.
Figure 3. Two-Byte Instruction Sequence
Figure 4. Three-Byte Instruction Sequence
Figure 5. Increment/Decrement Instruction Sequence
01
0
1
A2
A0
I2
I1
I0
R1 R0 P1
SI
ID3 ID2 ID1 ID0
P0
Device ID
Internal
Instruction
Opcode
Address
Register
Address
Pot/WCR
Address
A1
A3
I3
00
I3
I2
I1
I0
R1 R0
ID3 ID2 ID1 ID0
Device ID
Internal
Instruction
Opcode
Address
Data
Register
Address
Pot/WCR
Address
WCR[7:0]
or
Data Register D[7:0]
0
101
00
A2
A1
A0
P1 P0
SI
D7
D6 D5 D4 D3 D2
D1 D0
A3
I3
I2
I1
I0
ID3 ID2 ID1 ID0
Device ID
Internal
Instruction
Opcode
Address
Data
Register
Address
Pot/WCR
Address
0
10100
A2
A1 A0
R0 P1 P0
SI
I
N
C
1
I
N
C
2
I
N
C
n
D
E
C
1
D
E
C
n
R1
A3


Similar Part No. - CAT5401WI-10

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5401WI-10 CATALYST-CAT5401WI-10 Datasheet
331Kb / 15P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
logo
ON Semiconductor
CAT5401WI-10-T1 ONSEMI-CAT5401WI-10-T1 Datasheet
244Kb / 15P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2012 Rev. J
CAT5401WI-10-T1 ONSEMI-CAT5401WI-10-T1 Datasheet
208Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
More results

Similar Description - CAT5401WI-10

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5401 CATALYST-CAT5401_07 Datasheet
331Kb / 15P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
logo
ON Semiconductor
CAT5401 ONSEMI-CAT5401 Datasheet
244Kb / 15P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2012 Rev. J
CAT5411WI-25 ONSEMI-CAT5411WI-25 Datasheet
269Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and SPI Interface
Doc. No. MD-2114 Rev. K
CAT5409WI-25 ONSEMI-CAT5409WI-25 Datasheet
234Kb / 16P
   Quad Digitally Programmable Potentiometers with 64 Taps and I짼C Interface
Doc. No. MD-2010 Rev. L
CAT5411 ONSEMI-CAT5411 Datasheet
280Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2114 Rev. L
logo
Catalyst Semiconductor
CAT5411 CATALYST-CAT5411 Datasheet
93Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and SPI Interface
CAT5411_0710 CATALYST-CAT5411_0710 Datasheet
275Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
logo
ON Semiconductor
CAT5409 ONSEMI-CAT5409 Datasheet
252Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and I짼C Interface
Doc. No. MD-2010 Rev. M
logo
Catalyst Semiconductor
CAT5409 CATALYST-CAT5409_08 Datasheet
308Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and I짼C Interface
CAT5411 CATALYST-CAT5411_07 Datasheet
279Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP TM) with 64 Taps and SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com